Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS110D Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS110D
Description  Filter Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS110D Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS110D Datasheet HTML 1Page - Vectron International, Inc TFS110D Datasheet HTML 2Page - Vectron International, Inc TFS110D Datasheet HTML 3Page - Vectron International, Inc TFS110D Datasheet HTML 4Page - Vectron International, Inc TFS110D Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
tfs110D.doc
Version 1.0
15.03.2001
VI TELEFILTER
Filter Specification
TFS 110D
1/5
VI TELEFILTER
Vectron International, Inc.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
e-mail:
tft@telefilter.com
e-mail:
vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as
a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Measurement condition
Ambient temperature :
23° C
Input power level :
0 dBm
Terminating impedances :
for input:
890
Ω || - 5,6 pF
for output:
680
Ω || - 5,9 pF
Characteristics
Remark: Reference level for the relative attenuation arel of the TFS 110 D is the minimum of the pass band attenuation amin. The minimum of the
pass band attenuation amin is defined as the insertion loss ae. The centre (reference) frequency fc is the arithmetic mean value of the upper and
lower frequencies at the 3 dB filter attenuation level relative to the insertion loss ae.
Data
typ. value
tolerance / limit
Insertion loss (Reference level)
ae
11,9 dB
max.
13 dB
Centre frequency
fc at ambient temperature TA (fCAT)
110,592 ± 0,035 MHz
Pass band shape
(3 dB-BW)
Gaussian
Bandwidth
at ambient temperature:
3
dB bandwidth
965
kHz
min.
900
kHz
10
dB bandwidth
1695
kHz
min.
1600
kHz
20
dB bandwidth
2255
kHz
max.
2420
kHz
30
dB bandwidth
2600
kHz
max.
2700
kHz
40
dB bandwidth
2840
kHz
max.
3070
kHz
Relative attenuation
arel
fc ......... fc ± 450 kHz
2,5 dB
max.
3
dB
fc ±
450 kHz … fc ±
800 kHz
8
dB
max.
10
dB
fc ±
1210 kHz … fc ± 1395 kHz
22
dB
min.
20
dB
fc ±
1395 kHz … fc ± 1535 kHz
32
dB
min.
30
dB
fc ±
1535 kHz … fc ± 5,50 MHz
45
dB
min.
40
dB
fc +
5,5 kHz … fc + 10,0 MHz
40...42
dB
min.
38
dB
fc -
10,0 MHz … fc -
5,5 MHz
55...45
dB
<
min.
40
dB
Group delay ( mean value ) :
1,2 µs
Group delay ripple (p-p) :
fc … fc ± 800 kHz
160 ns
max. 300 ns
Deviation from linear phase (p-p):
fc … fc ± 800 kHz
3 °
Frequency inversion temperature ( To )
20
°C
Temperature coefficient ( Tc1f ) 1st order *)
0
ppm/K
max. ± 7,5 ppm/K
Temperature coefficient ( Tc2f ) 2nd order **)
- 0,036 ppm/K²
-
Operating temperature range
- 20 °C ... + 85 °C
Storage temperature range
- 25 °C ... + 90 °C
Input power level
-max.
10
dBm
Permissible DC voltage
VDC
-12
V
Permissible AC voltage
Vpp
-10
V
* )
∆fc(Hz) = Tc1f(ppm/K) x (T - To) x fTo (MHz)
** )
∆fc(Hz) = Tc2f(ppm/K) x (T - To)² x fTo (MHz)
fTo is reference frequency fc at frequency inversion temperature (To )
Generated:
Dunzow W.
Checked/Approved:
Dr. Bert Wall


Similar Part No. - TFS110D

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS110A VECTRON-TFS110A Datasheet
121Kb / 5P
   Filter specification
TFS110AA VECTRON-TFS110AA Datasheet
144Kb / 5P
   Filter specification
TFS110AB VECTRON-TFS110AB Datasheet
142Kb / 5P
   Filter specification
TFS110AC VECTRON-TFS110AC Datasheet
192Kb / 5P
   Filter specification
TFS110AD VECTRON-TFS110AD Datasheet
99Kb / 5P
   Filter specification
More results

Similar Description - TFS110D

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com