Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS1220 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS1220
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS1220 Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS1220 Datasheet HTML 1Page - Vectron International, Inc TFS1220 Datasheet HTML 2Page - Vectron International, Inc TFS1220 Datasheet HTML 3Page - Vectron International, Inc TFS1220 Datasheet HTML 4Page - Vectron International, Inc TFS1220 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TFS1220.doc
version 1.4
21.08.02
VI TELEFILTER
Filter specification
TFS 1220
1/5
VI TELEFILTER
Potsdamer Straße 18
Measurement condition
Ambient temperature:
23
°C
Input power level:
0 dBm
Terminating impedances*:
input: 95
Ω // -0.3 pF
output: 95
Ω // -0.3 pF
Characteristics
Remark:
Reference level for the relative attenuation arel of the TFS 1220 is the minimum of the pass band attenuation amin. The minimum of the pass
band attenuation amin is defined as the insertion loss ae. The centre frequency fc is the arithmetic mean value of the upper and lower frequencies
at the 3 dB filter attenuation level relative to the insertion loss ae. The nominal frequency fN is fixed at 1220,0 MHz without tolerance. The given
values for the relative attenuation arel have to be reached at the frequencies given below even if the centre frequency fc is shifted due to the
temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance for the centre frequency fc
D a t a
typ. value
Variation/ Limitation
Insertion loss
ae = amin
4,0
dB
max.
6,0
dB
(Reference level)
Nominal frequency
fN
-
1220
MHz
Centre frequency
fc
1220
MHz
Passband ripple
(P-P) within fN ± 100 KHz
0,40
dB
max
1,0
dB
Group delay ripple within fN ± 100 KHz
43,0
ns
max. 100
ns
Relative attenuation
arel
fN
....... fN ±
0,1MHz
0,40
dB
max.
1
dB
fN ± 4 MHz ....... fN ±
5 MHz
25,0
dB
min.
10
dB
fN ± 5 MHz ....... fN ±
6 MHz
28,0
dB
min.
12
dB
fN ± 6 MHz ....... fN ±
20 MHz
37,0
dB
min.
14
dB
fN + 20 MHz ....... fN + 180 MHz
35,0
dB
min.
30
dB
fN - 20 MHz ....... fN - 1150 MHz
45,0
dB
min.
30
dB
Temperature coefficient of frequency
TCf
-0,050 ppm/K²
Frequency inversion temperature
40 °C.
Operating temperature range
- 40 °C ... + 85 °C
Storage temperature range
- 45 °C ... + 90 °C
Input power level
max.
10
dBm
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as
reference values only. Should there be additional questions do not hesitate to ask for an application note or contact our design team.
generated
:
checked / approved :
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
Mail:
tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS1220

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS1220 VECTRON-TFS1220 Datasheet
28Kb / 2P
   The filter is single ended driven
logo
List of Unclassifed Man...
TFS1220B ETC-TFS1220B Datasheet
78Kb / 6P
   TELEFILTER
logo
Vectron International, ...
TFS1220B VECTRON-TFS1220B Datasheet
96Kb / 6P
   VI TELEFILTER
TFS1220C VECTRON-TFS1220C Datasheet
153Kb / 5P
   Vectron International Filter specification
TFS1220E VECTRON-TFS1220E Datasheet
77Kb / 5P
   Vectron International Filter specification
More results

Similar Description - TFS1220

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com