Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50050GAC Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # ZL50050GAC
Description  8 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 32 Inputs and 32 Outputs
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50050GAC Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  ZL50050GAC Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL50050GAC Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL50050GAC Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL50050GAC Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL50050GAC Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL50050GAC Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50050GAC Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50050GAC Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50050GAC Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 94 page
background image
ZL50050
Data Sheet
3
Zarlink Semiconductor Inc.
Device Overview
The ZL50050 has two data ports, the Backplane and the Local port. Both the Backplane and Local ports have two
independent modes of operation, either 16 input and 16 output streams operated at 2.048 Mbps, 4.096 Mbps,
8.192 Mbps or 16.384 Mbps, in any combination, or 8 input and 8 output streams operated at 32.768 Mbps.
The ZL50050 contains two data memory blocks (Backplane and Local) to provide the following switching path
configurations:
• Input-to-Output Unidirectional, supporting 8 K x 8 K switching
• Backplane-to-Local Bi-directional, supporting 4 K x 4 K data switching,
• Local-to-Backplane Bi-directional, supporting 4 K x 4 K data switching,
• Backplane-to-Backplane Bi-directional, supporting 4 K x 4 K data switching.
• Local-to-Local Bi-directional, supporting 4 K x 4 K data switching.
The device contains two connection memory blocks, one for the Backplane output and one for the Local output.
Data to be output on the serial streams may come from either of the data memories (Connection Mode) or directly
from the connection memory contents (Message Mode).
In Connection Mode, the contents of the connection memory define, for each output stream and channel, the
source stream and channel (stored in data memory) to be switched.
In Message Mode, microprocessor data can be written to the connection memory for broadcast on the output
streams on a per channel basis. This feature is useful for transferring control and status information to external
circuits or other ST-BUS devices.
The device uses a master frame pulse (FP8i) and master clock (C8i) to define the input frame boundary and timing
for both the Backplane port and the Local port. The device will automatically detect whether an ST-BUS or a GCI-
Bus style frame pulse is being used. There is a two-frame delay from the time RESET is de-asserted to the
establishment of full switch functionality. During this period, the input frame pulse format is determined before
switching begins.
The device provides FP8o, FP16o, C8o and C16o outputs to support external devices connected to the outputs of
the Backplane and Local ports.
A non-multiplexed Motorola microprocessor port allows programming of the various device operation modes and
switching configurations. The microprocessor port provides access for Register read/write, Connection Memory
read/write and Data Memory read-only operations. The port has a 15-bit address bus, 16-bit data bus and 4 control
signals. The microprocessor may monitor channel data in the Backplane and Local data memories.
The mandatory requirements of the IEEE-1149.1 (JTAG) standard are fully supported via a dedicated test port.
The ZL50050 is available in one package:
• a 15 mm x 15 mm body, 1mm ball-pitch, 196-PBGA.


Similar Part No. - ZL50050GAC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50051 ZARLINK-ZL50051 Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50051GAC ZARLINK-ZL50051GAC Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50052 ZARLINK-ZL50052 Datasheet
449Kb / 59P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
ZL50052GAC ZARLINK-ZL50052GAC Datasheet
449Kb / 59P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
ZL50053QCC ZARLINK-ZL50053QCC Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
More results

Similar Description - ZL50050GAC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50060 ZARLINK-ZL50060 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50057 ZARLINK-ZL50057 Datasheet
815Kb / 108P
   12 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 48 Inputs and 48 Outputs
ZL50075 ZARLINK-ZL50075 Datasheet
499Kb / 60P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 2 Streams (8, 16, 32 or 64 Mbps), and 64 Inputs and 64 Outputs
ZL50073 ZARLINK-ZL50073_06 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
ZL50052 ZARLINK-ZL50052 Datasheet
449Kb / 59P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
ZL50070 ZARLINK-ZL50070 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50051 ZARLINK-ZL50051 Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50063 ZARLINK-ZL50063 Datasheet
453Kb / 60P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (32Mbps), and 32 Inputs and 32 Output
ZL50062 ZARLINK-ZL50062 Datasheet
883Kb / 68P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com