Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YTD428 Datasheet(PDF) 11 Page - YAMAHA CORPORATION

Part # YTD428
Description  DSU LSI for the ISDN Terminal Equipment
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YTD428 Datasheet(HTML) 11 Page - YAMAHA CORPORATION

Back Button YTD428 Datasheet HTML 6Page - YAMAHA CORPORATION YTD428 Datasheet HTML 7Page - YAMAHA CORPORATION YTD428 Datasheet HTML 8Page - YAMAHA CORPORATION YTD428 Datasheet HTML 9Page - YAMAHA CORPORATION YTD428 Datasheet HTML 10Page - YAMAHA CORPORATION YTD428 Datasheet HTML 11Page - YAMAHA CORPORATION YTD428 Datasheet HTML 12Page - YAMAHA CORPORATION YTD428 Datasheet HTML 13Page - YAMAHA CORPORATION YTD428 Datasheet HTML 14Page - YAMAHA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
- 11 -
t SW
2.4 V
0.4 V
2.4 V
0.4 V
1.35 V
0.15 V
-0.15 V
-1.35 V
t SRH
t SRL
t SW
t SR
t SF
t SR
t SF
t SDZ
t SFH
t SFH
t SFL
t SFL
t SRL
t SRH
t GAP
Transmit signal (O)
(LOI - LO2)
LTD (I)
HTD (I)
Figure 3 Transmit Timing
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
d
o
i
r
e
P
e
s
l
u
P
D
T
L
,
D
T
Ht W
S
5
9
.
45
4
.
5s
µ
p
a
G
e
s
l
u
P
D
T
L
,
D
T
Ht
P
A
G
00
6
2s
n
e
m
i
T
e
s
i
R
D
T
L
,
D
T
Ht R
S
0
6
2s
n
e
m
i
T
l
l
a
F
D
T
L
,
D
T
Ht F
S
0
3s
n
l
a
n
g
i
S
t
i
m
s
n
a
r
T
e
m
i
T
y
a
l
e
D
t L
R
S
1
e
t
o
N0
0
9
4s
n
t H
R
S
1
e
t
o
N0
9
40
1
0
1s
n
t H
F
S
1
e
t
o
N0
5
6
1s
n
t L
F
S
1
e
t
o
N5
6
15
8
6s
n
e
m
i
T
y
a
l
e
D
s
s
o
r
C
o
r
e
Zt Z
D
S
1
e
t
o
N0
9
40
1
0
1s
n
s T Reference Point Transmit Characteristic (TE mode)
(VDD = 5.0 V, Top = -20 ~ 70
°C, CL = 50 pF)
Note 1
Measuring with RL voltage drop as shown in Figure 4.
Note 2
Figure 3 shows the timing when TDP = “H”. When TDP = “L”, the output signal polarity from HRD and LRD pins are
inverted.


Similar Part No. - YTD428

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YTD428 YAMAHA-YTD428 Datasheet
928Kb / 28P
   IDSU ISDN DSU for Terminal Equipment
YTD428 YAMAHA-YTD428_07 Datasheet
928Kb / 28P
   IDSU ISDN DSU for Terminal Equipment
More results

Similar Description - YTD428

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YTD428 YAMAHA-YTD428_07 Datasheet
928Kb / 28P
   IDSU ISDN DSU for Terminal Equipment
logo
List of Unclassifed Man...
YTD439 ETC-YTD439 Datasheet
179Kb / 15P
   ISDN BRI controller for Terminal Equipment with built-in DSU
YTD427 ETC-YTD427 Datasheet
172Kb / 23P
   ISDN DSU Analog Front End
logo
Samsung semiconductor
S5L9291 SAMSUNG-S5L9291 Datasheet
684Kb / 88P
   signal processing LSI for the CD
S5L9290X SAMSUNG-S5L9290X Datasheet
324Kb / 48P
   signal processing LSI for the CD
logo
List of Unclassifed Man...
PDIGTR ETC2-PDIGTR Datasheet
110Kb / 1P
   APC Surge Module for Digital Phone Line (T1, CSU, DSU, ISDN, DLL), Replaceable, 1U, for PRM4, PRM24
logo
OKI electronic componet...
MSM6322 OKI-MSM6322 Datasheet
543Kb / 14P
   PITCH CONTROL LSI FOR THE SPEECH SIGNAL
logo
Asahi Kasei Microsystem...
AK2305 AKM-AK2305 Datasheet
481Kb / 43P
   Dual PCM CODEC for ISDN TERMINAL ADAPTER
logo
NEC
UPD72042A NEC-UPD72042A Datasheet
541Kb / 92P
   LSI DEVICES FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
UPD72042B NEC-UPD72042B Datasheet
362Kb / 90P
   LSI DEVICE FOR Inter Equipment Bus (IEBus) PROTOCOL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com