Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLK2226 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLK2226
Description  6 PORT GIGABIT ETHERNET TRANSCEIVER
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2226 Datasheet(HTML) 2 Page - Texas Instruments

  TLK2226 Datasheet HTML 1Page - Texas Instruments TLK2226 Datasheet HTML 2Page - Texas Instruments TLK2226 Datasheet HTML 3Page - Texas Instruments TLK2226 Datasheet HTML 4Page - Texas Instruments TLK2226 Datasheet HTML 5Page - Texas Instruments TLK2226 Datasheet HTML 6Page - Texas Instruments TLK2226 Datasheet HTML 7Page - Texas Instruments TLK2226 Datasheet HTML 8Page - Texas Instruments TLK2226 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
www.ti.com
MAC/
PACKET
PROCESSOR
TLK2226
TX+
TX−
RX+
RX−
TDA..F[4:0]
RD..F[4:0]
TCLK
RCLK
6
6
Line Card
SWITCH
FABRIC
TLK2226
TX+
TX−
TDA..F[4:0]
RDA..F4:0]
TCLK
RCLK
6
6
RX+
RX−
TLK2226
TX+
TX−
RX+
RX−
TDA..F[4:0]
RDA..F4:0]
TCLK
RCLK
6
6
Electrical to
Optical Array
6
6
TLK2226
SLLS689 – JANUARY 2006
The TLK2226 supports two modes that can repeat data from a channel’s serial receiver to the adjacent channel’s
serial transmitter: serial repeater mode and retiming repeater mode. In serial repeater mode, the clock/data
recovery (CDR) function will lock onto the incoming data stream and will pass this data stream over to the
adjacent channel to be retransmitted. In serial repeater mode, the data stream stays in the same clock domain
as the incoming data; there is no clock tolerance compensation function performed to align the data stream to
the reference clock domain. In retiming repeater mode, the CDR function will lock onto the incoming data stream
but the data will be deserialized and passed through the CTC FIFO and then serialized for transmission on the
adjacent channel. In both repeater modes, the received data for Channel A is retransmitted on the output for
channel B while the received data for Channel B is retransmitted on the output for Channel A. Likewise, Channel
C is paired with Channel D, and Channel E is paired with Channel F. The repeater modes can be enabled on a
channel by channel basis through the use of register control bits programmed through the MDIO interface.
The recovered data clock frequency can be aligned to the reference clock on each channel by means of a clock
tolerance compensation circuit and internal FIFO that will insert or drop Idle 20-bit IDLE codes as needed in the
absence of data. The received data for all channels are aligned to a single receive data clock that is a buffered
version of the reference clock.
The TLK2226 supports a selectable IEEE802.3z compliant 8b/10b encoder/decoder in all its 1.25Gbps modes of
operation, and a IEEE802 compliant 4b/5b encoder/decoder in its 125Mbps mode of operation.
The TLK2226 supports selectable RTBI and RGMII interface to supervision ASIC.
The TLK2226 automatically locks onto incoming data without the need to pre-lock.
Detection of whether the incoming data stream is at 1.25 Gbps or 125 Mbps data rate is automatic.
A comprehensive series of built-in tests for self-test purposes including loopback and PRBS generation and
verification is provided. An IEEE 1149.1 JTAG port is also supported to aid in board manufacturing test.
This device is housed in a small form factor 15
× 15 mm, 196-pin, BGA with 1,0 mm ball pitch and is
characterized to support the commercial temperature range of 0
°C to 70°C.
Expect the TLK2226 to consume less than 1.5 W, when operating at 1.25 Gbps.
The TLK2226 is designed to be hot plug capable. A power-on reset puts the parallel side output signal pins in a
high-impedance state during power-up as well as pulls both TX+ and TX– to VDDA through 500
Ω.
Figure 1. TLK2226 System Implementation Diagram
2
Submit Documentation Feedback


Similar Part No. - TLK2226

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2226GEA TI1-TLK2226GEA Datasheet
551Kb / 52P
[Old version datasheet]   6 PORT GIGABIT ETHERNET TRANSCEIVER
TLK2226ZEA TI1-TLK2226ZEA Datasheet
551Kb / 52P
[Old version datasheet]   6 PORT GIGABIT ETHERNET TRANSCEIVER
TLK2226 TI1-TLK2226_09 Datasheet
551Kb / 52P
[Old version datasheet]   6 PORT GIGABIT ETHERNET TRANSCEIVER
More results

Similar Description - TLK2226

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2226 TI1-TLK2226_09 Datasheet
551Kb / 52P
[Old version datasheet]   6 PORT GIGABIT ETHERNET TRANSCEIVER
TLK2208 TI-TLK2208 Datasheet
545Kb / 40P
[Old version datasheet]   8-PORT GIGABIT ETHERNET TRANSCEIVER
TLK2208A TI-TLK2208A Datasheet
537Kb / 40P
[Old version datasheet]   8-PORT GIGABIT ETHERNET TRANSCEIVER
TLK2208BGPV TI1-TLK2208BGPV Datasheet
539Kb / 41P
[Old version datasheet]   8-PORT GIGABIT ETHERNET TRANSCEIVER
TLK2208 TI1-TLK2208_08 Datasheet
621Kb / 42P
[Old version datasheet]   8-PORT GIGABIT ETHERNET TRANSCEIVER
TLK2218 TI-TLK2218 Datasheet
744Kb / 39P
[Old version datasheet]   8-PORT GIGABIT ETHERNET TRANSCEIVER
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
   GIGABIT ETHERNET TRANSCEIVER
logo
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
   Gigabit Ethernet Transceiver
logo
STMicroelectronics
GIGA090 STMICROELECTRONICS-GIGA090 Datasheet
66Kb / 4P
   90nm Single Port Embeddable Gigabit Ethernet Transceiver
logo
ORing Industrial Networ...
IGS-9042GP ORING-IGS-9042GP Datasheet
579Kb / 6P
   Industrial 6-port managed Gigabit Ethernet switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com