Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST25VF020-20-4C-S2AE Datasheet(PDF) 9 Page - Silicon Storage Technology, Inc

Part # SST25VF020-20-4C-S2AE
Description  2 Mbit / 4 Mbit SPI Serial Flash
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF020-20-4C-S2AE Datasheet(HTML) 9 Page - Silicon Storage Technology, Inc

Back Button SST25VF020-20-4C-S2AE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25VF020-20-4C-S2AE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF020-20-4C-S2AE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF020-20-4C-S2AE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF020-20-4C-S2AE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25VF020-20-4C-S2AE Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25VF020-20-4C-S2AE Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25VF020-20-4C-S2AE Datasheet HTML 12Page - Silicon Storage Technology, Inc SST25VF020-20-4C-S2AE Datasheet HTML 13Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 / SST25VF040
9
©2004 Silicon Storage Technology, Inc.
S71231-04-000
6/04
Read
The Read instruction outputs the data starting from the
specified address location. The data output stream is con-
tinuous through all addresses until terminated by a low to
high transition on CE#. The internal address pointer will
automatically increment until the highest memory address
is reached. Once the highest memory address is reached,
the address pointer will automatically increment to the
beginning (wrap-around) of the address space, i.e. for
4 Mbit density, once the data from address location
7FFFFH had been read, the next output will be from
address location 00000H.
The Read instruction is initiated by executing an 8-bit com-
mand, 03H, followed by address bits [A23-A0]. CE# must
remain active low for the duration of the Read cycle. See
Figure 4 for the Read sequence.
FIGURE 4: READ SEQUENCE
Byte-Program
The Byte-Program instruction programs the bits in the
selected byte to the desired data. The selected byte must
be in the erased state (FFH) when initiating a Program
operation. A Byte-Program instruction applied to a pro-
tected memory area will be ignored.
Prior to any Write operation, the Write-Enable (WREN)
instruction must be executed. CE# must remain active low
for the duration of the Byte-Program instruction. The Byte-
Program instruction is initiated by executing an 8-bit com-
mand, 02H, followed by address bits [A23-A0]. Following the
address, the data is input in order from MSB (bit 7) to LSB
(bit 0). CE# must be driven high before the instruction is
executed. The user may poll the Busy bit in the software
status register or wait TBP for the completion of the internal
self-timed Byte-Program operation. See Figure 5 for the
Byte-Program sequence.
FIGURE 5: BYTE-PROGRAM SEQUENCE
1231 F04.1
CE#
SO
SI
SCK
ADD.
01 2 3 4 5 6 7 8
ADD.
ADD.
03
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
70
47
48
55 56
63 64
N+2
N+3
N+4
N
N+1
DOUT
MSB
MSB
MSB
MODE 0
MODE 3
DOUT
DOUT
DOUT
DOUT
1231 F05.1
CE#
SO
SI
SCK
ADD.
01 2 3 4 5 6 7 8
ADD.
ADD.
DIN
02
HIGH IMPEDANCE
15 16
23 24
31 32
39
MODE 0
MODE 3
MSB
MSB
MSB
LSB


Similar Part No. - SST25VF020-20-4C-S2AE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF020-20-4C-SAE SST-SST25VF020-20-4C-SAE Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
More results

Similar Description - SST25VF020-20-4C-S2AE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A Datasheet
300Kb / 26P
   2 Mbit / 4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
logo
Silicon Storage Technol...
SST25VF020B SST-SST25VF020B Datasheet
887Kb / 33P
   2 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_11 Datasheet
3Mb / 35P
   2 Mbit SPI Serial Flash
2011 Silicon
logo
Silicon Storage Technol...
SST25LF020A SST-SST25LF020A_10 Datasheet
620Kb / 25P
   2 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B Datasheet
1Mb / 33P
   2-Mbit SPI Serial Flash
Revision D / March 2020
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
   4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B Datasheet
350Kb / 28P
   4 Mbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com