Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS80D2 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # TFS80D2
Description  Filter Specification
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS80D2 Datasheet(HTML) 4 Page - Vectron International, Inc

  TFS80D2 Datasheet HTML 1Page - Vectron International, Inc TFS80D2 Datasheet HTML 2Page - Vectron International, Inc TFS80D2 Datasheet HTML 3Page - Vectron International, Inc TFS80D2 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
tfs 80D2doc
Version 1.1
16.05.2000.
VI TELEFILTER
Filter Specification
TFS 80 D2 - 4/4
VI TELEFILTER
Vectron International, Inc.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail: tft@telefilter.com
E-Mail: vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
History
Version
Reason of Changes
Name
Date
1.0
Change filter specifications TFS 80D and TFS 80D1
according to customer requirements:
Dunzow W.
10.05.2000
1.
Change of insertion loss limit :
from ILo = max. 16,0 dB without matching
to
ILo = max. 14,5 dB with matching .
2.
Change of centre frequency tolerance
from
fc = 80,07 ± 0,02 kHz
to
fc = 80,07 ± 0,01 kHz .
3.
Change of band width limit :
from BW(-3dB) = min. 180 kHz without matching
to
BW(-3dB) = min. 200 kHz with matching;
4.
Change of selection from –34 dB up to –36 dB
in fc ± 400 kHz ... fc ± 500 kHz .
1.1
1.
Change of selection limit line ( – 45 dB )
Dunzow W.
16.05.2000
from fc ± 500 kHz ... fc ± 850 kHz
to
fc ± 500 kHz ... fc ± 1000 kHz
2.
Correction of frequency inversion temperature :
from To = 20° to To = 10° (after measure )
and temperature coefficient of frequency :
from Tcf = -0,055 ppm/K² to Tcf = -0,045 ppm/K² .


Similar Part No. - TFS80D2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS80D VECTRON-TFS80D Datasheet
54Kb / 3P
   Filter Specification
TFS80D1 VECTRON-TFS80D1 Datasheet
54Kb / 3P
   Filter Specification
More results

Similar Description - TFS80D2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com