Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9142DB Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SI9142DB
Description  Synchronous Buck Controller for High Performance Processors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9142DB Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SI9142DB Datasheet HTML 3Page - Vishay Siliconix SI9142DB Datasheet HTML 4Page - Vishay Siliconix SI9142DB Datasheet HTML 5Page - Vishay Siliconix SI9142DB Datasheet HTML 6Page - Vishay Siliconix SI9142DB Datasheet HTML 7Page - Vishay Siliconix SI9142DB Datasheet HTML 8Page - Vishay Siliconix SI9142DB Datasheet HTML 9Page - Vishay Siliconix SI9142DB Datasheet HTML 10Page - Vishay Siliconix SI9142DB Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Si9142
Vishay Siliconix
S-60752—Rev. C, 05-Apr-99
FaxBack 408-970-5600, request 70750
10
www.siliconix.com
capacitance, and should not be used for any other external
loads. VL(in) drives the internal circuitry. It should be
connected through an RC filter to VL(out).
Pin 17. LX - Inductor Node
The LX node is used internally to float the high-side n-channel
MOSFET gate drive. During the on-time of this MOSFET, the
gate to source voltage will be (VL(out) - VDIODE). The LX node
is also used internally as the negative sense voltage for over-
current protection.
Pin 19. BST - Bootstrap Voltage
The external high-side n-channel MOSFET gate drive voltage
is derived by bootstrapping the VL(out) voltage on top of the
input
supply
voltage.
The
external
100-nF
capacitor
connected across the BST and LX pins is charged to (VL(out) -
VDIODE) when the external low-side MOSFETs are on. Then,
when the low-side MOSFETs are turned off, BST is internally
connected to DH in order to turn on the high-side MOSFET. DL
is turned on at startup to ensure initial charging of the BST
capacitor.
Pin 20. ICS - Programmable Over-Current Protection
The over-current protection circuit senses the voltage across
the external high-side n-channel MOSFET to determine the
presence of an over-current condition. Current sensing occurs
only during the on-time of this MOSFET. The trigger level of
the over-current circuit is programmable by selecting the
external resistor value connected from VCC to ICS. Once the
over-current circuit has been triggered, it disables both output
gate drives within 250 nsec. The circuit also discharges the
soft-start capacitor as shown in the timing diagram in
Figure 3.
Under Voltage Lock-Out (UVLO)
The internal UVLO circuit is designed to prevent a converter
from starting when insufficient input voltage is present. UVLO
disables the oscillator, soft-start and output drives of the
Si9142 until VL(out) reaches 3.8 V; see Figure 1. The UVLO
circuit has 200-mV hysteresis to prevent turn-on and -off
oscillations. When the oscillator is disabled, the Si9142 is in
stand-by mode, and consumes only 150 µA of supply current.
Start-up Timing Sequence
Please refer to Figure 1 for this description. When VCC
reaches 4 V, VL(out) produces at least 3.8 V, and VREF has
stabilized and is regulating. The UVLO circuit enables the
oscillator and the soft-start circuits. Once the soft-start voltage
exceeds 1.5 V, the gate drive pulses begin, with the duty cycle
of the high-side MOSFET beginning at 0% and gradually
increasing until the output voltage is in regulation.
APPLICATIONS
Setting the Current Limit
The current limit is set by comparing the voltage drop across
the external high-side n-channel MOSFET with the voltage
dropped across a sense resistor connected between VCC and
ICS. The ICS pin draws a constant current, and thus the
equation governing the overcurrent threshold is:
170
µA * R = I
Limit * RMOSFET
Once the on-state resistance of the MOSFET is known, R can
be selected to set the desired current limit. One caution is in
order: since the MOSFET will normally be quite warm, the
resistance used in the equation should be the maximum
resistance at elevated temperatures, not typical resistance at
25
°C. The designer should also leave adequate margin above
the normal output current, both to account for tolerances and
noise in the IC, as well as to permit any initial high currents
while charging output capacitors.
The Boost Diode
The application circuit shows the use of a 1N4148 diode for
the boost circuit. This provides a low-cost component for this
application. However, it may be advantageous in some circuits
to use a Schottky diode instead. The difference is that the
Schottky has less forward drop than the regular rectifier, and
this in turn means a somewhat greater gate drive voltage for
the external high-side MOSFET. For MOSFETs with high gate
threshold and/or low transconductance, the additional gate
drive may prove very beneficial in terms of the heating of the
MOSFET, and in turn the efficiency of the converter. A ½-A,
30-V Schottky works well in this application.
Grounding
The Si9142 is provided with both analog and power ground
pins (AGND and PGND, respectively). Because of the high
gate drive currents the Si9142 can source, it is essential that
these two grounds be separated. PGND should be attached
to the source of the external low-side MOSFET; AGND should
be attached to the small-signal components of the circuit,
such as the timing resistor and the feedback resistor. Each of
these grounds should be run back independently to the input
line capacitors, to avoid ground loops.


Similar Part No. - SI9142DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9140 VISHAY-SI9140 Datasheet
470Kb / 15P
   SMP Controller For High Performance Process Power Supplies
Rev. G, 15-Mar-99
SI9140 VISHAY-SI9140 Datasheet
272Kb / 19P
   MP Controller For High Performance Process Power Supplies
01-Jan-2022
SI9140CQ VISHAY-SI9140CQ Datasheet
470Kb / 15P
   SMP Controller For High Performance Process Power Supplies
Rev. G, 15-Mar-99
SI9140CQ VISHAY-SI9140CQ Datasheet
238Kb / 19P
   MP Controller For High Performance Process Power Supplies
Rev. H, 19-Apr-04
SI9140CQ-T1 VISHAY-SI9140CQ-T1 Datasheet
238Kb / 19P
   MP Controller For High Performance Process Power Supplies
Rev. H, 19-Apr-04
More results

Similar Description - SI9142DB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15046 MAXIM-MAX15046_10 Datasheet
3Mb / 24P
   40V, High-Performance, Synchronous Buck Controller
19-4719; Rev 1; 2/10
MAX15046 MAXIM-MAX15046 Datasheet
3Mb / 23P
   40V, High-Performance, Synchronous Buck Controller
Rev 0; 7/09
logo
Semtech Corporation
SC1401 SEMTECH-SC1401 Datasheet
202Kb / 17P
   HIGH PERFORMANCE SYNCHRONOUS BUCK CONTROLLER WITH LDO FOR PORTABLE POWER
SC4510 SEMTECH-SC4510 Datasheet
733Kb / 16P
   High Performance Synchronous Buck Controller With Reference Tracking
SC2545 SEMTECH-SC2545 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2542 SEMTECH-SC2542 Datasheet
1Mb / 27P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2544 SEMTECH-SC2544 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC4612 SEMTECH-SC4612 Datasheet
425Kb / 24P
   Wide Input Range High Performance Synchronous Buck Switching Controller
logo
National Semiconductor ...
LM27402 NSC-LM27402 Datasheet
670Kb / 32P
   High Performance Synchronous Buck Controller with DCR Current Sensing
logo
Semtech Corporation
SC2442 SEMTECH-SC2442 Datasheet
332Kb / 10P
   High Performance Wide Input Range Dual Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com