Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTR4501NT1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTR4501NT1
Description  Power MOSFET 20 V, 3.2 A, Single N?묬hannel, SOT??3
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTR4501NT1 Datasheet(HTML) 4 Page - ON Semiconductor

  NTR4501NT1 Datasheet HTML 1Page - ON Semiconductor NTR4501NT1 Datasheet HTML 2Page - ON Semiconductor NTR4501NT1 Datasheet HTML 3Page - ON Semiconductor NTR4501NT1 Datasheet HTML 4Page - ON Semiconductor NTR4501NT1 Datasheet HTML 5Page - ON Semiconductor NTR4501NT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NTR4501N
http://onsemi.com
4
td(on)
0
350
0
3
5
8
10
15
20
DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 7. Capacitance Variation
Crss
Coss
Ciss
VGS = 0 V
TJ = 25°C
0
1.0
2.0
4.0
5.0
0
0.5
1.0
1.5
2.0
QG, TOTAL GATE CHARGE (nC)
Figure 8. Gate−to−Source and
Drain−to−Source Voltage versus Total
Charge
TJ = 25°C
ID = 3.2 A
QT
QGD
QGS
1
100
1
10
100
10
Figure 9. Resistive Switching Time Variation
versus Gate Resistance
VDS = 10 V
ID = 3.2 A
VGS = 4.5 V
tr
td(off)
tf
RG, GATE RESISTANCE (W)
0
1
2
3
4
0.3
0.6
0.9
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
Figure 10. Diode Forward Voltage versus
Current
VGS = 0 V
TJ = 25°C
13
18
300
250
200
150
100
50
3.0
2.5
3.0
15
12
9
6
3
0
VGS
VDS
0
1.2


Similar Part No. - NTR4501NT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR4501NT1G ONSEMI-NTR4501NT1G Datasheet
76Kb / 5P
   Power MOSFET
October, 2016 ??Rev. 15
logo
Guangdong Kexin Industr...
NTR4501NT1G KEXIN-NTR4501NT1G Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Similar Description - NTR4501NT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSTR4501NT1G ONSEMI-NSTR4501NT1G Datasheet
116Kb / 5P
   Power MOSFET 20 V, 3.2 A, Single N?묬hannel, SOT??3
August, 2012 ??Rev. 12
NTR4170N ONSEMI-NTR4170N Datasheet
106Kb / 5P
   Power MOSFET 30 V, 3.2 A, Single N?묬hannel, SOT??3
June, 2008 ??Rev. 0
NTR3161N ONSEMI-NTR3161N Datasheet
105Kb / 5P
   Power MOSFET 20 V, 3.3 A, Single N?묬hannel, SOT??3
June, 2008 ??Rev. 0
MGSF1N03LT1 ONSEMI-MGSF1N03LT1 Datasheet
74Kb / 4P
   Power MOSFET 30 V, 2.1 A, Single N?묬hannel, SOT??3
March, 2005 ??Rev. 7
logo
List of Unclassifed Man...
MGSF1N03L ETC1-MGSF1N03L Datasheet
124Kb / 5P
   Power MOSFET 30 V, 2.1 A, Single N?묬hannel, SOT??3
logo
ON Semiconductor
NTR4503N ONSEMI-NTR4503N Datasheet
70Kb / 6P
   Power MOSFET 30 V, 2.5 A, Single N?묬hannel, SOT??3
March, 2005 ??Rev. 3
NTR4171P ONSEMI-NTR4171P Datasheet
114Kb / 6P
   Power MOSFET ??0 V, ??.5 A, Single P?묬hannel, SOT??3
June, 2008 ??Rev. 0
NTR3162P ONSEMI-NTR3162P Datasheet
129Kb / 6P
   Power MOSFET ??0 V, ??.6 A, Single P?묬hannel, SOT??3
May, 2008 ??Rev. 0
NTR4502P ONSEMI-NTR4502P Datasheet
136Kb / 5P
   Power MOSFET ??0 V, ??.95 A, Single, P?묬hannel, SOT??3
April, 2009 ??Rev. 4
NVR4003NT3G ONSEMI-NVR4003NT3G Datasheet
105Kb / 5P
   Small Signal MOSFET 30 V, 0.56 A, Single N?묬hannel, SOT??3
June, 2012 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com