Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1027XD Datasheet(PDF) 4 Page - Mitsumi Electronics, Corp.

Part # MM1027XD
Description  System Reset (with battery back-up) Monolithic IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1027XD Datasheet(HTML) 4 Page - Mitsumi Electronics, Corp.

  MM1027XD Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1027XD Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1027XD Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1027XD Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1027XD Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1027XD Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1027XD Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1027XD Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM1027XD Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MITSUMI
System Reset (with battery back-up) MM1027, 1081
Electrical Characteristics (Except where noted otherwise, Ta=25°C, VCC=5V, VBAT=3V)
Item
Symbol
Measurement conditions
Min. Typ. Max. Units
CS sync current
ICSL
VCC=3.5, VCS=0.4V Current measured
0.5
2.0
-
mA
CS
-----------------------------------------------------
output voltage L
VCC=5V, ICS=3µA
-
0.10 0.25
V
CS
-----------------------------------------------------
output voltage H
VCC=4V, VOUT-VCSH, ICS=-3µA
-
0.14 0.40
V
CS
-----------------------------------------------------
sync current
VCC=5V, VCS=0.4V Current measured
0.3
1.0
-
mA
Operation limit voltage L
VOPL
Minimum power supply voltage at which
-
2.0
2.4
V
CS pin can hold low level VCS <
= 0.4V
ON delay time 1
tPLH1VCC=L
H, TC : OPEN, C1=47pF
-
30
-
µS
OFF delay time 1
tPHL1VCC=H
L, TC : OPEN, C1=47pF
-
2.0
5
µS
ON delay time 2
tPLH2VCC=L
H, TC : 1nF, C1=47pF
-
0.8
-
mS
OFF delay time 2
tPHL2VCC=H
L, TC : 1nF, C1=47pF
-
2.0
10
µS
BATT
MM1027X
VBD1
VCC=5V, R1=10k
Ω PULL UP
2.60 2.70 2.80
V
detection voltage 1 MM1081N
VBAT=H
L (to VCC)
BATT hysteresis voltage 1
VBD1
VCC=5V, R1=10k
Ω PULL UP
0.05 0.10 0.20
V
VBAT=L
H(to VCC)
BATT
MM1027X
VBD2
VCC=5V, R2=10k
Ω PULL UP
2.45 2.55 2.65
V
detection voltage 2 MM1081N
VBAT=H
L (to VCC)
BATT hysteresis voltage 2
VBD2
VCC=5V, R2=10k
Ω PULL UP
0.05 0.10 0.20
V
VBAT=L
H (to VCC)
BD output voltage L
VBDL
VCC=5V, VBAT=0V
-
0.2
0.4
V
BD output sink current
IBDSNK
VCC=5V, VBAT=0V, VBD=4V
1.0
3.0
-
mA
Leakage current
IBDH
VCC=5V, VBAT=3V, VBD=5V
--
0.2
µA
I/O voltage
MM1027
VSAT1
VCC=5V, IO=70mA
-
0.2
0.3
V
difference 1
MM1081
VCC=5V, IO=120mA
-
0.25
0.4
I/O voltage difference 2
VSAT2VBAT=3V, IO=10µA
-
0.2
0.3
V
I/O voltage difference 3
VSAT3VBAT=3V, IO=100µA
-
0.3
0.4
V
External transistor driving current
IBUD
VCC=5V, V (TB) =4.5V
16
25
-
mA
Power supply switching voltage
VBB
VCC=H
L, VBAT=3V
3.15 3.30 3.45
V
Hysteresis voltage
VBB
VCC=L
H, VBAT=3V
0.05 0.10 0.20
V
Switching voltage
MM1027
VBB/ T
--
±0.08
%/°C
temperature characteristic MM1081
±0.06
Loss current
ILOS
VCC=0V, VBAT=3V, IO=0µA
--
0.3
µA
D.CONT pin : GND
Reverse current
IOREV
VCC=0V, VBAT=3V, IO=0µA
--
0.1
µA
D.CONT pin : OPEN
TC source current
ITCSCE
VCC=5V, VTC=0V
2.0
3.0
5.0
µA
CS
-----------------------------------------------------
CS
circuit
unit
BD
circuit
unit
Backup
circuit
unit
VCSL
--------------------------------------------------------------------
VCSH
--------------------------------------------------
ICSL
---------------------------------------------------------------


Similar Part No. - MM1027XD

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1024 MITSUMI-MM1024 Datasheet
146Kb / 5P
   S Video Amplifier Monolithic IC MM1024
MM1024AF MITSUMI-MM1024AF Datasheet
146Kb / 5P
   S Video Amplifier Monolithic IC MM1024
MM1025 MITSUMI-MM1025 Datasheet
63Kb / 6P
   System Reset (with battery back-up) Monolithic IC
logo
Mitsubishi Electric Sem...
MM1026 MITSUBISHI-MM1026 Datasheet
306Kb / 10P
   Monolithic IC MM1026, 1245, 1080 ,1134
logo
Mitsumi Electronics, Co...
MM1029 MITSUMI-MM1029 Datasheet
144Kb / 5P
   S Video Amplifier
More results

Similar Description - MM1027XD

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST620 MITSUMI-PST620 Datasheet
193Kb / 6P
   System Reset (with battery back-up) Monolithic IC
MM1025 MITSUMI-MM1025 Datasheet
63Kb / 6P
   System Reset (with battery back-up) Monolithic IC
MM1106 MITSUMI-MM1106 Datasheet
89Kb / 5P
   System Reset (with watchdog timerbattery back-up)
logo
Mitsubishi Electric Sem...
M62021L MITSUBISHI-M62021L Datasheet
112Kb / 9P
   SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
M62023L MITSUBISHI-M62023L Datasheet
47Kb / 4P
   SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
logo
Renesas Technology Corp
M62023L RENESAS-M62023L_07 Datasheet
207Kb / 13P
   System Reset IC with Switch for 3V Memory Back-up
logo
Mitsumi Electronics, Co...
PST600 MITSUMI-PST600 Datasheet
118Kb / 5P
   System Reset Monolithic IC
PST573 MITSUMI-PST573 Datasheet
134Kb / 6P
   SYSTEM RESET Monolithic IC
PST92XX MITSUMI-PST92XX Datasheet
66Kb / 6P
   IC for System Reset Monolithic IC
PST90XX MITSUMI-PST90XX Datasheet
47Kb / 3P
   IC for System Reset Monolithic IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com