Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT90223AG Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # MT90223AG
Description  4/8/16 Port IMA/TC PHY Device
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT90223AG Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  MT90223AG Datasheet HTML 1Page - Zarlink Semiconductor Inc MT90223AG Datasheet HTML 2Page - Zarlink Semiconductor Inc MT90223AG Datasheet HTML 3Page - Zarlink Semiconductor Inc MT90223AG Datasheet HTML 4Page - Zarlink Semiconductor Inc MT90223AG Datasheet HTML 5Page - Zarlink Semiconductor Inc MT90223AG Datasheet HTML 6Page - Zarlink Semiconductor Inc MT90223AG Datasheet HTML 7Page - Zarlink Semiconductor Inc MT90223AG Datasheet HTML 8Page - Zarlink Semiconductor Inc MT90223AG Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
MT90222/3/4
Data Sheet
2
Zarlink Semiconductor Inc.
General
Supports unframed serial streams up to 10 Mb/s per T1/E1 or DSL link
Single chip ATM IMA & TC processor
Versatile TDM interface for most popular T1 or E1 framers and DSL chipsets
Up to 6 MT90222/3/4 devices can be spanned using a TDM ring supporting 32 links
Provides 8 & 16-bit UTOPIA Level 1 & 2 compatible MPHY Interface (MT90222/3/4 slaved to ATM device)
16-bit microprocessor interface for Intel or Motorola
JTAG test support
2.5 V core, 3.3 V I/O with 5 V tolerant inputs
384 pin PGBA with 1.0 mm pitch balls
MT90222, MT90223 & MT90224 share the same product package and pin-out configuration
Applications
Provides cost effective solutions to implement IMA and/or TC functions over T1, E1, J1 or DSL transport facilities in
broadband access networks. Typical applications are for trunking or subscriber access in:
Integrated multi-service access platforms
Access multiplexers
Next-generation DLC
Wireless local loop
3G wireless base-stations
Preamble
The MT90222, MT90223 and MT90224 form a family of similar devices, differing mainly in the maximum number of
serial links, and are collectively referred to as MT90222/3/4. It should be noted throughout this document whenever
reference is made to the number of serial links that the MT90224 offers a maximum of 16 serial links (links 15:0),
while the MT90223 offers a maximum of 8 serial links (links 14,12,10,8,6,4,2 and 0), and the MT90222 offers a
maximum of 4 serial links (links 12, 8, 4 and 0). Pin and register compatibility has been maintained to offer
interchangeability.
Note: When creating IMA groups for MT90222 the groups 0, 1, 2 and 3 should be used.
Description
The MT90222/3/4 device is targeted to systems implementing the ATM FORUM Inverse Multiplexing for ATM (IMA
version 1.1 and 1.0) or UNI specifications for T1/E1 rates. In the MT90222/3/4 architecture, up to 16 physical and
independent serial links can be terminated through the utilization of off-the-shelf, traditional T1/E1/J1 framers/LIUs
and DSL chip sets. The MT90222/3/4 device can also provide up to 10 Mb/s per link data rates for unframed serial
TDM transmissions for xDSL applications.
The MT90222/3/4 device provides ATM system designers with a flexible architecture when implementing ATM
access over existing trunk interfaces, allowing a migration towards ATM service technology. In addition to the
design of ATM UNI specifications for T1/E1 rates, the MT90222/3/4 device is compliant with the ATM FORUM IMA
specifications for controlling IMA groups of up to 16 trunks in a single chip. The MT90222/3/4 can be configured to
operate in different modes to facilitate the implementation of the IMA function at both CPE and Central Office sites.
For systems targeting ATM over T1/E1 with IMA and TC operating simultaneously, the MT90222/3/4 device
provides the ideal architecture and capabilities.


Similar Part No. - MT90223AG

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT90220 MITEL-MT90220 Datasheet
306Kb / 116P
   Octal IMA/UNI PHY Device
MT90220AL MITEL-MT90220AL Datasheet
306Kb / 116P
   Octal IMA/UNI PHY Device
MT90221 MITEL-MT90221 Datasheet
304Kb / 114P
   Quad IMA/UNI PHY Device
MT90221AL MITEL-MT90221AL Datasheet
304Kb / 114P
   Quad IMA/UNI PHY Device
More results

Similar Description - MT90223AG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30226 ZARLINK-ZL30226 Datasheet
801Kb / 141P
   4/8/16 Port IMA/TC PHY Device for xDSL
logo
Mitel Networks Corporat...
MT90220 MITEL-MT90220 Datasheet
306Kb / 116P
   Octal IMA/UNI PHY Device
MT90221 MITEL-MT90221 Datasheet
304Kb / 114P
   Quad IMA/UNI PHY Device
logo
Maxim Integrated Produc...
DS26102 MAXIM-DS26102 Datasheet
607Kb / 64P
   16-Port TDM-to-ATM PHY
REV: 021403
DS26101 MAXIM-DS26101 Datasheet
560Kb / 62P
   8-Port TDM-to-ATM PHY
REV: 032503
logo
List of Unclassifed Man...
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
Intel Corporation
LXT9785 INTEL-LXT9785 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
PMC-Sierra, Inc
PM7342 PMC-PM7342 Datasheet
65Kb / 2P
   32 Link Inverse Multiplexer for ATM (IMA) / UNI PHY
logo
Texas Instruments
TSB83AA22C TI1-TSB83AA22C_16 Datasheet
1Mb / 115P
[Old version datasheet]   PHY and OHCI Link Device
TSB83AA22C TI-TSB83AA22C Datasheet
146Kb / 8P
[Old version datasheet]   Phy and OHCI Link Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com