Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1027XV Datasheet(PDF) 3 Page - Mitsumi Electronics, Corp.

Part # MM1027XV
Description  System Reset (with battery back-up) Monolithic IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1027XV Datasheet(HTML) 3 Page - Mitsumi Electronics, Corp.

  MM1027XV Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1027XV Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1027XV Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1027XV Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1027XV Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1027XV Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1027XV Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1027XV Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM1027XV Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MITSUMI
System Reset (with battery back-up) MM1027, 1081
Block Diagram
Absolute Maximum Ratings (Ta=25°C)
Item
Symbol
Rating
Units
Storage temperature
TSTG
-40~+125
°C
Operating temperature
TOPR
-20~+70
°C
Power supply voltage
VCC max.
7
V
Operating voltage
VCCOP
7V
Allowable loss
Pd
300
mW
Output current
MM1027
IO190
mA
MM1081
IO1
120
mA
Output current
IO2
200
µA
Electrical Characteristics (Except where noted otherwise, Ta=25°C, VCC=5V, VBAT=3V)
Item
Symbol
Measurement conditions
Min. Typ. Max. Units
Consumption
MM1027
VCC=5V, VBAT=3V, IO=0mA
0.9
1.7
3.0
mA
current 1
ICC1
D.CONT pin : OPEN
MM1081
VCC=5V, VBAT=3V, IO=0mA
150
210
350
µA
Consumption
MM1027
ICC2
VCC=5V, VBAT=3V, IO=0mA
1.2
2.2
3.5
mA
current 2
D.CONT pin : GND
CS, CS detection voltage 1
VS1VCC=H
L, VBAT=3V, ADJ pin : OPEN
4.05 4.20 4.35
V
CS, CS hysteresis voltage 1
VS1VCC=L
H
0.05 0.10 0.20
V
Detection voltage
MM1027
VS/
T
±0.08
%/°C
temperature characteristic MM1081
±0.06
CS, CS detection voltage 2
VS2
VCC=H
L, VBAT=3V
ADJ pin : 12k
Ω PULL UP (to VCC)
3.25 3.50 3.75
V
CS, CS hysteresis voltage 2
VS2VCC=L
H
0.05 0.10 0.20
V
CS output voltage L
VCSL
VCC=3V, ICS=3µA
0.05 0.10
V
CS output voltage H
VCSH
VCC=5V, ICS=-3µA
4.85 4.95
V
CS source current
ICSH
VCC=5V, VCS=4.6V current measured
8
15
µA
Note : IO1 expresses VCC output current value, and IO2 expresses VBATT output current value.
All
circuits
CSCS
---------------------------------
circuit
unit


Similar Part No. - MM1027XV

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1024 MITSUMI-MM1024 Datasheet
146Kb / 5P
   S Video Amplifier Monolithic IC MM1024
MM1024AF MITSUMI-MM1024AF Datasheet
146Kb / 5P
   S Video Amplifier Monolithic IC MM1024
MM1025 MITSUMI-MM1025 Datasheet
63Kb / 6P
   System Reset (with battery back-up) Monolithic IC
logo
Mitsubishi Electric Sem...
MM1026 MITSUBISHI-MM1026 Datasheet
306Kb / 10P
   Monolithic IC MM1026, 1245, 1080 ,1134
logo
Mitsumi Electronics, Co...
MM1029 MITSUMI-MM1029 Datasheet
144Kb / 5P
   S Video Amplifier
More results

Similar Description - MM1027XV

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST620 MITSUMI-PST620 Datasheet
193Kb / 6P
   System Reset (with battery back-up) Monolithic IC
MM1025 MITSUMI-MM1025 Datasheet
63Kb / 6P
   System Reset (with battery back-up) Monolithic IC
MM1106 MITSUMI-MM1106 Datasheet
89Kb / 5P
   System Reset (with watchdog timerbattery back-up)
logo
Mitsubishi Electric Sem...
M62021L MITSUBISHI-M62021L Datasheet
112Kb / 9P
   SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
M62023L MITSUBISHI-M62023L Datasheet
47Kb / 4P
   SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
logo
Renesas Technology Corp
M62023L RENESAS-M62023L_07 Datasheet
207Kb / 13P
   System Reset IC with Switch for 3V Memory Back-up
logo
Mitsumi Electronics, Co...
PST600 MITSUMI-PST600 Datasheet
118Kb / 5P
   System Reset Monolithic IC
PST573 MITSUMI-PST573 Datasheet
134Kb / 6P
   SYSTEM RESET Monolithic IC
PST92XX MITSUMI-PST92XX Datasheet
66Kb / 6P
   IC for System Reset Monolithic IC
PST90XX MITSUMI-PST90XX Datasheet
47Kb / 3P
   IC for System Reset Monolithic IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com