Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT71XXL-AB3-C-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT71XXL-AB3-C-R
Description  THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT71XXL-AB3-C-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UT71XXL-AB3-C-R Datasheet HTML 1Page - Unisonic Technologies UT71XXL-AB3-C-R Datasheet HTML 2Page - Unisonic Technologies UT71XXL-AB3-C-R Datasheet HTML 3Page - Unisonic Technologies UT71XXL-AB3-C-R Datasheet HTML 4Page - Unisonic Technologies UT71XXL-AB3-C-R Datasheet HTML 5Page - Unisonic Technologies UT71XXL-AB3-C-R Datasheet HTML 6Page - Unisonic Technologies UT71XXL-AB3-C-R Datasheet HTML 7Page - Unisonic Technologies UT71XXL-AB3-C-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
UT71XX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R502-017,D
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.3 ~ +28
V
Power Dissipation
PD
200
mW
Operating Temperature
TOPR
0 ~ +70
Storage Temperature
TSTG
-40 ~ +150
Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The device is guaranteed to meet performance specification within 0℃~+70℃ operating temperature range
and assured by design from –20℃~+85℃.
ELECTRICAL CHARACTRISTICS (Ta=25 )
FOR UT7115
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=3.5V, IOUT=10mA
1.464
1.5
1.536
V
Input Voltage
VIN
24
V
Load Regulation
V
OUT
VIN=3.5V,1mA≤IOUT≤20mA
60
100
mV
Voltage Dropout
VD
IOUT=1mA
60
mV
Output Current
IOUT
VIN=3.5V
20
30
mA
Current Consumption
ISS
VIN=3.5V, No load
4
6.0
µA
Line Regulation
V
OUT
V
IN×VOUT
2.5V≤VIN≤24V, IOUT=0.5mA
0.2
%/V
Temperature Coefficient
V
OUT
Ta
VIN=3.5V, IOUT=10mA
0°C<Ta<70°C
±0.2
mV/℃
FOR UT7118
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=3.8V, IOUT=10mA
1.757
1.8
1.843
V
Input Voltage
VIN
24
V
Load Regulation
V
OUT
VIN=3.8V,1mA≤IOUT≤20mA
60
100
mV
Voltage Dropout
VD
IOUT=1mA
60
mV
Output Current
IOUT
VIN=3.8V
20
30
mA
Current Consumption
ISS
VIN=3.8V, No load
4
6.0
µA
Line Regulation
V
OUT
V
IN×VOUT
2.8V≤VIN≤24V, IOUT=0.5mA
0.2
%/V
Temperature Coefficient
V
OUT
Ta
VIN=3.8V, IOUT=10mA
0°C<Ta<70°C
±0.25
mV/℃
FOR UT7120
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=4V, IOUT=10mA
1.952
2.0
2.048
V
Input Voltage
VIN
24
V
Load Regulation
V
OUT
VIN=4V, 1mA≤IOUT≤20mA
60
100
mV
Voltage Dropout
VD
IOUT=1mA
60
mV
Output Current
IOUT
VIN=4V
20
30
mA
Current Consumption
ISS
VIN=4V, No load
4
6.0
µA
Line Regulation
V
OUT
VIN×VOUT
3V≤VIN≤24V, IOUT=0.5mA
0.2
%/V
Temperature Coefficient
V
OUT
Ta
VIN=4V, IOUT=10mA
0°C<Ta<70°C
±0.3
mV/℃


Similar Part No. - UT71XXL-AB3-C-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT71XXL-AB3-C-R UTC-UT71XXL-AB3-C-R Datasheet
219Kb / 9P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UT71XXL-AB3-C-R ETL-UT71XXL-AB3-C-R Datasheet
240Kb / 8P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
More results

Similar Description - UT71XXL-AB3-C-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT71XX UTC-UT71XX_16 Datasheet
289Kb / 8P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
UT1018 UTC-UT1018_13 Datasheet
258Kb / 10P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
UT7115 UTC-UT7115 Datasheet
239Kb / 9P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
UT71XX UTC-UT71XX_10 Datasheet
219Kb / 9P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UT71XX ETL-UT71XX Datasheet
240Kb / 8P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
UT10XX ETL-UT10XX Datasheet
252Kb / 10P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
logo
Unisonic Technologies
HT10XX UTC-HT10XX Datasheet
118Kb / 8P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
UT10XX UTC-UT10XX_14 Datasheet
245Kb / 9P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
UT10XX UTC-UT10XX_11 Datasheet
239Kb / 10P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC28L05F MCC-MC28L05F Datasheet
502Kb / 4P
   Three-terminal Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com