Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-720-LPD-NBC-693.4830 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # VS-720-LPD-NBC-693.4830
Description  Voltage Controlled SAW Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VS-720-LPD-NBC-693.4830 Datasheet(HTML) 4 Page - Vectron International, Inc

  VS-720-LPD-NBC-693.4830 Datasheet HTML 1Page - Vectron International, Inc VS-720-LPD-NBC-693.4830 Datasheet HTML 2Page - Vectron International, Inc VS-720-LPD-NBC-693.4830 Datasheet HTML 3Page - Vectron International, Inc VS-720-LPD-NBC-693.4830 Datasheet HTML 4Page - Vectron International, Inc VS-720-LPD-NBC-693.4830 Datasheet HTML 5Page - Vectron International, Inc VS-720-LPD-NBC-693.4830 Datasheet HTML 6Page - Vectron International, Inc VS-720-LPD-NBC-693.4830 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
VS-720 Voltage Controlled SAW Oscillator
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Power Supply
V
CC
0 to 4
V
Output Current
Iout
25
mA
Voltage Control Range
V
C
0 to V
CC
V
Storage Temperature
TS
-55 to 125
C
Soldering Temp/Time
T
LS
260/40
C/sec
Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional operation
is not implied at these or any other conditions in excess of conditions represented in the operational sections of
this datasheet. Exposure to absolute maximum ratings for extended periods may adversely affect device
reliability. Permanent damage is also possible if OD or Vc is applied before Vcc.
Suggested Output Load Configurations
4
3
240
0.01 F
16
2
Gnd
OD
5
Vc
0.10 F
+3.3V
240
100
Z = 50
Z = 50
COutput
Vcc
Output
Gnd
Vc
OD
Output
240
34
240
COutput
2
1
5
6
Vcc
0.01 F
0.10 F
+3.3V
OD
-1.3V
COutput
Output
4
3
25
Vc
0.01 F
16
Vcc
0.10 F
+2.0V
LV-PECL to LV-PECL:
For short transmission lengths, the power
consumption could be reduced by removing the 100
resistor and
doubling the value of the pull down resistors.
Functional Test:
Allows standard power supply configuration.
Since AC coupled, the LV-PECL levels cannot be measured.
LV-PECL to LVDS:
Restricted for short transmission lengths.
Configuration may require modification depending on LVDS receiver.
Gnd
3
Output
4
Z = 50
+3.3V
COutput
OD
Vc
2
1
5
Vcc
6
0.01 F
0.10 F
Z = 50
40
40
150
150
49
49
+3.3V
Production Test:
Allows direct DC coupling into 50
measurement
equipment. Must bias the power supplys as shown. Similar to Figure 1.
0.01 F
0.01 F
Vectron International 166 Glover Avenue, Norwalk CT 06856-5160
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Page 4 of 7
Rev: 09 Jan 2006


Similar Part No. - VS-720-LPD-NBC-693.4830

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-720 VECTRON-VS-720 Datasheet
200Kb / 7P
   Voltage Controlled SAW Oscillator
VS-720LFCCAA VECTRON-VS-720LFCCAA Datasheet
200Kb / 7P
   Voltage Controlled SAW Oscillator
VS-720LFCCAB VECTRON-VS-720LFCCAB Datasheet
200Kb / 7P
   Voltage Controlled SAW Oscillator
VS-720LFCCAC VECTRON-VS-720LFCCAC Datasheet
200Kb / 7P
   Voltage Controlled SAW Oscillator
VS-720LFCCAD VECTRON-VS-720LFCCAD Datasheet
200Kb / 7P
   Voltage Controlled SAW Oscillator
More results

Similar Description - VS-720-LPD-NBC-693.4830

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
M675 IDT-M675 Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M630 ICST-M630 Datasheet
87Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M624 ICST-M624 Datasheet
52Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS700 VECTRON-VS700_09 Datasheet
840Kb / 7P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
VCSO-OC12-1 SYNERGY-VCSO-OC12-1 Datasheet
419Kb / 3P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS-502 VECTRON-VS-502 Datasheet
202Kb / 8P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501_12 Datasheet
408Kb / 6P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501 Datasheet
205Kb / 5P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
MSO1000-3 SYNERGY-MSO1000-3 Datasheet
326Kb / 4P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M660-01 ICST-M660-01 Datasheet
552Kb / 3P
   Voltage Controlled SAW Oscillator
logo
API Technologies Corp
TOM9339 APITECH-TOM9339 Datasheet
58Kb / 1P
   Voltage Controlled SAW Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com