Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SO-502-CGF-TNN1350 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # SO-502-CGF-TNN1350
Description  SAW Based Clock Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

SO-502-CGF-TNN1350 Datasheet(HTML) 1 Page - Vectron International, Inc

  SO-502-CGF-TNN1350 Datasheet HTML 1Page - Vectron International, Inc SO-502-CGF-TNN1350 Datasheet HTML 2Page - Vectron International, Inc SO-502-CGF-TNN1350 Datasheet HTML 3Page - Vectron International, Inc SO-502-CGF-TNN1350 Datasheet HTML 4Page - Vectron International, Inc SO-502-CGF-TNN1350 Datasheet HTML 5Page - Vectron International, Inc SO-502-CGF-TNN1350 Datasheet HTML 6Page - Vectron International, Inc SO-502-CGF-TNN1350 Datasheet HTML 7Page - Vectron International, Inc SO-502-CGF-TNN1350 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SO-502 SAW Based Oscillator
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Rev: 06June05
1
Product Data Sheet
PRELIMINARY
SO-502
SAW Based Clock Oscillator
Features
• Output frequencies from 300 MHz to 1350 MHz
• Ultra low jitter < 1.0 ps-rms (12 kHz to 20 MHz)
< 1.0 ps-rms (50 kHz to 80 MHz)
• Small low profile 9.0 * 14 * 4.5 mm SMT package
• 3.3 V, 5.0 V and 12V Supply Options
• Low phase noise, -160 dBc/Hz @ 1 MHz offset (1 GHz)
• LV-PECL, PECL, or Sinewave (0 to +10 dBm into 50Ώ)
• Output disable feature (For LVPECL - PECL option)
Applications
• Point to Point / Point to Multi Point Radios
• Instrumentation
• Test & Measurement
• Military & Avionics
Description
The SO-502 is a SAW based clock oscillator that operates at
the fundamental frequency of the internal SAW resonator.
This direct approach enables this series to achieve low phase
noise and jitter performance at high output frequencies and
over wide operating temperature range. The oscillator is
housed in a hermetically sealed J-lead surface mount
package offered on tape and reel. As an option, it has an
output disable to facilitate on-board testing.


Similar Part No. - SO-502-CGF-TNN1350

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SO-1021-7127 ETC2-SO-1021-7127 Datasheet
86Kb / 1P
   RELAY SOCKET 10 AMP
logo
Texas Instruments
SO-14 TI1-SO-14 Datasheet
551Kb / 30P
[Old version datasheet]   STAR STAR Surface Mount Tape-and-Reel Specification
logo
Advanced Monolithic Sys...
SO-14 ADMOS-SO-14 Datasheet
67Kb / 5P
   Packaging for Automatic Handling
logo
Texas Instruments
SO-16 TI1-SO-16 Datasheet
551Kb / 30P
[Old version datasheet]   STAR STAR Surface Mount Tape-and-Reel Specification
logo
Advanced Monolithic Sys...
SO-16 ADMOS-SO-16 Datasheet
67Kb / 5P
   Packaging for Automatic Handling
More results

Similar Description - SO-502-CGF-TNN1350

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CCSO-914X-1000 CRYSTEKCRYSTAL-CCSO-914X-1000_15 Datasheet
264Kb / 3P
   SAW Based Clock Oscillator
logo
Vectron International, ...
SO-720 VECTRON-SO-720 Datasheet
132Kb / 7P
   SAW Based Clock Oscillator
SO-720 VECTRON-SO-720_07 Datasheet
136Kb / 7P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCSO-914X CRYSTEKCRYSTAL-CCSO-914X_15 Datasheet
338Kb / 4P
   SAW Based Clock Oscillator
CCSO-914X3-1000 CRYSTEKCRYSTAL-CCSO-914X3-1000_15 Datasheet
264Kb / 3P
   SAW Based Clock Oscillator
CCSO-914X-245 CRYSTEKCRYSTAL-CCSO-914X-245 Datasheet
385Kb / 3P
   SAW Based Clock Oscillator
CCSO-914Y12-1090 CRYSTEKCRYSTAL-CCSO-914Y12-1090 Datasheet
171Kb / 3P
   SAW Based Clock Oscillator
logo
Vectron International, ...
PS-702 VECTRON-PS-702 Datasheet
760Kb / 7P
   SAW Based Clock Oscillator
PS-702-ECT-KAA VECTRON-PS-702-ECT-KAA Datasheet
340Kb / 7P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCS575S CRYSTEKCRYSTAL-CCS575S Datasheet
139Kb / 2P
   SAW Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com