Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7D321874A-HGC33 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K7D321874A-HGC33
Description  32Mb A-die DDR SRAM Specification
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7D321874A-HGC33 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K7D321874A-HGC33 Datasheet HTML 7Page - Samsung semiconductor K7D321874A-HGC33 Datasheet HTML 8Page - Samsung semiconductor K7D321874A-HGC33 Datasheet HTML 9Page - Samsung semiconductor K7D321874A-HGC33 Datasheet HTML 10Page - Samsung semiconductor K7D321874A-HGC33 Datasheet HTML 11Page - Samsung semiconductor K7D321874A-HGC33 Datasheet HTML 12Page - Samsung semiconductor K7D321874A-HGC33 Datasheet HTML 13Page - Samsung semiconductor K7D321874A-HGC33 Datasheet HTML 14Page - Samsung semiconductor K7D321874A-HGC33 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Rev 1.4
1Mx36 & 2Mx18 SRAM
- 11
Oct. 2005
K7D321874A
K7D323674A
RECOMMENDED DC OPERATING CONDITIONS
NOTE :1. These are DC test criteria. DC design criteria is VREF
±50mV. The AC VIH/VIL levels are defined separately for measuring
timing parameters.
2. VIH (Max)DC=
VDDQ+0.3, VIH (Max)AC=2.6V (2.1V for DQs) (pulse width ≤ 20% of cycle time).
3. VIL (Min)DC=
-0.3V, VIL (Min)AC=-1.0V (-0.5V for DQs) (pulse width ≤ 20% of cycle time).
Parameter
Symbol
Min
Typ
Max
Unit
Note
Core Power Supply Voltage
VDD
1.7
2.5
2.6
V
Output Power Supply Voltage
VDDQ
1.4
1.5
1.9
V
Input High Level Voltage
VIH
VREF+0.1
-
VDDQ+0.3
V
1, 2
Input Low Level Voltage
VIL
-0.3
-
VREF-0.1
V
1, 3
Input Reference Voltage
VREF
0.68
0.75
1.0
V
ABSOLUTE MAXIMUM RATINGS
NOTE : Power Dissipation Capability will be dependent upon package characteristics and use environment. See enclosed thermal impedance data.
Stresses greater than those listed under " Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Parameter
Symbol
Value
Unit
Core Supply Voltage Relative to VSS
VDD
-0.5 to 3.13
V
Output Supply Voltage Relative to VSS
VDDQ
-0.5 to 2.3
V
Voltage on any pin Relative to VSS
VIN
-0.5 to VDDQ+0.5 (2.3V MAX)V
Output Short-Circuit Current(per I/O)
IOUT
25
mA
Storage Temperature
TSTR
-55 to 125
°C
Maxmum Junction Temperature
TJ
110
°C
Maxmum Power Dissipation
PD
3.0
W
DC CHARACTERISTICS
NOTE :1. Minimum cycle. IOUT=0mA.
2. 50% read cycles.
3. |IOH|=(VDDQ/2)/(RQ/5)
±15% @VOH=VDDQ/2 for 175Ω ≤ RQ ≤ 300Ω.
4. |IOL|=(VDDQ/2)/(RQ/5)
±15% @VOL=VDDQ/2 for 175Ω ≤ RQ ≤ 300Ω.
Parameter
Symbol
Min
Max
Unit
Note
Average Power Supply Operating Current(x36)
(Cycle time = tKHKH min)
IDD40
IDD37
IDD33
-
960
940
900
mA
1,2
Average Power Supply Operating Current(x18)
(Cycle time = tKHKH min)
IDD40
IDD37
IDD33
-
910
890
850
mA
1,2
Stop Clock Standby Current
(VIN=VDD-0.2V or 0.2V fixed, K=Low, K=High)
ISB1
-
300
mA
1
Input Leakage Current
(VIN=VSS or VDDQ)
ILI
-3
3
µA
Output Leakage Current
(VOUT=VSS or VDDQ)
ILO
-5
5
µA
Output High Voltage(Programmable Impedance Mode)
VOH1
VDDQ/2
VDDQ
V3
Output Low Voltage(Programmable Impedance Mode)
VOL1
VSS
VDDQ/2
V
4
Output High Voltage(IOH=-0.1mA)
VOH2
VDDQ-0.2
VDDQ
V
Output Low Voltage(IOL=0.1mA)
VOL2
VSS
0.2
V


Similar Part No. - K7D321874A-HGC33

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7D321874C SAMSUNG-K7D321874C Datasheet
462Kb / 18P
   1Mx36 & 2Mx18 SRAM
K7D321874C-GC33 SAMSUNG-K7D321874C-GC33 Datasheet
462Kb / 18P
   1Mx36 & 2Mx18 SRAM
K7D321874C-GC37 SAMSUNG-K7D321874C-GC37 Datasheet
462Kb / 18P
   1Mx36 & 2Mx18 SRAM
K7D321874C-GC40 SAMSUNG-K7D321874C-GC40 Datasheet
462Kb / 18P
   1Mx36 & 2Mx18 SRAM
K7D321874C-HC33 SAMSUNG-K7D321874C-HC33 Datasheet
462Kb / 18P
   1Mx36 & 2Mx18 SRAM
More results

Similar Description - K7D321874A-HGC33

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H511638B-G SAMSUNG-K4H511638B-G Datasheet
392Kb / 24P
   512Mb B-die DDR SDRAM Specification
K4H510438F SAMSUNG-K4H510438F Datasheet
367Kb / 24P
   512Mb F-die DDR SDRAM Specification
FMB857B SAMSUNG-FMB857B Datasheet
329Kb / 23P
   256Mb F-die DDR SDRAM Specification
K4H1G0438M SAMSUNG-K4H1G0438M Datasheet
206Kb / 23P
   1Gb M-die DDR SDRAM Specification
K4H561638H SAMSUNG-K4H561638H Datasheet
416Kb / 24P
   256Mb H-die DDR SDRAM Specification
K4H510438 SAMSUNG-K4H510438 Datasheet
332Kb / 24P
   512Mb B-die DDR SDRAM Specification
K4H560438H SAMSUNG-K4H560438H Datasheet
367Kb / 24P
   256Mb H-die DDR SDRAM Specification
K4H511638C-Z SAMSUNG-K4H511638C-Z Datasheet
391Kb / 24P
   512Mb C-die DDR SDRAM Specification
K4H561638F-UC SAMSUNG-K4H561638F-UC Datasheet
206Kb / 23P
   256Mb F-die DDR SDRAM Specification
K4H280438F SAMSUNG-K4H280438F Datasheet
206Kb / 23P
   128Mb F-die DDR SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com