Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8759ETI Datasheet(PDF) 4 Page - Marktech Corporate

Part # MAX8759ETI
Description  Low-Cost, SMBus, CCFL Backlight Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MAX8759ETI Datasheet(HTML) 4 Page - Marktech Corporate

  MAX8759ETI Datasheet HTML 1Page - Marktech Corporate MAX8759ETI Datasheet HTML 2Page - Marktech Corporate MAX8759ETI Datasheet HTML 3Page - Marktech Corporate MAX8759ETI Datasheet HTML 4Page - Marktech Corporate MAX8759ETI Datasheet HTML 5Page - Marktech Corporate MAX8759ETI Datasheet HTML 6Page - Marktech Corporate MAX8759ETI Datasheet HTML 7Page - Marktech Corporate MAX8759ETI Datasheet HTML 8Page - Marktech Corporate MAX8759ETI Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Low-Cost, SMBus, CCFL Backlight Controller
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VBATT = 12V, VCC = VDD, TA = 0°C to +85°C. Typical values are at TA = +25
°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VBATT = 9V, RTHR = 120k
0
0.15
0.30
Zero-Crossing Delay
VBATT = 12V, RTHR = 120k
1.50
1.80
2.10
µs
Maximum Zero-Crossing Delay
VBATT = 18V, RTHR = 120k
3.2
3.8
4.4
µs
DEL rising
4.5
DEL Disable Threshold
DEL falling
3.8
V
VISEC < 1.25V and VIFB < 540mV; VFLT = 2V
0.9
1.0
1.1
VISEC < 1.25V and VIFB > 660mV; VFLT = 2V
-1.5
-1.2
-0.8
TFLT Charge Current
VISEC > 1.25V and VIFB > 660mV; VFLT = 2V
115
135
155
µA
TFLT Trip Threshold
Rising edge
3.7
4
4.3
V
SDA, SCL, Input Low Voltage
0.7
V
SDA, SCL, Input High Voltage
2.1
V
SDA, SCL, Input Hysteresis
100
mV
SDA, SCL, Input Bias Current
-1
+1
µA
SDA Output Low Sink Current
VSDA = 0.4V
4
mA
SMBus Frequency
10
100
kHz
SMBus Free Time
tBUF
4.7
1
µs
SCL Serial Clock High Period
tHIGH
4µs
SCL Serial Clock Low Period
tLOW
4.7
µs
START Condition Setup Time
tSU:STA
4.7
µs
START Condition Hold Time
tHD:STA
4µs
STOP Condition Setup Time from SCL
tSU:STO
4µs
SDA Valid to SCL Rising-Edge Setup Time,
Slave Clocking in Data
tSU:DAT
250
ns
SCL Falling Edge to SDA Transition
tHD:DAT
0ns
SCL Falling Edge to SDA Valid, Reading Out
Data
tDV
200
ns


Similar Part No. - MAX8759ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8759ETI++ MAXIM-MAX8759ETI+ Datasheet
2Mb / 31P
   Low-Cost, SMBus, CCFL Backlight Controller
Rev 3; 4/14
More results

Similar Description - MAX8759ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8759 MAXIM-MAX8759 Datasheet
2Mb / 31P
   Low-Cost, SMBus, CCFL Backlight Controller
Rev 3; 4/14
MAX8722A MAXIM-MAX8722A Datasheet
383Kb / 20P
   Low-Cost CCFL Backlight Controller
19-3321; Rev 0; 10/05
MAX8722C MAXIM-MAX8722C Datasheet
561Kb / 21P
   Low-Cost CCFL Backlight Controller
Rev 3; 2/09
MAX8722 MAXIM-MAX8722 Datasheet
331Kb / 20P
   Low-Cost CCFL Backlight Controller
Rev 0; 6/04
MAX8709B MAXIM-MAX8709B Datasheet
990Kb / 24P
   High-Efficiency CCFL Backlight Controller with SMBus Interface
Rev 0; 3/07
logo
Analog Microelectronics
AME9001 AME-AME9001 Datasheet
370Kb / 27P
   CCFL BACKLIGHT CONTROLLER
logo
Maxim Integrated Produc...
DS3991 MAXIM-DS3991 Datasheet
468Kb / 16P
   Low-Cost CCFL Controller
Rev 0; 1/08
logo
Asahi Kasei Microsystem...
AME9002 AKM-AME9002 Datasheet
815Kb / 37P
   CCFL Backlight Controller
AME9003 AKM-AME9003 Datasheet
260Kb / 39P
   CCFL Backlight Controller
logo
Beyond Innovation Techn...
BIT3102B BITEK-BIT3102B Datasheet
49Kb / 1P
   Low Cost PWM CCFL Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com