Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M68AW256DL55ZB6T Datasheet(PDF) 9 Page - STMicroelectronics

Part # M68AW256DL55ZB6T
Description  4 Mbit (256K x16) 3.0V Asynchronous SRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AW256DL55ZB6T Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M68AW256DL55ZB6T Datasheet HTML 5Page - STMicroelectronics M68AW256DL55ZB6T Datasheet HTML 6Page - STMicroelectronics M68AW256DL55ZB6T Datasheet HTML 7Page - STMicroelectronics M68AW256DL55ZB6T Datasheet HTML 8Page - STMicroelectronics M68AW256DL55ZB6T Datasheet HTML 9Page - STMicroelectronics M68AW256DL55ZB6T Datasheet HTML 10Page - STMicroelectronics M68AW256DL55ZB6T Datasheet HTML 11Page - STMicroelectronics M68AW256DL55ZB6T Datasheet HTML 12Page - STMicroelectronics M68AW256DL55ZB6T Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9/20
M68AW256DL
OPERATION
The M68AW256DL has a Chip Enable power
down feature which invokes an automatic standby
mode whenever Chip Enable is de-asserted (E1 =
High) or Chip Select is asserted (E2 = Low), or UB/
LB are de-asserted (UB/LB = High). An Output En-
able (G) signal provides a high speed tri-state con-
trol, allowing fast read/write cycles to be achieved
with the common I/O data bus. Operational modes
are determined by device control inputs W, E1, LB
and UB as summarized in the Operating Modes ta-
ble (see Table 6).
Table 6. Operating Modes
Note: X = VIH or VIL.
Read Mode
The M68AW256DL, when Chip Select (E2) is
High, is in the read mode whenever Write Enable
(W) is High with Output Enable (G) Low, and Chip
Enable (E1) is asserted. This provides access to
data from eight or sixteen, depending on the status
of the signal UB and LB, of the 4,194,304 locations
in the static memory array, specified by the 18 ad-
dress inputs. Valid data will be available at the
eight or sixteen output pins within tAVQV after the
last stable address, providing G is Low and E1 is
Low. If Chip Enable or Output Enable access
times are not met, data access will be measured
from the limiting parameter (tELQV,tGLQV or tBLQV)
rather than the address. Data out may be indeter-
minate at tELQX,tGLQX and tBLQX, but data lines
will always be valid at tAVQV.
Figure 8. Address Controlled, Read Mode AC Waveforms
Note: E1 = Low, E2 = High, G = Low, W = High, UB = Low and/or LB = Low.
Operation
E1
E2
W
G
LB
UB
DQ0-DQ7
DQ8-DQ15
Power
Deselected
VIH
X
X
X
X
X
Hi-Z
Hi-Z
Standby (ISB)
Deselected
X
VIL
X
X
X
X
Hi-Z
Hi-Z
Standby (ISB)
Deselected
X
X
X
X
VIH
VIH
Hi-Z
Hi-Z
Standby (ISB)
Lower Byte Read
VIL
VIH
VIH
VIL
VIL
VIH
Data Output
Hi-Z
Active (ICC)
Lower Byte Write
VIL
VIH
VIL
X
VIL
VIH
Data Input
Hi-Z
Active (ICC)
Output Disabled
VIL
VIH
VIH
VIH
X
X
Hi-Z
Hi-Z
Active (ICC)
Upper Byte Read
VIL
VIH
VIH
VIL
VIH
VIL
Hi-Z
Data Output
Active (ICC)
Upper Byte Write
VIL
VIH
VIL
X
VIH
VIL
Hi-Z
Data Input
Active (ICC)
Word Read
VIL
VIH
VIH
VIL
VIL
VIL
Data Output
Data Output
Active (ICC)
Word Write
VIL
VIH
VIL
X
VIL
VIL
Data Input
Data Input
Active (ICC)
AI03956
tAVAV
tAVQV
tAXQX
A0-A17
DQ0-DQ7 and/or DQ8-DQ15
VALID
DATA VALID


Similar Part No. - M68AW256DL55ZB6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AW256M STMICROELECTRONICS-M68AW256M Datasheet
167Kb / 23P
   4 Mbit (256K x16) 3.0V Asynchronous SRAM
M68AW256ML55ND1 STMICROELECTRONICS-M68AW256ML55ND1 Datasheet
167Kb / 23P
   4 Mbit (256K x16) 3.0V Asynchronous SRAM
M68AW256ML55ND1E STMICROELECTRONICS-M68AW256ML55ND1E Datasheet
167Kb / 23P
   4 Mbit (256K x16) 3.0V Asynchronous SRAM
M68AW256ML55ND1F STMICROELECTRONICS-M68AW256ML55ND1F Datasheet
167Kb / 23P
   4 Mbit (256K x16) 3.0V Asynchronous SRAM
M68AW256ML55ND1T STMICROELECTRONICS-M68AW256ML55ND1T Datasheet
167Kb / 23P
   4 Mbit (256K x16) 3.0V Asynchronous SRAM
More results

Similar Description - M68AW256DL55ZB6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AW256M STMICROELECTRONICS-M68AW256M Datasheet
167Kb / 23P
   4 Mbit (256K x16) 3.0V Asynchronous SRAM
M68AW064F STMICROELECTRONICS-M68AW064F Datasheet
265Kb / 18P
   1 Mbit 64K x16 3.0V Asynchronous SRAM
M68AW128M STMICROELECTRONICS-M68AW128M Datasheet
335Kb / 22P
   2 Mbit (128K x16) 3.0V Asynchronous SRAM
M68AW128ML STMICROELECTRONICS-M68AW128ML Datasheet
111Kb / 20P
   2 Mbit (128K x16) 3.0V Asynchronous SRAM
May 2002
M68AW512D STMICROELECTRONICS-M68AW512D Datasheet
124Kb / 18P
   8 Mbit 512K x16 3.0V Asynchronous SRAM
M68AW512M STMICROELECTRONICS-M68AW512M Datasheet
296Kb / 19P
   8 Mbit (512K x16) 3.0V Asynchronous SRAM
M68AW511A STMICROELECTRONICS-M68AW511A Datasheet
134Kb / 21P
   4 Mbit (512K x8) 3.0V Asynchronous SRAM
M68AR024D STMICROELECTRONICS-M68AR024D Datasheet
145Kb / 19P
   16 Mbit 1M x16 1.8V Asynchronous SRAM
M68AR128M STMICROELECTRONICS-M68AR128M Datasheet
122Kb / 18P
   2 Mbit (128K x16) 1.8V Asynchronous SRAM
M68AR512D STMICROELECTRONICS-M68AR512D Datasheet
140Kb / 19P
   8 Mbit 512K x16 1.8V Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com