Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT23S08E-4DCI Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT23S08E-4DCI
Description  3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT23S08E-4DCI Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT23S08E-4DCI Datasheet HTML 1Page - Integrated Device Technology IDT23S08E-4DCI Datasheet HTML 2Page - Integrated Device Technology IDT23S08E-4DCI Datasheet HTML 3Page - Integrated Device Technology IDT23S08E-4DCI Datasheet HTML 4Page - Integrated Device Technology IDT23S08E-4DCI Datasheet HTML 5Page - Integrated Device Technology IDT23S08E-4DCI Datasheet HTML 6Page - Integrated Device Technology IDT23S08E-4DCI Datasheet HTML 7Page - Integrated Device Technology IDT23S08E-4DCI Datasheet HTML 8Page - Integrated Device Technology IDT23S08E-4DCI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT23S08E
3.3V ZERO DELAY CLOCK MULTIPLIER
ZERO DELAY AND SKEW CONTROL
To close the feedback loop of the IDT23S08E, the FBK pin can be driven from any of the eight available output pins. The output driving the FBK pin
will be driving a total load of 7pF plus any additional load that it drives. The relative loading of this output (with respect to the remaining outputs) can adjust
the input-output delay.
For applications requiring zero input-output delay, all outputs including the one providing feedback should be equally loaded. Ensure the outputs are
loaded equally, for zero output-output skew.
DC ELECTRICAL CHARACTERISTICS - COMMERCIAL
Symbol
Parameter
Conditions
Min.
Typ.(1)
Max.
Unit
VIL
InputLOWVoltageLevel
0.8
V
VIH
Input HIGH Voltage Level
2
V
IIL
InputLOWCurrent
VIN = 0V
50
µA
IIH
Input HIGH Current
VIN = VDD
100
µA
VOL
OutputLOWVoltage
IOL = 8mA (-1, -2, -3, -4)
0.4
V
IOL = 12mA (-1H, -2H, -5H)
VOH
Output HIGH Voltage
IOH = -8mA (-1, -2, -3, -4)
2.4
V
IOH = -12mA (-1H, -2H, -5H)
IDD_PD
Power Down Current
REF = 0MHz (S2 = S1 = H)
12
µA
100MHz CLKA (-1, -2, -3, -4)
45
100MHz CLKA (-1H, -2H, -5H)
70
IDD
SupplyCurrent
UnloadedOutputs
66MHz CLKA (-1, -2, -3, -4)
32
mA
Select Inputs at VDD or GND
66MHz CLKA (-1H, -2H, -5H)
50
33MHz CLKA (-1, -2, -3, -4)
18
33MHz CLKA (-1H, -2H, -5H)
30
NOTE:
1. Applies to both REF and FBK.
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VDD
SupplyVoltage
3
3.6
V
TA
OperatingTemperature(AmbientTemperature)
0
70
°C
CL
Load Capacitance below 100MHz
30
pF
Load Capacitance from 100MHz to 200MHz
15
pF
CIN
InputCapacitance(1)
—7
pF
OPERATING CONDITIONS- COMMERCIAL


Similar Part No. - IDT23S08E-4DCI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT23S08E RENESAS-IDT23S08E Datasheet
236Kb / 12P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
logo
Integrated Device Techn...
IDT23S08E IDT-IDT23S08E_09 Datasheet
77Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
More results

Similar Description - IDT23S08E-4DCI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT23S08E IDT-IDT23S08E_09 Datasheet
77Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S08 IDT-IDT23S08_09 Datasheet
77Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S08 RENESAS-IDT23S08 Datasheet
235Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
logo
Integrated Device Techn...
IDT23S08 IDT-IDT23S08 Datasheet
60Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S08E RENESAS-IDT23S08E Datasheet
236Kb / 12P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
IDT23S08T RENESAS-IDT23S08T Datasheet
221Kb / 7P
   2.5V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MARCH 2006
logo
Integrated Device Techn...
IDT23S08T IDT-IDT23S08T Datasheet
51Kb / 6P
   2.5V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S05E IDT-IDT23S05E_09 Datasheet
69Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S05 IDT-IDT23S05 Datasheet
62Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S05 RENESAS-IDT23S05 Datasheet
323Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
AUGUST 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com