Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7J641882M Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K7J641882M
Description  72Mb M-die DDRII SRAM Specification
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7J641882M Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button K7J641882M Datasheet HTML 4Page - Samsung semiconductor K7J641882M Datasheet HTML 5Page - Samsung semiconductor K7J641882M Datasheet HTML 6Page - Samsung semiconductor K7J641882M Datasheet HTML 7Page - Samsung semiconductor K7J641882M Datasheet HTML 8Page - Samsung semiconductor K7J641882M Datasheet HTML 9Page - Samsung semiconductor K7J641882M Datasheet HTML 10Page - Samsung semiconductor K7J641882M Datasheet HTML 11Page - Samsung semiconductor K7J641882M Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
2Mx36 & 4Mx18 DDR II SIO b2 SRAM
K7J643682M
K7J641882M
- 8 -
Rev 1.0
Aug. 2005
WRITE TRUTH TABLE(x18)
Notes: 1. X means "Don
′t Care".
2. All inputs in this table must meet setup and hold time around the rising edge of input clock K or K (
↑ ).
3. Assumes a WRITE cycle was initiated.
4. This table illustates operation for x18 devices.
K
K
BW0
BW1
OPERATION
L
L
WRITE ALL BYTEs ( K
↑ )
L
L
WRITE ALL BYTEs ( K
↑ )
L
H
WRITE BYTE 0 ( K
↑ )
L
H
WRITE BYTE 0 ( K
↑ )
H
L
WRITE BYTE 1 ( K
↑ )
H
L
WRITE BYTE 1 ( K
↑ )
H
H
WRITE NOTHING ( K
↑ )
H
H
WRITE NOTHING ( K
↑ )
WRITE TRUTH TABLE(x36)
Notes: 1. X means "Don
′t Care".
2. All inputs in this table must meet setup and hold time around the rising edge of input clock K or K (
↑ ).
3. Assumes a WRITE cycle was initiated.
K
K
BW0
BW1
BW2
BW3
OPERATION
LLLL
WRITE ALL BYTEs ( K
↑ )
LLLL
WRITE ALL BYTEs ( K
↑ )
L
H
H
H
WRITE BYTE 0 ( K
↑ )
L
H
H
H
WRITE BYTE 0 ( K
↑ )
H
L
H
H
WRITE BYTE 1 ( K
↑ )
H
L
H
H
WRITE BYTE 1 ( K
↑ )
H
H
L
L
WRITE BYTE 2 and BYTE 3 ( K
↑ )
H
H
L
L
WRITE BYTE 2 and BYTE 3 ( K
↑ )
HHHH
WRITE NOTHING ( K
↑ )
HHHH
WRITE NOTHING ( K
↑ )
TRUTH TABLES
SYNCHRONOUS TRUTH TABLE
Notes: 1. X means "Don
′t Care".
2. The rising edge of clock is symbolized by (
↑ ).
3. Before enter into clock stop status, all pending read and write operations will be completed.
K
LD
R/W
D
Q
OPERATION
D(A0)
D(A1)
Q(A0)
Q(A1)
Stopped
X
X
Previous state
Previous state
Previous state
Previous state
Clock Stop
H
X
X
X
High-Z
High-Z
No Operation
LH
X
X
DOUT at C(t+1)
DOUT at C(t+2)
Read
L
L
Din at K(t+1)
Din at K(t+1)
High-Z
High-Z
Write


Similar Part No. - K7J641882M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7J641882M SAMSUNG-K7J641882M Datasheet
434Kb / 18P
   2Mx36 & 4Mx18 DDR II SIO b2 SRAM
More results

Similar Description - K7J641882M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7I643684M SAMSUNG-K7I643684M Datasheet
412Kb / 18P
   72Mb DDRII SRAM Specification
K7I643682M SAMSUNG-K7I643682M Datasheet
309Kb / 17P
   72Mb M-die DDRII SRAM Specification 165 FBGA with Pb & Pb-Free (RoHS compliant)
K7D323674A SAMSUNG-K7D323674A Datasheet
485Kb / 19P
   32Mb A-die DDR SRAM Specification
K7I163682B SAMSUNG-K7I163682B_06 Datasheet
416Kb / 18P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7I163684B SAMSUNG-K7I163684B Datasheet
422Kb / 18P
   512Kx36 & 1Mx18 DDRII CIO b4 SRAM
K7I323684C SAMSUNG-K7I323684C Datasheet
419Kb / 18P
   1Mx36 & 2Mx18 DDRII CIO b4 SRAM
K7I323682M SAMSUNG-K7I323682M Datasheet
377Kb / 17P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
K7I643682M SAMSUNG-K7I643682M_07 Datasheet
417Kb / 18P
   2Mx36 & 4Mx18 DDRII CIO b2 SRAM
K7K1636T2C SAMSUNG-K7K1636T2C Datasheet
407Kb / 19P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7K1636U2C SAMSUNG-K7K1636U2C Datasheet
600Kb / 19P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com