Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VC-400-GFF-205G155.52 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VC-400-GFF-205G155.52
Description  Voltage Controlled Crystal Oscillators (VCXO?셲)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-400-GFF-205G155.52 Datasheet(HTML) 1 Page - Vectron International, Inc

  VC-400-GFF-205G155.52 Datasheet HTML 1Page - Vectron International, Inc VC-400-GFF-205G155.52 Datasheet HTML 2Page - Vectron International, Inc VC-400-GFF-205G155.52 Datasheet HTML 3Page - Vectron International, Inc VC-400-GFF-205G155.52 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
20
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
Voltage Controlled Crystal Oscillators (VCXO’s)
VC-400/401/410/411/415 Series (CO-600V Series)
Performance Characteristics
Description:
Low jitter capable, PECL output VCXO in a DIP,
Gull-wing or SMD package.
Features:
• 155.52 MHz Standard, Other Frequencies Available from
10 MHz to 170 MHz
• Jitter Performance <1 ps rms @ 155.52 MHz
• Temperature Stability to ±20 ppm -40°C to +85°C
• Aging: 10 ppm for 10 Years Typical
• ECL or PECL Output
• Complementary Output Available
• Package: Single DIP, Gull Wing, or True Surface Mount FR4
Standard Frequency:
fo
10
170
MHz
Supply: C
Vdd
4.75
5.0
5.25
V
D
Vdd
3.13
3.3
3.46
V
G
Vdd
-4.94
-5.2
-5.46
V
J
Vdd
-4.27
-4.5
-4.72
V
Current: Single Ended Output
Icc
60
mA
Complementary Output
Icc
50
mA
Output Type: C
ECL
D
PECL
E
Complementary ECL
F
Complementary PECL
Rise/Fall Time (20-80%):
tr/tf
1.5
ns
Symmetry (Duty Cycle):
SYM
45
55
%
Temperature Range:
-40
+85
°C
Aging (10 years):
10
ppm
Jitter (12 kHz - 20 MHz):
0.5
1
ps
Deviation/Stability:
See How to Order
Control Voltage: PECL, 3.3V
Vc
0.3
3.0
V
PECL, 5V
Vc
0.5
4.5
V
ECL, -4.5V
Vc
-0.5
-4.5
V
ECL, -5.2V
Vc
-0.5
-4.5
V
Transfer Function: PECL
Positive
ECL
Negative
Linearity (BSL):
see ordering information
%
ssb Phase Noise (@ 155.52 MHz)
10Hz
-50
dBc/Hz
(typical)
100Hz
-80
dBc/Hz
1kHz
-115
dBc/Hz
10kHz
-135
dBc/Hz
50kHz
-140
dBc/Hz
Modulation Bandwidth:
BW
10
kHz
Package Size: 400
20.32x12.70x10.8 mm (0.8”x0.5”x0.425”) 4 pin DIP
401
20.32x12.70x10.8 mm (0.8”x0.5”x0.425”) 5 pin DIP
410
20.32x12.70x11.43 mm (0.8”x0.5”x0.45”) 4 pin Gull wing
411
20.32x12.70x11.43 mm (0.8”x0.5”x0.45”) 5 pin Gull wing
415
20.32x13.72x5.72 mm (0.8”x0.54”x0.225”) SMD
Parameter
Symbol
Minimum
Typical
Maximum
Unit
8798_AA's Vectron
05/30/02
3:11 PM
Page 20


Similar Part No. - VC-400-GFF-205G155.52

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-480 VECTRON-VC-480 Datasheet
120Kb / 2P
   Voltage Controlled Crystal Oscillators
VC-480-CAD-155A-2 VECTRON-VC-480-CAD-155A-2 Datasheet
120Kb / 2P
   Voltage Controlled Crystal Oscillators
VC-480-CAD-155A-52 VECTRON-VC-480-CAD-155A-52 Datasheet
120Kb / 2P
   Voltage Controlled Crystal Oscillators
VC-480-CAF-205A-2 VECTRON-VC-480-CAF-205A-2 Datasheet
120Kb / 2P
   Voltage Controlled Crystal Oscillators
VC-480-CAF-205A-52 VECTRON-VC-480-CAF-205A-52 Datasheet
120Kb / 2P
   Voltage Controlled Crystal Oscillators
More results

Similar Description - VC-400-GFF-205G155.52

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OC160 ETC-OC160 Datasheet
51Kb / 2P
   Oven Controlled Crystal Oscillators (OCXO?셲)
OC-260 ETC-OC-260 Datasheet
91Kb / 2P
   Oven Controlled Crystal Oscillators (OCXO?셲)
logo
Vectron International, ...
EX-240 VECTRON-EX-240 Datasheet
44Kb / 2P
   Oven Controlled Crystal Oscillators (OCXO?셲)
logo
Kyocera Kinseki Corpota...
KV7050A KSS-KV7050A Datasheet
129Kb / 1P
   Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050R-P3 KSS-KV7050R-P3 Datasheet
125Kb / 1P
   Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050G-P3 KSS-KV7050G-P3 Datasheet
126Kb / 1P
   Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV5032C-C3 KSS-KV5032C-C3 Datasheet
120Kb / 1P
   Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050B-C3 KSS-KV7050B-C3 Datasheet
131Kb / 1P
   Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050C-P3 KSS-KV7050C-P3 Datasheet
140Kb / 1P
   Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
logo
Advanced Crystal Techno...
ACT7000 ACT-ACT7000 Datasheet
44Kb / 1P
   4-pin through hole Voltage Controlled Crystal Oscillators (VCXO)
10/08/04
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com