Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71T016SA Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT71T016SA
Description  2.5V CMOS Static RAM 1 Meg (64K x 16-Bit)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71T016SA Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT71T016SA Datasheet HTML 1Page - Integrated Device Technology IDT71T016SA Datasheet HTML 2Page - Integrated Device Technology IDT71T016SA Datasheet HTML 3Page - Integrated Device Technology IDT71T016SA Datasheet HTML 4Page - Integrated Device Technology IDT71T016SA Datasheet HTML 5Page - Integrated Device Technology IDT71T016SA Datasheet HTML 6Page - Integrated Device Technology IDT71T016SA Datasheet HTML 7Page - Integrated Device Technology IDT71T016SA Datasheet HTML 8Page - Integrated Device Technology IDT71T016SA Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
6.42
3
IDT71T016SA, 2.5V CMOS Static RAM
1 Meg (64K x 16-Bit)
Commercial and Industrial Temperature Ranges
Parameter
71T016SA10
71T016SA12
71T016SA15
71T016SA20
Symbol
Com'l
Com'l
Ind
Com'l
Ind
Com'l
Ind
Unit
ICC
Dynamic Operating Current
CS < VLC, Outputs Open, VDD = Max., f = fMAX(3)
Max.
160
150
160
130
130
120
120
mA
Typ.(4)
90
85
____
80
____
80
____
ISB
Dynamic Standby Power Supply Current
CS > VHC, Outputs Open, VDD = Max., f = fMAX(3)
45
40
45
35
35
30
30
mA
ISB1
Full Standby Power Supply Current (static)
CS > VHC, Outputs Open, VDD = Max., f = 0(3)
10
15
15
15
15
15
15
mA
5326 tbl 8
Absolute Maximum Ratings(1)
Recommended Operating
Temperature and Supply Voltage
DC Electrical Characteristics
(VDD = Min. to Max., Commercial and Industrial Temperature Ranges)
Capacitance
(TA = +25°C, f = 1.0MHz)
Recommended DC Operating
Conditions
DC Electrical Characteristics(1,2)
(VDD = Min. to Max., VLC = 0.2V, VHC = VDD – 0.2V)
NOTE:
1. StressesgreaterthanthoselistedunderABSOLUTEMAXIMUMRATINGSmaycause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
NOTE:
1. This parameter is guaranteed by device characterization, but not production tested.
NOTES:
1. All values are maximum guaranteed values.
2. All inputs switch between 0.2V (Low) and VDD – 0.2V (High).
3. fMAX = 1/tRC (all address inputs are cycling at fMAX); f = 0 means no address input lines are changing .
4. Typical values are measured at 2.5V, 25°C and with equal read and write cycles. This parameter is guaranteed by device characterization but is not production
tested.
Symbol
Rating
Value
Unit
VDD
Supply Voltage Relative
to VSS
–0.3 to +3.6
V
VIN, VOUT
Terminal Voltage Relative
to VSS
–0.3 to VDD+0.3
V
TBIAS
Temperature Under Bias
–55 to +125
oC
TSTG
Storage Temperature
–55 to +125
oC
PT
Power Dissipation
1.25
W
IOUT
DC Output Current
50
mA
5326 tbl 03
Grade
Temperature
VSS
VDD
Commercial
0°C to +70°C
0V
See Below
Industrial
-40°C to +85°C
0V
See Below
5326 tbl 04
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
2.375
2.5
2.625
V
Vss
Ground
0
0
0
V
VIH
Input High Voltage
1.7
____
VDD+0.3(1)
V
VIL
Input Low Voltage
–0.3(2)
____
0.7
V
5326 tbl 05
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
6
pF
CI/O
I/O Capacitance
VOUT = 3dV
7
pF
5326 tbl 06
Symbol
Parameter
Test Condition
IDT71T016SA
Unit
Min.
Max.
|ILI|
Input Leakage Current
VDD = Max., VIN = VSS to VDD
___
5µ A
|ILO|
Output Leakage Current
VDD = Max.,
CS = VIH, VOUT = VSS to VDD
___
5µ A
VOL
Output Low Voltage
IOL = 2.0mA, VDD = Min.
___
0.7
V
VOH
Output High Voltage
IOH = 2.0mA, VDD = Min.
1.7
___
V
5326 tbl 07
NOTES:
1. VIH (max) = VDD + 1.0V a.c. (pulse width less than tCYC/2) for I < 20 mA, once
per cycle.
2. VIL (min) = -1.0V a.c. (pulse width less than tCYC/2) for I < 20 mA, once per cycle.


Similar Part No. - IDT71T016SA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71T016 IDT-IDT71T016 Datasheet
80Kb / 8P
   LOW POWER 2V CMOS SRAM 1 MEG (64K x 16-BIT)
IDT71T016L150PH IDT-IDT71T016L150PH Datasheet
80Kb / 8P
   LOW POWER 2V CMOS SRAM 1 MEG (64K x 16-BIT)
IDT71T016L150PHI IDT-IDT71T016L150PHI Datasheet
80Kb / 8P
   LOW POWER 2V CMOS SRAM 1 MEG (64K x 16-BIT)
IDT71T016L200PH IDT-IDT71T016L200PH Datasheet
80Kb / 8P
   LOW POWER 2V CMOS SRAM 1 MEG (64K x 16-BIT)
IDT71T016L200PHI IDT-IDT71T016L200PHI Datasheet
80Kb / 8P
   LOW POWER 2V CMOS SRAM 1 MEG (64K x 16-BIT)
More results

Similar Description - IDT71T016SA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71016S IDT-IDT71016S_14 Datasheet
82Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016 IDT-IDT71016 Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Renesas Technology Corp
71016S RENESAS-71016S Datasheet
201Kb / 10P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.02.20
logo
Integrated Device Techn...
IDT71V016SA12PHG IDT-IDT71V016SA12PHG Datasheet
289Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Renesas Technology Corp
71V016SA RENESAS-71V016SA Datasheet
210Kb / 11P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
logo
Integrated Device Techn...
71V016SA10PHG IDT-71V016SA10PHG Datasheet
289Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016 IDT-IDT71V016 Datasheet
80Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016SA IDT-IDT71V016SA Datasheet
100Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Pyramid Semiconductor C...
P3C1021 PYRAMID-P3C1021 Datasheet
451Kb / 10P
   HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
logo
Integrated Device Techn...
IDT7187S IDT-IDT7187S Datasheet
70Kb / 8P
   CMOS STATIC RAM 64K (64K x 1-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com