Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LN543GKN8 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LN543GKN8
Description  Numeric Display
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LN543GKN8 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LN543GKN8 Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
320
Unit: mm
Lead wire dimension
Red
Green
VF
IF
Max
IR
IO / seg.
Red
Red
Green
Green
Lighting
Color
4 Digit 7.3 mm (.3”) Series
s Absolute Maximum Ratings (T
a = 25°C)
Lighting Color
Conventional Part No.
Global Part No.
Lighting Color
LN543RAN8 ······ LNM243AT01 ······ Red
LN543RKN8 ······ LNM243KT01 ······ Red
LN543GAN8 ······ LNM343AT01 ······ Green
LN543GKN8 ······ LNM343KT01 ······ Green
★ IFPの条件は,duty 10%,Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
Numeric Display
LN543RAN8
LN543RKN8
LN543GAN8
LN543GKN8
Unit
Anode
Cathode
Anode
Cathode
µcd
µcd
µcd
mA
V
V
nm
nm
mA
µAV
s Electro
−Optical Characteristics (T
a = 25°C)
Conventional
Part No.
Common
Typ
Typ
Max
Typ
Typ
IF
VR
λ
P
∆λ
PD(mW)
IF(mA)
IFP(mA)
VR(V)
Topr(°C)
Tstg(°C)
30
30
10
10
60
60
5
5
−25 ∼ +80
−25 ∼ +80
−30 ∼ +85
−30 ∼ +85
Min
Typ
IO /d.p
200
200
200
200
100
100
80
80
100
100
80
80
5
5
10
10
2.03
2.03
2.03
2.03
2.8
2.8
2.8
2.8
700
700
565
565
100
100
30
30
10
10
10
10
10
10
10
10
5
5
5
5
Terminal Connection
Pin
No.
Assignment
1
Cathode PM
Assignment
2
3
4
5
6
7
8
9
10
Cathode Dig1
Cathode d
Cathode dp1
Cathode Dig2
Cathode Lower colon
Cathode Upper colon
Anode Dig3
Cathode dp2
Anode Dig4
11
12
13
14
15
16
Cathode e
Cathode Alarm
Anode FM. Alarm
Cathode FM
Cathode a
Anode dp2
17
Anode
colon
18
Cathode f
19
Cathode b
20
Cathode c
21
Anode dp1
22
Cathode g
23
Cathode AM
24
Anode AM, FM
Anode PM
Anode Dig1
Anode d
Anode dp1
Anode Dig2
Anode Lower colon
Anode Upper colon
Cathode Dig3
Anode dp2
Cathode Dig4
Anode e
Anode Alarm
Cathode FM. Alarm
Anode FM
Anode a
Cathode dp2
Cathode
colon
Anode f
Anode b
Anode c
Cathode dp1
Anode g
Anode AM
Cathode AM, FM
Lower
Upper
Lower
Upper
1.6
1.8
2.0
2.4
2.2
3
1
5
10
50
100
30
100
50
30
5
3
10
1
1000
500
300
50
30
100
10
Forward Current
Ambient Temperature
IF VF
0
20
10
5
15
20
25
40
60
80
100
IF Ta
Forward Voltage
IO IF
0
LN
543R
KN
8
LN543RKN8
LN
543R
KN
8
LN543RAN8
LN543RAN8
LN543RAN8
2.54
× 11= 27.94 ± 0.3
3.4
3.4
3.4
3.4
3.4
Protecting tape is applied
∗2.54 ± 0.1
24
− φ0.45
4.0
0.8
9
− φ1.2
10
°
36.0
± 0.2
3.4
3.4
14.6
± 0.2
14.48
± 0.2
Alam
12
11
10
9
8
7
6
5
4
3
2
1
23 22 21 2019 18 17 16 15 14 13
24
F. M.
P. M.
A. M.
dp2
dp1
Lower colon
Upper colon
f
D4
D3
D2
D1
e
b
c
d
g
a


Similar Part No. - LN543GKN8

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN543OAN8 PANASONIC-LN543OAN8 Datasheet
25Kb / 1P
   Numeric Display
LN543OKN8 PANASONIC-LN543OKN8 Datasheet
25Kb / 1P
   Numeric Display
More results

Similar Description - LN543GKN8

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN513RA PANASONIC-LN513RA Datasheet
21Kb / 1P
   Numeric Display
LN513YA PANASONIC-LN513YA Datasheet
21Kb / 1P
   Numeric Display
LN513YAS PANASONIC-LN513YAS Datasheet
21Kb / 1P
   Numeric Display
LN514RA PANASONIC-LN514RA Datasheet
21Kb / 1P
   Numeric Display
LN518RA PANASONIC-LN518RA Datasheet
21Kb / 1P
   Numeric Display
LN523YAMY PANASONIC-LN523YAMY Datasheet
21Kb / 1P
   Numeric Display
LN543OAN8 PANASONIC-LN543OAN8 Datasheet
25Kb / 1P
   Numeric Display
LN5110OGAMW PANASONIC-LN5110OGAMW Datasheet
20Kb / 1P
   Numeric Display
LN514YA PANASONIC-LN514YA Datasheet
21Kb / 1P
   Numeric Display
LN516RA PANASONIC-LN516RA Datasheet
21Kb / 1P
   Numeric Display
LN523RAMR PANASONIC-LN523RAMR Datasheet
22Kb / 1P
   Numeric Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com