Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-720-LPD-FAC-693.4830 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # VS-720-LPD-FAC-693.4830
Description  Voltage Controlled SAW Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VS-720-LPD-FAC-693.4830 Datasheet(HTML) 5 Page - Vectron International, Inc

  VS-720-LPD-FAC-693.4830 Datasheet HTML 1Page - Vectron International, Inc VS-720-LPD-FAC-693.4830 Datasheet HTML 2Page - Vectron International, Inc VS-720-LPD-FAC-693.4830 Datasheet HTML 3Page - Vectron International, Inc VS-720-LPD-FAC-693.4830 Datasheet HTML 4Page - Vectron International, Inc VS-720-LPD-FAC-693.4830 Datasheet HTML 5Page - Vectron International, Inc VS-720-LPD-FAC-693.4830 Datasheet HTML 6Page - Vectron International, Inc VS-720-LPD-FAC-693.4830 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VS-720 Voltage Controlled SAW Oscillator
Typical Gain Transfer
-150
-100
-50
0
50
100
150
0.00
0.50
1.00
1.50
2.00
2.50
3.00
Control Voltage (volts)
VS-720 pull, 622 MHz
Linear (VS-720 pull, 622 MHz)
Typical Phase Noise
VS-720-LFF-GAB- 622.0800 MHz
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
1000000
10000000
100000000
Frequency Offset (Hz)
Phase Noise at Specific Frequency
Offsets
10Hz -46 dBc/Hz
100Hz -80 dBc/Hz
1000Hz -110 dBc/Hz
10kHz -130 dBc/Hz
100kHz -134 dBc/Hz
1MHz -138 dBc/Hz
10MHz -147 dBc/Hz
20MHz -147 dBc/Hz
40MHz -148 dBc/Hz
Jitter OC48 (12kHz to 20MHz)
0.08 ps-rms or 0.56 ps-pp
Jitter OC192 (50kHz to 80MHz)
0.11 ps-rms or 0.80 pp-rms
Page 5 of 7
Vectron International 166 Glover Avenue, Norwalk CT 06856-5160
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Rev: 09 Jan 2006


Similar Part No. - VS-720-LPD-FAC-693.4830

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-720 VECTRON-VS-720 Datasheet
200Kb / 7P
   Voltage Controlled SAW Oscillator
VS-720LFCCAA VECTRON-VS-720LFCCAA Datasheet
200Kb / 7P
   Voltage Controlled SAW Oscillator
VS-720LFCCAB VECTRON-VS-720LFCCAB Datasheet
200Kb / 7P
   Voltage Controlled SAW Oscillator
VS-720LFCCAC VECTRON-VS-720LFCCAC Datasheet
200Kb / 7P
   Voltage Controlled SAW Oscillator
VS-720LFCCAD VECTRON-VS-720LFCCAD Datasheet
200Kb / 7P
   Voltage Controlled SAW Oscillator
More results

Similar Description - VS-720-LPD-FAC-693.4830

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
M675 IDT-M675 Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M630 ICST-M630 Datasheet
87Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M624 ICST-M624 Datasheet
52Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS700 VECTRON-VS700_09 Datasheet
840Kb / 7P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
VCSO-OC12-1 SYNERGY-VCSO-OC12-1 Datasheet
419Kb / 3P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS-502 VECTRON-VS-502 Datasheet
202Kb / 8P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501_12 Datasheet
408Kb / 6P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501 Datasheet
205Kb / 5P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
MSO1000-3 SYNERGY-MSO1000-3 Datasheet
326Kb / 4P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M660-01 ICST-M660-01 Datasheet
552Kb / 3P
   Voltage Controlled SAW Oscillator
logo
API Technologies Corp
TOM9339 APITECH-TOM9339 Datasheet
58Kb / 1P
   Voltage Controlled SAW Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com