Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62167DV20LL-70BVI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY62167DV20LL-70BVI
Description  16-Mb (1024K x 16) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62167DV20LL-70BVI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY62167DV20LL-70BVI Datasheet HTML 2Page - Cypress Semiconductor CY62167DV20LL-70BVI Datasheet HTML 3Page - Cypress Semiconductor CY62167DV20LL-70BVI Datasheet HTML 4Page - Cypress Semiconductor CY62167DV20LL-70BVI Datasheet HTML 5Page - Cypress Semiconductor CY62167DV20LL-70BVI Datasheet HTML 6Page - Cypress Semiconductor CY62167DV20LL-70BVI Datasheet HTML 7Page - Cypress Semiconductor CY62167DV20LL-70BVI Datasheet HTML 8Page - Cypress Semiconductor CY62167DV20LL-70BVI Datasheet HTML 9Page - Cypress Semiconductor CY62167DV20LL-70BVI Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CY62167DV20
MoBL2™
Document #: 38-05327 Rev. *B
Page 9 of 10
© Cypress Semiconductor Corporation, 2004. The information contained herein is subject to change without notice. Cypress Semicon ductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize
its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.
Package Diagrams
MoBL is a registered trademark, and MoBL2 and More Battery Life are trademarks, of Cypress Semiconductor. All product and
company names mentioned in this document are the trademarks of their respective holders.
Ordering Information
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
55
CY62167DV20L-55BVI
BV48B
48-ball Fine Pitch BGA (8.0 x 9.5 x 1.0 mm)
Industrial
CY62167DV20LL-55BVI
BV48B
48-ball Fine Pitch BGA (8.0 x 9.5 x 1.0 mm)
70
CY62167DV20L-70BVI
BV48B
48-ball Fine Pitch BGA (8.0 x 9.5 x 1.0 mm)
Industrial
CY62167DV20LL-70BVI
BV48B
48-ball Fine Pitch BGA (8.0 x 9.5 x 1.0 mm)
48-lead VFBGA (8 x 9.5 x 1 mm) BV48B
51-85178-**


Similar Part No. - CY62167DV20LL-70BVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62167DV18 CYPRESS-CY62167DV18 Datasheet
161Kb / 11P
   16M (1024K x 16) Static RAM
CY62167DV18 CYPRESS-CY62167DV18 Datasheet
543Kb / 11P
   16-Mbit (1M x 16) Static RAM
CY62167DV18L-55 CYPRESS-CY62167DV18L-55 Datasheet
161Kb / 11P
   16M (1024K x 16) Static RAM
CY62167DV18L-70 CYPRESS-CY62167DV18L-70 Datasheet
161Kb / 11P
   16M (1024K x 16) Static RAM
CY62167DV18LL-55 CYPRESS-CY62167DV18LL-55 Datasheet
161Kb / 11P
   16M (1024K x 16) Static RAM
More results

Similar Description - CY62167DV20LL-70BVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62167DV18 CYPRESS-CY62167DV18 Datasheet
161Kb / 11P
   16M (1024K x 16) Static RAM
CY62127DV30 CYPRESS-CY62127DV30 Datasheet
384Kb / 12P
   1 Mb (64K x 16) Static RAM
CY62127DV30 CYPRESS-CY62127DV30_06 Datasheet
549Kb / 11P
   1-Mb (64K x 16) Static RAM
CY62127DV18 CYPRESS-CY62127DV18_05 Datasheet
223Kb / 11P
   1 Mb (64K x 16) Static RAM
CY62147DV18 CYPRESS-CY62147DV18 Datasheet
734Kb / 11P
   4-Mb (256K x 16) Static RAM
CY62127DV30 CYPRESS-CY62127DV30_09 Datasheet
554Kb / 11P
   1-Mb (64K x 16) Static RAM
CY7C10612DV33 CYPRESS-CY7C10612DV33 Datasheet
424Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1021 CYPRESS-CY7C1021 Datasheet
181Kb / 9P
   64K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com