Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90C387R Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C387R
Description  85MHz Dual 12-Bit Double Pumped Input LDI Transmitter - VGA/UXGA
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C387R Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button DS90C387R Datasheet HTML 6Page - National Semiconductor (TI) DS90C387R Datasheet HTML 7Page - National Semiconductor (TI) DS90C387R Datasheet HTML 8Page - National Semiconductor (TI) DS90C387R Datasheet HTML 9Page - National Semiconductor (TI) DS90C387R Datasheet HTML 10Page - National Semiconductor (TI) DS90C387R Datasheet HTML 11Page - National Semiconductor (TI) DS90C387R Datasheet HTML 12Page - National Semiconductor (TI) DS90C387R Datasheet HTML 13Page - National Semiconductor (TI) DS90C387R Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AC Timing Diagrams (Continued)
10128825
C — Setup and Hold Time (Internal data sampling window) defined by Rspos (receiver input strobe position) min and max
Tppos — Transmitter output pulse position (min and max)
RSKM = Cable Skew (type, length) + Source Clock Jitter (cycle to cycle) (Note 12) + ISI (Inter-symbol interference) (Note 13)
Cable Skew — typically 10 ps–40 ps per foot, media dependent
Note 12: Cycle-to-cycle jitter is less than 150 ps at 85 MHz
Note 13: ISI is dependent on interconnect length; may be zero
FIGURE 11. Receiver Skew Margin
10128827
FIGURE 12. TJCC Test Setup - DS90C387R
10128828
FIGURE 13. Timing Diagram of the Input Cycle-to-Cycle Clock Jitter
www.national.com
10


Similar Part No. - DS90C387R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C387RVJD/NOPB TI1-DS90C387RVJD/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   Dual 12-Bit Double Pumped Input LDI Transmitter - VGA/UXGA
DS90C387RVJDX/NOPB TI1-DS90C387RVJDX/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   Dual 12-Bit Double Pumped Input LDI Transmitter - VGA/UXGA
DS90C387R TI1-DS90C387R_15 Datasheet
1Mb / 32P
[Old version datasheet]   Dual 12-Bit Double Pumped Input LDI Transmitter - VGA/UXGA
More results

Similar Description - DS90C387R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C387R TI1-DS90C387R_15 Datasheet
1Mb / 32P
[Old version datasheet]   Dual 12-Bit Double Pumped Input LDI Transmitter - VGA/UXGA
logo
List of Unclassifed Man...
CS5826 ETC1-CS5826 Datasheet
80Kb / 1P
   Dual Pixel LVDS Display Interface (LDI) Transmitter
logo
THine Electronics, Inc.
THC63LVDM83D-Z THINE-THC63LVDM83D-Z Datasheet
1Mb / 17P
   24bit COLOR OPEN LDI(LVDS) TRANSMITTER
logo
Sony Corporation
CXB1455R SONY-CXB1455R Datasheet
234Kb / 15P
   VGA/SVGA/XGA 24-bit Transmitter
logo
THine Electronics, Inc.
THC63LVD823 THINE-THC63LVD823 Datasheet
227Kb / 16P
   Single(135MHz)/Dual(170MHz) Link LVDS Transmitter for SXGA/SXGA/UXGA
logo
STMicroelectronics
STLVDS385 STMICROELECTRONICS-STLVDS385 Datasheet
260Kb / 14P
   3.3V PROGRAMMABLE LVDS TRANSMITTER 24-BIT FLAT PANEL DISPLAY (FPD) LINK-85MHZ
logo
THine Electronics, Inc.
THC63LVD1027 THINE-THC63LVD1027 Datasheet
349Kb / 22P
   85MHz 10Bits Dual LVDS Repeater
logo
National Semiconductor ...
DS90CR288A NSC-DS90CR288A Datasheet
224Kb / 20P
   28-Bit Channel Link-85MHz
logo
Analog Devices
AD8522ARZ AD-AD8522ARZ Datasheet
244Kb / 8P
   5 Volt, Serial Input, Dual 12-Bit DAC
REV. A
logo
Maxim Integrated Produc...
MAX532 MAXIM-MAX532 Datasheet
162Kb / 16P
   Dual, Serial-Input, Voltage-Output, 12-Bit MDAC
Rev. 1; 3/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com