Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-500-KFF-GNN719.7344 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # VS-500-KFF-GNN719.7344
Description  Voltage Controlled SAW Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VS-500-KFF-GNN719.7344 Datasheet(HTML) 4 Page - Vectron International, Inc

  VS-500-KFF-GNN719.7344 Datasheet HTML 1Page - Vectron International, Inc VS-500-KFF-GNN719.7344 Datasheet HTML 2Page - Vectron International, Inc VS-500-KFF-GNN719.7344 Datasheet HTML 3Page - Vectron International, Inc VS-500-KFF-GNN719.7344 Datasheet HTML 4Page - Vectron International, Inc VS-500-KFF-GNN719.7344 Datasheet HTML 5Page - Vectron International, Inc VS-500-KFF-GNN719.7344 Datasheet HTML 6Page - Vectron International, Inc VS-500-KFF-GNN719.7344 Datasheet HTML 7Page - Vectron International, Inc VS-500-KFF-GNN719.7344 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VS-500 Voltage Controlled SAW Oscillator
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Page 4 of 8
Rev: 14Nov03
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Power Supply
VCC
0 to 6
V
Output Current
Iout
25
mA
Voltage Control Range
VC
0 to VCC
V
Storage Temperature
TS
-55 to 125
°C
Soldering Temp/Time
TLS
220/10
°C/sec
Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional operation is
not implied at these or any other conditions in excess of conditions represented in the operational sections of this
datasheet. Exposure to absolute maximum ratings for extended periods may adversely affect device reliability.
Suggested Output Load Configurations (3.3V Operation)
LV-PECL to LV-PECL: For short transmission lengths, the power
consumption could be reduced by removing the 100
Ω resistor and
doubling the value of the pull down resistors.
Functional Test: Allows standard power supply configuration.
Since AC coupled, the LV-PECL levels cannot be measured.
LV-PECL to LVDS: Restricted for short transmission lengths.
Configuration may require modification depending on LVDS receiver.
40
40
150
150
49
49
+3.3V
Production Test: Allows direct DC coupling into 50
Ω measurement
equipment. Must bias the power supplies as shown. Similar to Figure 1.
0.01
µF
0.01
µF
1
6
2
3
4
5
Vc
OD
Gnd
+3.3V
0.01
µF
0.10
µF
Vcc
COutput
240
Output
240
100
Z = 50
Z = 50
Output
Gnd
3
4
Z = 50
+3.3V
0.10
µF
OD
Vc
6
1
2
5
COutput
Vcc
0.01
µF
Z = 50
Gnd
OD
Vc
4
3
Output
240
1
6
2
5
COutput
Vcc
0.01
µF
+3.3V
0.10
µF
240
-1.3V
OD
Vc
3
4
6
1
2
5
COutput
Output
Vcc
+2.0V
0.01
µF
0.10
µF


Similar Part No. - VS-500-KFF-GNN719.7344

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-500-KFF-GNN VECTRON-VS-500-KFF-GNN Datasheet
362Kb / 8P
   Voltage Controlled SAW Oscillator
More results

Similar Description - VS-500-KFF-GNN719.7344

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
M675 IDT-M675 Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M630 ICST-M630 Datasheet
87Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M624 ICST-M624 Datasheet
52Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS700 VECTRON-VS700_09 Datasheet
840Kb / 7P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
VCSO-OC12-1 SYNERGY-VCSO-OC12-1 Datasheet
419Kb / 3P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS-502 VECTRON-VS-502 Datasheet
202Kb / 8P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501_12 Datasheet
408Kb / 6P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501 Datasheet
205Kb / 5P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
MSO1000-3 SYNERGY-MSO1000-3 Datasheet
326Kb / 4P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M660-01 ICST-M660-01 Datasheet
552Kb / 3P
   Voltage Controlled SAW Oscillator
logo
API Technologies Corp
TOM9339 APITECH-TOM9339 Datasheet
58Kb / 1P
   Voltage Controlled SAW Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com