Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1194 Datasheet(PDF) 9 Page - Texas Instruments

Part # 1194
Description  Single Chip Low Cost Low Power RF-Transmitter
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

1194 Datasheet(HTML) 9 Page - Texas Instruments

Back Button 1194 Datasheet HTML 5Page - Texas Instruments 1194 Datasheet HTML 6Page - Texas Instruments 1194 Datasheet HTML 7Page - Texas Instruments 1194 Datasheet HTML 8Page - Texas Instruments 1194 Datasheet HTML 9Page - Texas Instruments 1194 Datasheet HTML 10Page - Texas Instruments 1194 Datasheet HTML 11Page - Texas Instruments 1194 Datasheet HTML 12Page - Texas Instruments 1194 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
CC2550
Preliminary Data Sheet (rev. 1.1)
SWRS039
Page 9 of 51
Parameter
Min
Typ
Max
Unit
Condition/Note
Power-up ramp-up time.
5
ms
From 0V until reaching 1.8V
Power off time
1
ms
Minimum time between power-on and power-off.
Table 10: Power-on Reset Requirements
12 Pin Configuration
GND
Exposed die
attach pad
5
6
7
8
9CSn
10 RF_P
11 RF_N
12 AVDD
13
14
15
16
1
SCLK
2
SO (GDO1)
3
DVDD
4
DCOUPL
Figure 1: Pinout top view
Note: The exposed die attach pad must be connected to a solid ground plane as this is the main
ground connection for the chip.


Similar Part No. - 1194

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1194 3M-1194 Datasheet
4Mb / 12P
   3M??EMI/EMC Electronic Materials
1194 3M-1194 Datasheet
21Kb / 2P
   Copper Foil with Nonconductive Adhesive
1998
logo
Heyco.
11940 HEYCO-11940 Datasheet
70Kb / 1P
   Shock Proof Snap Rivets
11941 HEYCO-11941 Datasheet
70Kb / 1P
   Shock Proof Snap Rivets
11942 HEYCO-11942 Datasheet
70Kb / 1P
   Shock Proof Snap Rivets
More results

Similar Description - 1194

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2550 TI-CC2550_06 Datasheet
672Kb / 55P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transmitter
CC1150 TI-CC1150 Datasheet
594Kb / 50P
[Old version datasheet]   Single Chip Low Cost Low Power RF-Transmitter
CC2500 TI-CC2500_06 Datasheet
1,016Kb / 84P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transceiver
CC2500 TI-CC2500 Datasheet
1Mb / 76P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transceiver
CC2550 TI-CC2550_11 Datasheet
740Kb / 59P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550RSTR TI1-CC2550RSTR Datasheet
1Mb / 61P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550 TI1-CC2550_13 Datasheet
1Mb / 61P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC1050 TI-CC1050_08 Datasheet
779Kb / 42P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
CC1050 TI-CC1050_07 Datasheet
591Kb / 40P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
CC1050 TI-CC1050 Datasheet
582Kb / 39P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com