Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VC-800-LAC-GTK-13.500 Datasheet(PDF) 6 Page - Vectron International, Inc

Part # VC-800-LAC-GTK-13.500
Description  Voltage Controlled Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-800-LAC-GTK-13.500 Datasheet(HTML) 6 Page - Vectron International, Inc

  VC-800-LAC-GTK-13.500 Datasheet HTML 1Page - Vectron International, Inc VC-800-LAC-GTK-13.500 Datasheet HTML 2Page - Vectron International, Inc VC-800-LAC-GTK-13.500 Datasheet HTML 3Page - Vectron International, Inc VC-800-LAC-GTK-13.500 Datasheet HTML 4Page - Vectron International, Inc VC-800-LAC-GTK-13.500 Datasheet HTML 5Page - Vectron International, Inc VC-800-LAC-GTK-13.500 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
USA: Vectron International • 267 Lowell Road, Hudson, NH 03051 . . . . . . Tel: 1-88-VECTRON-1 • Fax: 1-888-FAX-VECTRON
EUROPE: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Tel: 49 (0) 3328 4784 17 Ô Fax: 49 (0) 3328 4784 30
ASIA: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tel: +86 21 28909740 / 41 / 42 Ô Fax: +86 21 28909240 / 2890999ÔÔÔ
Vectron International reserves the right to make changes to the product(s) and/or information contained herein without notice.
No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
©2001, Vectron International.
Rev.22Oct01
, 16 Aug 02
www.vectron.com
For additional information please contact:
VC-800 Voltage Controlled Crystal Oscillator
Ordering Information
Other frequencies may be available upon request
NOTE: Not all combinations of options are available.
VC-800
K
A
C
G
T
J
Symmetry
J: 50 ±5%
K: 50 ±10%
Tri-state
T: Pin #2
Absolute Pull Range
G: ±50 ppm
N: ±80 ppm
Temperature Range
C: 0 to 70°C
F: -40 to 85°C
Product Family
VC=VCXO
Package
800: 5.0 x 3.2 x 1.5 mm
Input
K: 5.0V (±10%)
L: 3.3V (±10%)
Output
A: CMOS
MHz
Frequency
XX.XXX
4.096
8.192
12.960
13.500
16.000
16.384
17.664
25.920
27.000
32.000
32.768
35.328
44.736
51.840
Standard Frequencies - MHz


Similar Part No. - VC-800-LAC-GTK-13.500

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-800 VECTRON-VC-800 Datasheet
103Kb / 6P
   Voltage Controlled Crystal Oscillator
VC-800 VECTRON-VC-800_1 Datasheet
103Kb / 6P
   Voltage Controlled Crystal Oscillator
More results

Similar Description - VC-800-LAC-GTK-13.500

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
   Voltage Controlled Crystal Oscillator
logo
Epson ToYoCom
TCO-291J EPSONTOYOCOM-TCO-291J Datasheet
341Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VXCO-5000-DAE-G VECTRON-VXCO-5000-DAE-G Datasheet
377Kb / 5P
   Voltage Controlled Crystal Oscillator
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VX-260 VECTRON-VX-260 Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VX-703 VECTRON-VX-703 Datasheet
470Kb / 6P
   Voltage Controlled Crystal Oscillator
VCXO-700-ECT-KX VECTRON-VCXO-700-ECT-KX Datasheet
311Kb / 6P
   Voltage Controlled Crystal Oscillator
VVC1 VECTRON-VVC1_09 Datasheet
170Kb / 6P
   Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
   Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
   Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com