Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BBF2812 Datasheet(PDF) 11 Page - M.S. Kennedy Corporation

Part # BBF2812
Description  20W DC-DC CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

BBF2812 Datasheet(HTML) 11 Page - M.S. Kennedy Corporation

Back Button BBF2812 Datasheet HTML 3Page - M.S. Kennedy Corporation BBF2812 Datasheet HTML 4Page - M.S. Kennedy Corporation BBF2812 Datasheet HTML 5Page - M.S. Kennedy Corporation BBF2812 Datasheet HTML 6Page - M.S. Kennedy Corporation BBF2812 Datasheet HTML 7Page - M.S. Kennedy Corporation BBF2812 Datasheet HTML 8Page - M.S. Kennedy Corporation BBF2812 Datasheet HTML 9Page - M.S. Kennedy Corporation BBF2812 Datasheet HTML 10Page - M.S. Kennedy Corporation BBF2812 Datasheet HTML 11Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
MECHANICAL SPECIFICATIONS
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make
changes to its products or specifications without notice, however, and assumes no liability for the use of its products.
Please visit our website for the most recent revision of this datasheet.
M.S. Kennedy Corp.
4707 Dey Road, Liverpool, New York 13088
Phone (315) 701-6751
FAX (315) 701-6572
www.mskennedy.com
Rev. E 12/04
11
NOTE: ALL DIMENSIONS ARE ±0.010 INCHES UNLESS OTHERWISE LABELED.
ESD Triangle indicates Pin 1.
BBF2812S
The above example is an industrial grade 12V single output converter
ORDERING INFORMATION
SCREENING
BLANK= INDUSTRIAL; E= EXTENDED RELIABILITY;
H= MIL-PRF-38534 CLASS H
SINGLE OUTPUT
OUTPUT VOLTAGE
03=3.3V; 05=5V; 12=12V; 15=15V
NOMINAL INPUT VOLTAGE
GENERAL PART NUMBER
Contains Internal BeO (Beryllium Oxide)
Weight=61 Grams Typical


Similar Part No. - BBF2812

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
BBF2812S MSK-BBF2812S Datasheet
443Kb / 11P
   20W DC-DC CONVERTERS
BBF2812SE MSK-BBF2812SE Datasheet
443Kb / 11P
   20W DC-DC CONVERTERS
BBF2812SH MSK-BBF2812SH Datasheet
443Kb / 11P
   20W DC-DC CONVERTERS
BBF2812S MSK-BBF2812S_15 Datasheet
147Kb / 11P
   All Ceramic Capacitors
More results

Similar Description - BBF2812

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSKBBF2800S MSK-MSKBBF2800S Datasheet
443Kb / 11P
   20W DC-DC CONVERTERS
logo
Artesyn Technologies
CXA20 ARTESYN-CXA20 Datasheet
57Kb / 3P
   20W DC/DC Converters
logo
Toppower Electronic Tec...
TP20DD TOPPOWER-TP20DD Datasheet
221Kb / 4P
   20W Wide Input Voltage DC/DC Converters
logo
Murata Manufacturing Co...
BWR-15-670-D12A MURATA-BWR-15-670-D12A Datasheet
161Kb / 6P
   15-20W, Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP20DC TOPPOWER-TP20DC Datasheet
199Kb / 4P
   20W Wide Input Voltage DC/DC Converters
TP20DB TOPPOWER-TP20DB Datasheet
388Kb / 2P
   20W 1.5KVDC Wide Voltage Input DC/DC Converters
logo
MicroPower Direct, LLC
MHI2000BRWI8 MPD-MHI2000BRWI8 Datasheet
737Kb / 3P
   Compact, 20W Ultra-High Isolation DC/DC Converters
logo
TDK Electronics
PYD20 TDK-PYD20 Datasheet
1Mb / 5P
   20W Single and Dual Output DC-DC converters
September 2, 2022 V1
logo
MicroPower Direct, LLC
MR2011S MPD-MR2011S Datasheet
821Kb / 4P
   Ultra-Wide Input, 20W Compact, Railway DC/DC Converters
logo
Toppower Electronic Tec...
TP20DD TOPPOWER-TP20DD_V01 Datasheet
811Kb / 4P
   20W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com