Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-500-KEF-GNN781.2500 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VS-500-KEF-GNN781.2500
Description  Voltage Controlled SAW Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VS-500-KEF-GNN781.2500 Datasheet(HTML) 1 Page - Vectron International, Inc

  VS-500-KEF-GNN781.2500 Datasheet HTML 1Page - Vectron International, Inc VS-500-KEF-GNN781.2500 Datasheet HTML 2Page - Vectron International, Inc VS-500-KEF-GNN781.2500 Datasheet HTML 3Page - Vectron International, Inc VS-500-KEF-GNN781.2500 Datasheet HTML 4Page - Vectron International, Inc VS-500-KEF-GNN781.2500 Datasheet HTML 5Page - Vectron International, Inc VS-500-KEF-GNN781.2500 Datasheet HTML 6Page - Vectron International, Inc VS-500-KEF-GNN781.2500 Datasheet HTML 7Page - Vectron International, Inc VS-500-KEF-GNN781.2500 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Page 1 of 8
Rev: 14Nov03
VS-500
Voltage Controlled SAW Oscillator
Features
• Improved High Performance ASIC
• Industry Standard Package, 9 x 14 x 4.5 mm
• Output Frequencies from 155 MHz to 850 MHz
• 3.3 V or 5.0 V Operation
• At 155.52 MHz, Jitter < 0.50 ps-rms (12 kHz to 20 MHz)
• At 622.08 MHz, Jitter < 0.30 ps-rms (50 kHz to 80 MHz)
• LV-PECL, PECL, or ECL Configurations
• Complementary Outputs
• Output Disable Feature
Applications
PLL circuits for Clock Smoothing and Frequency Translation
Description
Standard
• 10G Fibre Channel
INCITS/T11 Project 1413-D
• 10GbE LAN / WAN
IEEE 802.3ae
• OC-192
ITU-T G.709
• SONET / SDH
GR-253-CORE Issue3
Description
The VS-500 is a SAW based voltage controlled oscillator that
operates at the fundamental frequency of the internal SAW filter.
This resonator is a high Q quartz device that enables the circuit
to achieve low phase jitter performance over a wide operating
temperature range. The oscillator is housed in a hermetically
sealed J-lead surface mount package offered on tape and reel.
It has an output disable to facilitate on-board testing.
Vcc
COutput
Output
Gnd
OD
Vc
SAW


Similar Part No. - VS-500-KEF-GNN781.2500

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-500-KEF-GNN VECTRON-VS-500-KEF-GNN Datasheet
362Kb / 8P
   Voltage Controlled SAW Oscillator
More results

Similar Description - VS-500-KEF-GNN781.2500

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
M675 IDT-M675 Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M630 ICST-M630 Datasheet
87Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M624 ICST-M624 Datasheet
52Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS700 VECTRON-VS700_09 Datasheet
840Kb / 7P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
VCSO-OC12-1 SYNERGY-VCSO-OC12-1 Datasheet
419Kb / 3P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS-502 VECTRON-VS-502 Datasheet
202Kb / 8P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501_12 Datasheet
408Kb / 6P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501 Datasheet
205Kb / 5P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
MSO1000-3 SYNERGY-MSO1000-3 Datasheet
326Kb / 4P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M660-01 ICST-M660-01 Datasheet
552Kb / 3P
   Voltage Controlled SAW Oscillator
logo
API Technologies Corp
TOM9339 APITECH-TOM9339 Datasheet
58Kb / 1P
   Voltage Controlled SAW Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com