Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SO-502-DJC-TNN300 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # SO-502-DJC-TNN300
Description  SAW Based Clock Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

SO-502-DJC-TNN300 Datasheet(HTML) 2 Page - Vectron International, Inc

  SO-502-DJC-TNN300 Datasheet HTML 1Page - Vectron International, Inc SO-502-DJC-TNN300 Datasheet HTML 2Page - Vectron International, Inc SO-502-DJC-TNN300 Datasheet HTML 3Page - Vectron International, Inc SO-502-DJC-TNN300 Datasheet HTML 4Page - Vectron International, Inc SO-502-DJC-TNN300 Datasheet HTML 5Page - Vectron International, Inc SO-502-DJC-TNN300 Datasheet HTML 6Page - Vectron International, Inc SO-502-DJC-TNN300 Datasheet HTML 7Page - Vectron International, Inc SO-502-DJC-TNN300 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SO-502 SAW Based Oscillator
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
2
Rev: 06June05
Table 1. Electrical Performance
Parameter
Symbol Minimum
Typical
Maximum
Units
Notes
Frequency
Center Frequency
FN
300
1350
MHz
1,2
Frequency Stability (Referenced to FO)
FSTAB
+50, -250
ppm
1,2,7
Aging (10 years)
+50, -100
ppm
5
Supply
Voltage (B)
VCC
11.4
12
12.6
V
2,3
Voltage (C)
VCC
4.75
5
5.25
V
2,3
Voltage (D)
VCC
3.135
3.3
3.450
V
2,3
Current (No Load)
ICC
55
70
mA
2,3
Output- Sinewave Options
Sinewave, into 50 Ώ (G)
PO
0
dBm
2,3
Sinewave, into 50 Ώ (J)
PO
+7
dBm
2,3
Sinewave, into 50 Ώ (K)
PO
+10
dBm
2,3
Harmonics
-20
dBc
2,3
Jitter @ 622.08 MHz (12 kHz to 20 MHz)
0.28
ps,rms
5,6
Jitter @ 622.08 MHz (50 kHz to 80 MHz)
0.29
ps,rms
5,6
Output- PECL Logic Option (F)
Output Level Low
VOL
VCC-1.95
VCC-1.63
V
2,3,4
Output Level High
VOL
VCC-0.98
VCC-0.75
V
2,3,4
Rise & Fall Time
tR,tF
200
350
ps
2,3,4
Symmetry (Duty Cycle)
SYM
45
49/51
55
%
2,3,4
Operating Temperature
TOP
See Ordering Table
ºC
1
Package Size
9.0 x 14.0 x 4.5
mm
Table Notes:
1. See Standard Frequencies and Ordering Information
2. Parameters are tested with production test circuit
3. Parameters are tested at ambient temperature with test limits guard-banded for specified operating temperature.
4. Output levels are standard 100K PECL compatible and measured from 20% to 80% of a full output swing (Fig 1).
5. Not tested in production, guaranteed by design, verified at qualification.
6. Integrated across 12 kHz to 20 MHz or 50 kHz to 80 MHz per GR-253-CORE Issue3.
7. Maximum Frequency occurs at room temperature
Table 2. Typical Single Side-Band Phase Noise (dBc/Hz) for Sinewave Output
Output Frequency
100 Hz Offset
1 kHz Offset
10 kHz Offset
100 kHz Offset
1 MHz Offset
622.08 MHz
-70
-100
-125
-155
-160
1000 MHz
-70
-100
-125
-155
-160


Similar Part No. - SO-502-DJC-TNN300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SO-1021-7127 ETC2-SO-1021-7127 Datasheet
86Kb / 1P
   RELAY SOCKET 10 AMP
logo
Texas Instruments
SO-14 TI1-SO-14 Datasheet
551Kb / 30P
[Old version datasheet]   STAR STAR Surface Mount Tape-and-Reel Specification
logo
Advanced Monolithic Sys...
SO-14 ADMOS-SO-14 Datasheet
67Kb / 5P
   Packaging for Automatic Handling
logo
Texas Instruments
SO-16 TI1-SO-16 Datasheet
551Kb / 30P
[Old version datasheet]   STAR STAR Surface Mount Tape-and-Reel Specification
logo
Advanced Monolithic Sys...
SO-16 ADMOS-SO-16 Datasheet
67Kb / 5P
   Packaging for Automatic Handling
More results

Similar Description - SO-502-DJC-TNN300

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CCSO-914X-1000 CRYSTEKCRYSTAL-CCSO-914X-1000_15 Datasheet
264Kb / 3P
   SAW Based Clock Oscillator
logo
Vectron International, ...
SO-720 VECTRON-SO-720 Datasheet
132Kb / 7P
   SAW Based Clock Oscillator
SO-720 VECTRON-SO-720_07 Datasheet
136Kb / 7P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCSO-914X CRYSTEKCRYSTAL-CCSO-914X_15 Datasheet
338Kb / 4P
   SAW Based Clock Oscillator
CCSO-914X3-1000 CRYSTEKCRYSTAL-CCSO-914X3-1000_15 Datasheet
264Kb / 3P
   SAW Based Clock Oscillator
CCSO-914X-245 CRYSTEKCRYSTAL-CCSO-914X-245 Datasheet
385Kb / 3P
   SAW Based Clock Oscillator
CCSO-914Y12-1090 CRYSTEKCRYSTAL-CCSO-914Y12-1090 Datasheet
171Kb / 3P
   SAW Based Clock Oscillator
logo
Vectron International, ...
PS-702 VECTRON-PS-702 Datasheet
760Kb / 7P
   SAW Based Clock Oscillator
PS-702-ECT-KAA VECTRON-PS-702-ECT-KAA Datasheet
340Kb / 7P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCS575S CRYSTEKCRYSTAL-CCS575S Datasheet
139Kb / 2P
   SAW Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com