Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS35B Datasheet(PDF) 4 Page - Vectron International, Inc

Part # TFS35B
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS35B Datasheet(HTML) 4 Page - Vectron International, Inc

  TFS35B Datasheet HTML 1Page - Vectron International, Inc TFS35B Datasheet HTML 2Page - Vectron International, Inc TFS35B Datasheet HTML 3Page - Vectron International, Inc TFS35B Datasheet HTML 4Page - Vectron International, Inc TFS35B Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Tfs35B.doc
version 1.0
10.02.2003
VI TELEFILTER
Filter specification
TFS 35 B
4/5
7. Air reflow temperature conditions :
1st and 2nd air reflow profile
Name:
pre-heating periods
main-heating periods
peak temperature
Temperature:
150
°C - 170 °C
over 200
°C
255
°C ± 5 °C
Time:
60 sec. - 90 sec.
20 sec. - 25 sec.
Air reflow profile
0
20
40
60
80
100
120
140
160
180
200
220
240
260
0
20
40
60
80
100
120
140
160
180
200
220
240
time / sec.
Table for temperature vs. time during the air reflow process
Tolerance of temperatures:
± 5 °C
time / sec.
temperature /
°C
time / sec.
temperature /
°C
0
23
140
160
10
34
150
161
20
46
160
164
30
60
170
170
40
80
180
180
50
103
190
205
60
121
195
230
70
134
200
255
80
143
205
230
90
150
210
205
100
154
215
180
110
156
220
165
120
158
230
140
130
159
240
120
VI TELEFILTER
Potsdamer Stra
ße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of
their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS35B

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS350A VECTRON-TFS350A Datasheet
190Kb / 5P
   Filter Specification
TFS350B VECTRON-TFS350B Datasheet
190Kb / 5P
   Filter specification
TFS350C VECTRON-TFS350C Datasheet
189Kb / 5P
   Filter specification
TFS350D VECTRON-TFS350D Datasheet
189Kb / 5P
   Filter specification
TFS350E VECTRON-TFS350E Datasheet
163Kb / 5P
   Filter specification
More results

Similar Description - TFS35B

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com