Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-751-LFF-HNN629.9878 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VS-751-LFF-HNN629.9878
Description  Dual Frequency VCSO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VS-751-LFF-HNN629.9878 Datasheet(HTML) 2 Page - Vectron International, Inc

  VS-751-LFF-HNN629.9878 Datasheet HTML 1Page - Vectron International, Inc VS-751-LFF-HNN629.9878 Datasheet HTML 2Page - Vectron International, Inc VS-751-LFF-HNN629.9878 Datasheet HTML 3Page - Vectron International, Inc VS-751-LFF-HNN629.9878 Datasheet HTML 4Page - Vectron International, Inc VS-751-LFF-HNN629.9878 Datasheet HTML 5Page - Vectron International, Inc VS-751-LFF-HNN629.9878 Datasheet HTML 6Page - Vectron International, Inc VS-751-LFF-HNN629.9878 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VS-751 Voltage Controlled SAW Oscillator
Electrical Performance
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
Frequency
Nominal Frequency
Absolute Pull Range
Linearity
Gain Transfer (See Pg 5)
Temperature Stability
Transition Time
fN
APR
Lin
KV
fSTAB
50
500 - 850
5
+405
100
4
MHz
ppm
%
ppm/V
ppm
sec
1,2,3
1,2,3,8
2,4,8
2,8
1,6
6
Supply
Voltage
Current (No Load)
VCC
ICC
2.97
3.3
55
3.63
70
V
mA
2,3
3
Outputs
Mid Level
Swing
Current
Rise Time
Fall Time
Symmetry
Spurious Suppression
Jitter (See Pg 5)
IOUT
tR
tF
SYM
J
VCC-1.4
550
45
50
VCC-1.3
650
250
250
50
60
0.130
VCC-1.2
950
20
400
400
55
0.250
V
mV-pp
mA
ps
ps
%
dBc
ps-rms
2,3
2,3
6
5,6
5,6
2,3
6
6,7
Control Voltage
Input Impedance
Modulation Bandwidth
ZC
BW
100
500
k
kHz
6
6
Operating Temperature
TOP
-40
85
°C
1,3
Package Size
5.0 x 7.5 x 2.5
mm
1. See Standard Frequencies and Ordering Information (Pg 7).
2. Parameters are tested with production test circuit below (Fig 1).
3. Parameters are tested at ambient temperature with test limits guardbanded for specified operating temperature.
4. Measured as the maximum deviation from the best straight-line fit, per MIL-0-55310.
5. Measured from 20% to 80% of a full output swing (Fig 2).
6. Not tested in production, guaranteed by design, verified at qualification.
7. Integrated across 50 kHz to 80 MHz, per GR-253-CORE Issue3.
8. Tested with Vc = 0.3V to 3.0V.
Figure 1. Test Circuit
Figure 2. 10K LV-PECL Waveform
Vcc - 1.6V
Vcc - 1.3V
Vcc - 1.0V
80%
20%
1
2
3
6
5
4
50
50
tR
tF
tA
tB
SYM = 100 x tA / tB
Test Circuit Notes:
To Permit 50
Measurement of Outputs, all DC Inputs are Biased Down 1.3V.
All Voltage Sources Contain Bypass Capacitors to Minimize Supply Noise.
Terminations are Within Test Equipment.
Vc (-1.0V to +1.7V)
Vee (-1.3V)
Vcc (+2V)
COutput
Output
), F2 (+0.59V)
1)
2)
3) 50
F1 (-0.58V
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Page 2 of 7
Rev: 09Jan06


Similar Part No. - VS-751-LFF-HNN629.9878

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-751 VECTRON-VS-751 Datasheet
501Kb / 8P
   Dual Frequency VCSO
VS-751 VECTRON-VS-751_09 Datasheet
501Kb / 8P
   Dual Frequency VCSO
More results

Similar Description - VS-751-LFF-HNN629.9878

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-509 VECTRON-VS-509_11 Datasheet
207Kb / 9P
   Dual Frequency VCSO
VS-550 VECTRON-VS-550_06 Datasheet
144Kb / 7P
   Dual Frequency VCSO
VS-709 VECTRON-VS-709 Datasheet
719Kb / 9P
   Dual Frequency VCSO
VS-504 VECTRON-VS-504 Datasheet
872Kb / 6P
   Dual Frequency VCSO
VS-709 VECTRON-VS-709_12 Datasheet
719Kb / 9P
   Dual Frequency VCSO
VS402 VECTRON-VS402 Datasheet
569Kb / 6P
   Dual Frequency VCSO
VS-751 VECTRON-VS-751_09 Datasheet
501Kb / 8P
   Dual Frequency VCSO
VS-550 VECTRON-VS-550 Datasheet
146Kb / 7P
   DUAL FREQUENCY VCSO
VS-509 VECTRON-VS-509 Datasheet
200Kb / 9P
   Dual Frequency VCSO
VS-750 VECTRON-VS-750 Datasheet
263Kb / 7P
   Dual Frequency VCSO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com