Electronic Components Datasheet Search |
|
VS-720-LPC-GAA-693.4830 Datasheet(PDF) 2 Page - Vectron International, Inc |
|
VS-720-LPC-GAA-693.4830 Datasheet(HTML) 2 Page - Vectron International, Inc |
2 / 7 page VS-720 Voltage Controlled SAW Oscillator Electrical Performance Parameter Symbol Minimum Typical Maximum Units Notes Frequency Nominal Frequency Absolute Pull Range Linearity Gain Transfer (See Pg 5) Temperature Stability f N APR Lin K V f STAB 150 50 +75 20 800 ±10 MHz ppm % ppm/V ppm 1,2,3 1,2,8 2,4,8 2,8 1 Supply Voltage Current (No Load) V CC I CC 2.97 3.3 55 3.63 70 V mA 2,3 3 Outputs Mid Level - LVPECL Swing LVPECL Mid Level - LVDS Swing LVDS Current Rise Time Fall Time Symmetry Jitter (12 kHz 20 MHz BW) 622.08 MHz Jitter (50 kHz 80 MHz BW) 622.08 MHz I OUT t R t F SYM J J Vcc-1.4 450 V CC-2.4 250 45 Vcc-1.25 600 Vcc-2.3 350 50 0.100 0.120 Vcc-1.0 750 V CC-2.5 450 20 500 500 55 0.250 0.300 V mV-pp V mV-pp mA ps ps % ps-rms ps-rms 2,3 2,3 2,3 2,3 6 5,6 5,6 2,3 6,7 6,7 Period Jitter, RMS (622.08 MHz) J 3.0 4.0 ps-rms 9 Period Jitter, Peak - Peak (622.08 MHz) J 20 30 ps pk-pk 9 Control Voltage Control Voltage Range for APR Control Voltage Input Impedance Control Voltage Modulation BW VC ZIN BW 0.3 75 50 3.0 V K KHz 2,8 6 6 Operating Temp. (Ordering Option) T OP 0/70,-20/70 or -40/85 °C 1,3 Package Size 5.0 x 7.5 x 2.0 mm 1. See Standard Frequencies and Ordering Information tables (Pg 7) for more specific information 2. Parameters are tested with production test circuit below (Fig 1). 3. Parameters are tested at ambient temperature with test limits guard-banded for specified operating temperature. 4. Measured as the maximum deviation from the best straight-line fit, per MIL-0-55310. 5. Measured from 20% to 80% of a full output swing (Fig 2). 6. Not tested in production, guaranteed by design, verified at qualification. 7. Integrated across stated bandwidth per GR-253-CORE Issue3. 8. Tested with Vc = 0.3V to 3.0V unless otherwise stated in part description 9. Broadband Period Jitter measured using Lecroy Wavemaster 8600A 6 GHz Oscilloscope, 250K samples taken Vectron International 166 Glover Avenue, Norwalk CT 06856-5160 Tel: 1-88-VECTRON-1 Website: www.vectron.com Figure 1. Test Circuit Figure 2. 10K LV-PECL Waveform Vcc - 1.6V Vcc - 1.3V Vcc - 1.0V 80% 20% SYM = 100 xtA / tB t R t F t A t B Page 3 of 7 Rev: 09 Jan 2006 1 2 3 6 5 4 50 50 Test Circuit Notes: 1) To Permit 50 Measurement of Outputs, all DC Inputs are Biased Down 1.3V. 2) All Voltage Sources Contain Bypass Capacitors to Minimize Supply Noise. 3) 50 Terminations are Within Test Equipment. (-1.3V to +2.0V) (-1.3V, +2.0V) (-1.3V) (+2.0V) COutput Output Enable, Disable |
Similar Part No. - VS-720-LPC-GAA-693.4830 |
|
Similar Description - VS-720-LPC-GAA-693.4830 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |