Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-751-LFF-GNN624.6938 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VS-751-LFF-GNN624.6938
Description  Dual Frequency VCSO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VS-751-LFF-GNN624.6938 Datasheet(HTML) 1 Page - Vectron International, Inc

  VS-751-LFF-GNN624.6938 Datasheet HTML 1Page - Vectron International, Inc VS-751-LFF-GNN624.6938 Datasheet HTML 2Page - Vectron International, Inc VS-751-LFF-GNN624.6938 Datasheet HTML 3Page - Vectron International, Inc VS-751-LFF-GNN624.6938 Datasheet HTML 4Page - Vectron International, Inc VS-751-LFF-GNN624.6938 Datasheet HTML 5Page - Vectron International, Inc VS-751-LFF-GNN624.6938 Datasheet HTML 6Page - Vectron International, Inc VS-751-LFF-GNN624.6938 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VS-751
Dual Frequency VCSO
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Page 1 of 7
Rev: 09Jan06
Features
5 x 7.5 x 2.5 mm Package
Output Frequencies from 500 MHz to 850 MHz
3.3 V Operation
Low Jitter < 0.25 ps-rms across 50 kHz to 80 MHz
LV-PECL Configuration with Fast Transition Times
Complementary Outputs
Frequency Select
Patent Pending Technology
Product is free of lead and compliant to
EC RoHS Directive
Applications
PLL circuits for Clock Smoothing and Frequency Translation
Description
Standard
1-2-4 Gigabit Fibre Channel
INCITS 352-2002
10 Gigabit Fibre Channel
INCITS 364-2003
10GbE LAN / WAN
IEEE 802.3ae
OC-192
ITU-T G.709
SONET / SDH
GR-253-CORE Issue3
Description
The VS-751 is a SAW based voltage controlled oscillator that
operates at the fundamental frequencies of the internal SAW
filters. These SAW filters are high-Q quartz devices that
enable the circuit to achieve low phase jitter performance over
a wide operating temperature range. The dual oscillator is
housed in a hermetically sealed leadless surface mount
package offered on tape and reel. It has a frequency select
function that enables either
“Frequency 1” or “Frequency 2.”
Pb
FS
Vc
Gnd
Output
COutput
Vcc
SAW 1
SAW 2


Similar Part No. - VS-751-LFF-GNN624.6938

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-751 VECTRON-VS-751 Datasheet
501Kb / 8P
   Dual Frequency VCSO
VS-751 VECTRON-VS-751_09 Datasheet
501Kb / 8P
   Dual Frequency VCSO
More results

Similar Description - VS-751-LFF-GNN624.6938

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-509 VECTRON-VS-509_11 Datasheet
207Kb / 9P
   Dual Frequency VCSO
VS-550 VECTRON-VS-550_06 Datasheet
144Kb / 7P
   Dual Frequency VCSO
VS-709 VECTRON-VS-709 Datasheet
719Kb / 9P
   Dual Frequency VCSO
VS-504 VECTRON-VS-504 Datasheet
872Kb / 6P
   Dual Frequency VCSO
VS-709 VECTRON-VS-709_12 Datasheet
719Kb / 9P
   Dual Frequency VCSO
VS402 VECTRON-VS402 Datasheet
569Kb / 6P
   Dual Frequency VCSO
VS-751 VECTRON-VS-751_09 Datasheet
501Kb / 8P
   Dual Frequency VCSO
VS-550 VECTRON-VS-550 Datasheet
146Kb / 7P
   DUAL FREQUENCY VCSO
VS-509 VECTRON-VS-509 Datasheet
200Kb / 9P
   Dual Frequency VCSO
VS-750 VECTRON-VS-750 Datasheet
263Kb / 7P
   Dual Frequency VCSO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com