Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-751-LFF-GNN624.6938 Datasheet(PDF) 6 Page - Vectron International, Inc

Part # VS-751-LFF-GNN624.6938
Description  Dual Frequency VCSO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VS-751-LFF-GNN624.6938 Datasheet(HTML) 6 Page - Vectron International, Inc

  VS-751-LFF-GNN624.6938 Datasheet HTML 1Page - Vectron International, Inc VS-751-LFF-GNN624.6938 Datasheet HTML 2Page - Vectron International, Inc VS-751-LFF-GNN624.6938 Datasheet HTML 3Page - Vectron International, Inc VS-751-LFF-GNN624.6938 Datasheet HTML 4Page - Vectron International, Inc VS-751-LFF-GNN624.6938 Datasheet HTML 5Page - Vectron International, Inc VS-751-LFF-GNN624.6938 Datasheet HTML 6Page - Vectron International, Inc VS-751-LFF-GNN624.6938 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
VS-751 Voltage Controlled SAW Oscillator
Reliability
VI qualification includes aging at various extreme temperatures, shock and vibration, temperature cycling, and
IR reflow simulation. The VS-751 family is capable of meeting the following qualification tests:
Environmental Compliance
Parameter
Conditions
Mechanical Shock
MIL-STD-883, Method 2002
Mechanical Vibration
MIL-STD-883, Method 2007
Solderability
MIL-STD-883, Method 2003
Gross and Fine Leak
MIL-STD-883, Method 1014
Resistance to Solvents
MIL-STD-883, Method 2016
Handling Precautions
Although ESD protection circuitry has been designed into the VS-751 proper precautions should be taken when
handling and mounting. VI employs a human body model (HBM) and a charged-device model (CDM) for ESD
susceptibility testing and design protection evaluation.
ESD Ratings
Model
Minimum
Conditions
Human Body Model
1500 V
MIL-STD 883, Method 3015
Charged Device Model
1000 V
JEDEC, JESD22-C101
The device has been qualified to meet the JEDEC
standard for Pb-Free assembly. The temperatures
and time intervals listed are based on the Pb-Free
small body requirements. The temperatures refer to
the topside of the package, measured on the package
body surface. The VS-751 device is hermetically
sealed so an aqueous wash is not an issue.
Terminal Plating: Electroless Gold Plate over
Nickel Plate
25
217
200
150
260
Reflow Profile (IPC/JEDEC J-STD-020C)
Parameter
Symbol
Value
PreHeat Time
t S
60 sec Min, 180 sec Max
Ramp Up
R UP
3
oC/sec Max
Time Above 217
oC
t L
60 sec Min, 150 sec Max
Time To Peak Temperature
t AMB-P
480 sec Max
Time At 260
oC
t P
20 sec Min, 40 sec Max
Ramp Down
R DN
6
oC/sec Max
Time (sec)
t L
R UP
t P
R DN
t S
t AMB-P
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Page 6 of 7
Rev: 09Jan06


Similar Part No. - VS-751-LFF-GNN624.6938

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-751 VECTRON-VS-751 Datasheet
501Kb / 8P
   Dual Frequency VCSO
VS-751 VECTRON-VS-751_09 Datasheet
501Kb / 8P
   Dual Frequency VCSO
More results

Similar Description - VS-751-LFF-GNN624.6938

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-509 VECTRON-VS-509_11 Datasheet
207Kb / 9P
   Dual Frequency VCSO
VS-550 VECTRON-VS-550_06 Datasheet
144Kb / 7P
   Dual Frequency VCSO
VS-709 VECTRON-VS-709 Datasheet
719Kb / 9P
   Dual Frequency VCSO
VS-504 VECTRON-VS-504 Datasheet
872Kb / 6P
   Dual Frequency VCSO
VS-709 VECTRON-VS-709_12 Datasheet
719Kb / 9P
   Dual Frequency VCSO
VS402 VECTRON-VS402 Datasheet
569Kb / 6P
   Dual Frequency VCSO
VS-751 VECTRON-VS-751_09 Datasheet
501Kb / 8P
   Dual Frequency VCSO
VS-550 VECTRON-VS-550 Datasheet
146Kb / 7P
   DUAL FREQUENCY VCSO
VS-509 VECTRON-VS-509 Datasheet
200Kb / 9P
   Dual Frequency VCSO
VS-750 VECTRON-VS-750 Datasheet
263Kb / 7P
   Dual Frequency VCSO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com