Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-751-LFF-HNN622.0800 Datasheet(PDF) 7 Page - Vectron International, Inc

Part # VS-751-LFF-HNN622.0800
Description  Dual Frequency VCSO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VS-751-LFF-HNN622.0800 Datasheet(HTML) 7 Page - Vectron International, Inc

  VS-751-LFF-HNN622.0800 Datasheet HTML 1Page - Vectron International, Inc VS-751-LFF-HNN622.0800 Datasheet HTML 2Page - Vectron International, Inc VS-751-LFF-HNN622.0800 Datasheet HTML 3Page - Vectron International, Inc VS-751-LFF-HNN622.0800 Datasheet HTML 4Page - Vectron International, Inc VS-751-LFF-HNN622.0800 Datasheet HTML 5Page - Vectron International, Inc VS-751-LFF-HNN622.0800 Datasheet HTML 6Page - Vectron International, Inc VS-751-LFF-HNN622.0800 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
VS-751 Voltage Controlled SAW Oscillator
Standard Frequencies (MHz)
531.2500 P8
569.1964 P9
622.0800 P2
624.6938 PD
625.0000 P3
627.3296 P7
629.9878 PA
644.5313 P4
657.4219 PB
666.5143 P5
669.3266 R3
669.6429 R1
672.1627 R5
690.5692 R4
693.4830 R6
693.7500 R8
707.3527 TC
777.6000 T4
805.6641 TA
1. Other frequencies available upon request, please contact VI for details.
2. Frequency 1 must be lower than Frequency 2. Not all combinations are available.
Ordering Information
VS - 751 - L F F - H N N - P2 - P4
Product Family
VS: VCSO
Package
751: 5 x 7.5 x 2.5 mm
Input
L: 3.3 V
Output
F: LV-PECL
Operating Temperature
F: -40 to 85 C
Frequency 1
See Above
Other (Future Use)
N: N/A
Other (Future Use)
N: N/A
Absolute Pull Range
G: +/- 50 ppm
H: +/- 100 ppm
Frequency 2
See Above
For Additional Information, Please Contact:
USA: Vectron International, 267 Lowell Rd, Hudson, NH 03051 . . . . Tel: 1-88-VECTRON-1
Fax: 1-888-FAX-VECTRON
EUROPE: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tel: +49 (0) 3328-4784-17
Fax: +49 (0) 3328-4784-30
ASIA: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tel: +86-21-28909740
Fax: +86-21-28909240
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice.
No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Page 7 of 7
Rev: 09Jan06


Similar Part No. - VS-751-LFF-HNN622.0800

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-751 VECTRON-VS-751 Datasheet
501Kb / 8P
   Dual Frequency VCSO
VS-751 VECTRON-VS-751_09 Datasheet
501Kb / 8P
   Dual Frequency VCSO
More results

Similar Description - VS-751-LFF-HNN622.0800

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-509 VECTRON-VS-509_11 Datasheet
207Kb / 9P
   Dual Frequency VCSO
VS-550 VECTRON-VS-550_06 Datasheet
144Kb / 7P
   Dual Frequency VCSO
VS-709 VECTRON-VS-709 Datasheet
719Kb / 9P
   Dual Frequency VCSO
VS-504 VECTRON-VS-504 Datasheet
872Kb / 6P
   Dual Frequency VCSO
VS-709 VECTRON-VS-709_12 Datasheet
719Kb / 9P
   Dual Frequency VCSO
VS402 VECTRON-VS402 Datasheet
569Kb / 6P
   Dual Frequency VCSO
VS-751 VECTRON-VS-751_09 Datasheet
501Kb / 8P
   Dual Frequency VCSO
VS-550 VECTRON-VS-550 Datasheet
146Kb / 7P
   DUAL FREQUENCY VCSO
VS-509 VECTRON-VS-509 Datasheet
200Kb / 9P
   Dual Frequency VCSO
VS-750 VECTRON-VS-750 Datasheet
263Kb / 7P
   Dual Frequency VCSO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com