Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5394 Datasheet(PDF) 1 Page - Wing Shing Computer Components

Part # 1N5394
Description  Silicon Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

1N5394 Datasheet(HTML) 1 Page - Wing Shing Computer Components

  1N5394 Datasheet HTML 1Page - Wing Shing Computer Components 1N5394 Datasheet HTML 2Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 1.5 Amperes
FEATURES
* Low cost
* Low leakage
* Low forward voltage drop
* High current capability
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Mounting position: Any
* Weight: 0.38 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
DO-15
Dimensions in inches and (millimeters)
* Lead: MIL-STD-202E, Method 208 guaranteed
* Polarity: Color band denotes cathode end
PARAMETER
SYMBOL 1N5391 1N5392 1N5393 1N5395 1N5397 1N5398 1N5399 UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current .375*(9.5mm)
lead length at TL = 70℃
IO
1.5
Amps
Peak Forward Surge Current: 8.3 ms single half sine-wave
Superimposed on rated load (JEDEC Method)
IFSM
50
Amps
Maximum Instantaneous Forward Voltage at 1.5A DC
VF
1.4
Volts
@TA = 25℃
5.0
Maximum DC Reverse Current at
Rated DC Blocking Voltage
@TA = 100℃
500
uAmps
Maximum Full Load Reverse Current Average.
Full Cycle .375*(9.5mm) lead length at TL = 75℃
IR
30
uAmps
Typical Junction Capacitance ( Note )
CJ
20
pF
Typical Thermal Resistance
JL
50
℃/W
Operating and Storage Temperature Range
TJ,TSTG
-65 to +175
Notes:
1. Measured at 1 MHz and applied reverse voltage of 4.0 volts
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com
1N5391 - 1N5399
SILICON RECTIFIER


Similar Part No. - 1N5394

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
1N5394 PFS-1N5394 Datasheet
174Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Pan Jit International I...
1N5394 PANJIT-1N5394 Datasheet
47Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
SAMYANG ELECTRONICS CO....
1N5394 SAMYANG-1N5394 Datasheet
1Mb / 2P
   PLASTIC SILICON RECTIFIER
logo
Rugao Dachang Electroni...
1N5394 DACHANG-1N5394 Datasheet
119Kb / 2P
   General Purpose Plastic Rectifier
logo
Leshan Radio Company
1N5394 LRC-1N5394 Datasheet
47Kb / 2P
   1.5A GENERAL DIODES
More results

Similar Description - 1N5394

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N647-1 MICROSEMI-1N647-1 Datasheet
86Kb / 1P
   SILICON RECTIFIER
1N649-1 MICROSEMI-1N649-1 Datasheet
86Kb / 1P
   SILICON RECTIFIER
logo
Rectron Semiconductor
1N4001 RECTRON-1N4001 Datasheet
225Kb / 2P
   SILICON RECTIFIER
logo
New Jersey Semi-Conduct...
IN3569-74 NJSEMI-IN3569-74 Datasheet
56Kb / 1P
   Silicon Rectifier
logo
Yangzhou yangjie electr...
ARS35A YANGJIE-ARS35A Datasheet
148Kb / 2P
   Silicon Rectifier
logo
New Jersey Semi-Conduct...
1N442 NJSEMI-1N442 Datasheet
88Kb / 1P
   Silicon Rectifier
logo
Zowie Technology Corpor...
RL201 ZOWIE-RL201 Datasheet
44Kb / 2P
   SILICON RECTIFIER
logo
Chenmko Enterprise Co. ...
RL151PT CHENMKO-RL151PT Datasheet
81Kb / 2P
   SILICON RECTIFIER
logo
Yangzhou yangjie electr...
15A YANGJIE-15A Datasheet
146Kb / 2P
   Silicon Rectifier
logo
Zowie Technology Corpor...
1N4001E ZOWIE-1N4001E Datasheet
45Kb / 2P
   SILICON RECTIFIER
logo
Rectron Semiconductor
1N5391 RECTRON-1N5391 Datasheet
22Kb / 2P
   SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com