Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VC-715-DFC-GFL19.440 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # VC-715-DFC-GFL19.440
Description  LVPECL Voltage Controlled Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-715-DFC-GFL19.440 Datasheet(HTML) 5 Page - Vectron International, Inc

  VC-715-DFC-GFL19.440 Datasheet HTML 1Page - Vectron International, Inc VC-715-DFC-GFL19.440 Datasheet HTML 2Page - Vectron International, Inc VC-715-DFC-GFL19.440 Datasheet HTML 3Page - Vectron International, Inc VC-715-DFC-GFL19.440 Datasheet HTML 4Page - Vectron International, Inc VC-715-DFC-GFL19.440 Datasheet HTML 5Page - Vectron International, Inc VC-715-DFC-GFL19.440 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
VC-715 Voltage Controlled Crystal Oscillator
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Page 5 of 6
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Power Supply
VCC
0 to 6
V
Output Current
Iout
25
mA
Voltage Control Range
VC
0 to VCC
V
Storage Temperature
TS
-55 to 125
°C
Soldering Temp/Time
2
TLS
240/10
°C/sec
1) Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional operation is not implied at these
or any other conditions in excess of conditions represented in the operational sections of this data sheet. Exposure to absolute maximum
ratings for extended periods may adversely affect device reliability.
2) Contact pads are gold over nickel, the maximum solder temp can be lower, e.g. 220C.
Reliability
The VC-715 family is capable of meeting the following qualification tests:
Environmental Compliance
Parameter
Conditions
Mechanical Shock
MIL-STD-883, Method 2002
Mechanical Vibration
MIL-STD-883, Method 2007
Solderability
MIL-STD-883, Method 2003
Gross and Fine Leak
MIL-STD-883, Method 1014
Resistance to Solvents
MIL-STD-883, Method 2015
Handling Precautions
Although ESD protection circuitry has been designed into the VC-715 proper precautions should be taken when handling and mounting.
VI employs a human body model and a charged-device model (CDM) for ESD susceptibility testing and design protection evaluation.
ESD Ratings
Model
Minimum
Conditions
Human Body Model
500
MIL-STD 883, Method 3015
Charged Device Model
500
JESD 22-C101
VI qualification includes aging at various extreme temperatures, shock and vibration, temperature cycling, and IR
reflow simulation. The VC-715’s are hermetically sealed so an aqueous wash is not an issue. Contact pads are
gold over nickel.


Similar Part No. - VC-715-DFC-GFL19.440

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-715 VECTRON-VC-715 Datasheet
122Kb / 6P
   LVPECL Voltage Controlled Crystal Oscillator
VC-715 VECTRON-VC-715_06 Datasheet
122Kb / 6P
   LVPECL Voltage Controlled Crystal Oscillator
More results

Similar Description - VC-715-DFC-GFL19.440

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-715 VECTRON-VC-715_06 Datasheet
122Kb / 6P
   LVPECL Voltage Controlled Crystal Oscillator
logo
Cypress Semiconductor
CY2V014 CYPRESS-CY2V014 Datasheet
262Kb / 9P
   LVPECL Voltage Controlled Crystal Oscillator (VCXO)
logo
Crystek Corporation
CVPD-914 CRYSTEKCRYSTAL-CVPD-914 Datasheet
113Kb / 1P
   Differential LVPECL Voltage Controlled Crystal Oscillator 9X14 mm SMD, 3.3V, LVPECL
CVPD-920 CRYSTEKCRYSTAL-CVPD-920 Datasheet
74Kb / 1P
   Differential LVPECL Voltage Controlled Crystal Oscillator 9X14 mm SMD, 3.3V, LVPECL
logo
TAITIEN ELECTRONICS CO....
XO-0083-VW-LVDS-TYPE TAITIEN-XO-0083-VW-LVDS-TYPE Datasheet
285Kb / 1P
   5.0 x 3.2mm SMD LVPECL/LVDS Voltage Controlled Crystal Oscillator
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
   Voltage Controlled Crystal Oscillator
logo
Epson ToYoCom
TCO-291J EPSONTOYOCOM-TCO-291J Datasheet
341Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VXCO-5000-DAE-G VECTRON-VXCO-5000-DAE-G Datasheet
377Kb / 5P
   Voltage Controlled Crystal Oscillator
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com