Part Name
         Description
VC-800

 Voltage Controlled Crystal Oscillator ( 6 Page)


VECTRON
100% 
Zoom Out Zoom In
   
 6 page
background image
USA: Vectron International • 267 Lowell Road, Hudson, NH 03051 . . . . . . Tel: 1-88-VECTRON-1 • Fax: 1-888-FAX-VECTRON
EUROPE: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Tel: 49 (0) 3328 4784 17 Ô Fax: 49 (0) 3328 4784 30
ASIA: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tel: +86 21 28909740 / 41 / 42 Ô Fax: +86 21 28909240 / 2890999ÔÔÔ
Vectron International reserves the right to make changes to the product(s) and/or information contained herein without notice.
No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
©2001, Vectron International.
Rev.22Oct01
, 16 Aug 02
www.vectron.com
For additional information please contact:
VC-800 Voltage Controlled Crystal Oscillator
Ordering Information
Other frequencies may be available upon request
NOTE: Not all combinations of options are available.
VC-800
K
A
C
G
T
J
Symmetry
J: 50 ±5%
K: 50 ±10%
Tri-state
T: Pin #2
Absolute Pull Range
G: ±50 ppm
N: ±80 ppm
Temperature Range
C: 0 to 70°C
F: -40 to 85°C
Product Family
VC=VCXO
Package
800: 5.0 x 3.2 x 1.5 mm
Input
K: 5.0V (±10%)
L: 3.3V (±10%)
Output
A: CMOS
MHz
Frequency
XX.XXX
4.096
8.192
12.960
13.500
16.000
16.384
17.664
25.920
27.000
32.000
32.768
35.328
44.736
51.840
Standard Frequencies - MHz



Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TCO-734AVoltage Controlled Crystal Oscillator VCXO 1 List of Unclassifed Manufacturers
VC-700Voltage Controlled Crystal Oscillator 1 2 3 4 5 MoreVectron International, Inc
K1536BLC3.3V 9x11mm Surface Mount Voltage Controlled Crystal Oscillator 1 2 MTRONPTI
VTC4Voltage Controlled Temperature Compensated Crystal Oscillator 1 2 3 4 5 MoreVectron International, Inc
VC-FXO-35FVoltage Controlled SMD Crystal Oscillator 1 Kyocera Kinseki Corpotation
VVC1Voltage Controlled Crystal Oscillator 1 2 3 4 5 MoreVectron International, Inc
LM1500Half Size Voltage Controlled Crystal Oscillator VCXO 1 List of Unclassifed Manufacturers
VX81SURFACE MOUNT VOLTAGE CONTROLLED CRYSTAL OSCILLATOR 1 2 List of Unclassifed Manufacturers
VC-501Voltage Controlled Crystal Oscillator 1 2 3 4 5 MoreVectron International, Inc
XO7080Voltage Controlled Crystal Oscillator 1 2 MTRONPTI

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl