Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LN526OA Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LN526OA
Description  Numeric Display
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LN526OA Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LN526OA Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
308
Unit: mm
Lead wire dimension
Amber
Orange
VF
IF
Max
IR
IO
Amber
Amber
Orange
Orange
Lighting
Color
2 Digit 14.4mm (.6”) Series
s Absolute Maximum Ratings (T
a = 25°C)
Lighting Color
Conventional Part No.
Global Prat No.
Lighting Color
LN526YA ·················· LNM426AA01 ·········· Amber
LN526YK ·················· LNM426KA01 ·········· Amber
LN526OA ·················· LNM826AA01 ·········· Orange
LN526OK ·················· LNM826KA01 ·········· Orange
★ IFPの条件は,duty 10%,Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
Numeric Display
LN526YA
LN526YK
LN526OA
LN526OK
Unit
Anode
Cathode
Anode
Cathode
µcd
µcd
µcd
mA
V
V
nm
nm
mA
µAV
s Electro
−Optical Characteristics (T
a = 25°C)
Conventional
Part No.
Common
Typ
Typ
Max
Typ
Typ
IF
VR
λ
P
∆λ
PD(mW)
IF(mA)
IFP(mA)
VR(V)
Topr(°C)
Tstg(°C)
60
60
20
20
100
100
5
3
−25 ∼ +80
−25 ∼ +80
−30 ∼ +85
−30 ∼ +85
Min
Typ
IO /d.p
800
800
1200
1200
300
300
300
300
300
300
500
500
10
10
10
10
2.2
2.2
2.1
2.1
2.8
2.8
2.8
2.8
590
590
630
630
30
30
40
40
20
20
20
20
10
10
10
10
5
5
3
3
Terminal Connection
Pin
No.
Assignment
1
Cathode e1
Assignment
2
3
4
5
6
7
8
9
10
Cathode d1
Cathode c1
Cathode dp1
Cathode e2
Cathode d2
Cathode g2
Cathode c2
Cathode dp2
Cathode b2
11
12
13
14
15
16
17
18
Cathode a2
Cathode f2
Common Anode D2
Common Anode D1
Cathode b1
Cathode a1
Cathode g1
Cathode f1
Anode e1
Anode d1
Anode c1
Anode dp1
Anode e2
Anode d2
Anode g2
Anode c2
Anode dp2
Anode b2
Anode a2
Anode f2
Common Cathode D2
Common Cathode D1
Anode b1
Anode a1
Anode g1
Anode f1
1.6
1.8
2.0
2.4
2.2
3
1
5
10
50
100
30
100
50
30
5
3
10
1
10000
5000
3000
500
300
1000
100
Forward Current
Ambient Temperature
IF VF
0
20
10
5
15
20
25
40
60
80
100
IF Ta
Forward Voltage
IO IF
0
LN526YA
LN526YA
LN526YA
LN526YK
LN526YK
LN
526O
A
LN526OA
LN
526O
A
10
°
8.0
12.5
25.1
± 0.25
4.5
2 –
φ 1.8
0.5
*2.54
± 0.1
2.54
× 8.0 = 20.32
18 17 16 15 14 13 12 11 10
123456789
a
c
d
D2
dp
b
f
g
e
D1


Similar Part No. - LN526OA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN526GA PANASONIC-LN526GA Datasheet
22Kb / 1P
   Numeric Display
LN526GK PANASONIC-LN526GK Datasheet
22Kb / 1P
   Numeric Display
LN526RA PANASONIC-LN526RA Datasheet
22Kb / 1P
   Numeric Display
LN526RGA PANASONIC-LN526RGA Datasheet
21Kb / 1P
   Two Color Lighting
LN526RK PANASONIC-LN526RK Datasheet
22Kb / 1P
   Numeric Display
More results

Similar Description - LN526OA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN513RA PANASONIC-LN513RA Datasheet
21Kb / 1P
   Numeric Display
LN513YA PANASONIC-LN513YA Datasheet
21Kb / 1P
   Numeric Display
LN513YAS PANASONIC-LN513YAS Datasheet
21Kb / 1P
   Numeric Display
LN514RA PANASONIC-LN514RA Datasheet
21Kb / 1P
   Numeric Display
LN518RA PANASONIC-LN518RA Datasheet
21Kb / 1P
   Numeric Display
LN523YAMY PANASONIC-LN523YAMY Datasheet
21Kb / 1P
   Numeric Display
LN543OAN8 PANASONIC-LN543OAN8 Datasheet
25Kb / 1P
   Numeric Display
LN5110OGAMW PANASONIC-LN5110OGAMW Datasheet
20Kb / 1P
   Numeric Display
LN514YA PANASONIC-LN514YA Datasheet
21Kb / 1P
   Numeric Display
LN516RA PANASONIC-LN516RA Datasheet
21Kb / 1P
   Numeric Display
LN523RAMR PANASONIC-LN523RAMR Datasheet
22Kb / 1P
   Numeric Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com