Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83627EHF Datasheet(PDF) 8 Page - Winbond

Part # W83627EHF
Description  evolving product from Winbonds most popular I/O family
Download  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83627EHF Datasheet(HTML) 8 Page - Winbond

Back Button W83627EHF Datasheet HTML 4Page - Winbond W83627EHF Datasheet HTML 5Page - Winbond W83627EHF Datasheet HTML 6Page - Winbond W83627EHF Datasheet HTML 7Page - Winbond W83627EHF Datasheet HTML 8Page - Winbond W83627EHF Datasheet HTML 9Page - Winbond W83627EHF Datasheet HTML 10Page - Winbond W83627EHF Datasheet HTML 11Page - Winbond W83627EHF Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 141 page
background image
W83627EHF/EF, W83627EHG/EG
-2-
2. FEATURES
General
Meet LPC Spec. 1.01
Support LDRQ#(LPC DMA), SERIRQ (Serial IRQ)
Integrated Hardware Monitor functions
Compliant with Microsoft PC2000/PC2001 Hardware Design Guide
Support DPM (Device Power Management), ACPI
Programmable configuration settings
Single 24 or 48 MHz clock input
It is 3.3V level but 5V tolerance support
--- Besides LPC function pins(Pin21 ~ Pin30) and H/W monitor analog pins(Pin95 ~ Pin110)
--- Input level can up to 5V and maximum input level can be up to 5V+10%
FDC
Compatible with IBM PC AT disk drive systems
Variable write pre-compensation with track selectable capability
Support vertical recording format
DMA enable logic
16-byte data FIFOs
Support floppy disk drives and tape drives
Detects all overrun and underrun conditions
Built-in address mark detection circuit to simplify the read electronics
FDD anti-virus functions with software write protect and FDD write enable signal (write data
signal was forced to be inactive)
Support up to four 3.5-inch or 5.25-inch floppy disk drives
Completely compatible with industry standard 82077
360K/720K/1.2M/1.44M/2.88M format; 250K, 300K, 500K, 1M, 2M bps data transfer rate
Support 3-mode FDD, and its Win95/98 driver
UART
Two high-speed 16550 compatible UARTs with 16-byte send/receive FIFOs
MIDI compatible
Fully programmable serial-interface characteristics:
--- 5, 6, 7 or 8-bit characters
--- Even, odd or no parity bit generation/detection
--- 1, 1.5 or 2 stop bits generation
Internal diagnostic capabilities:
--- Loop-back controls for communications link fault isolation
--- Break, parity, overrun, framing error simulation
Programmable baud rate generator allows division of 1.8461 MHz and 24 MHz by 1 to (216-1)
Maximum baud rate up to 921k bps for 14.769 MHz and 1.5M bps for 24 MHz


Similar Part No. - W83627EHF

ManufacturerPart #DatasheetDescription
logo
Winbond
W83627EHF WINBOND-W83627EHF Datasheet
1Mb / 144P
   WINBOND LPC I/O
W83627EHF_0611 WINBOND-W83627EHF_0611 Datasheet
1Mb / 144P
   WINBOND LPC I/O
More results

Similar Description - W83627EHF

ManufacturerPart #DatasheetDescription
logo
Winbond
W83877ATF WINBOND-W83877ATF Datasheet
1Mb / 47P
   enhanced version from Winbonds most popular I/O chip W83877F
logo
Picker Components
PCT91XL PICKER-PCT91XL Datasheet
574Kb / 3P
   Most Popular Power PCB Relay
PCT90XL PICKER-PCT90XL Datasheet
544Kb / 3P
   Most Popular Power PCB Relay
logo
Microchip Technology
MCP25050-IP MICROCHIP-MCP25050-IP Datasheet
1Mb / 66P
   CAN I/O Expander Family
12/08/06
MCP25050-I MICROCHIP-MCP25050-I Datasheet
1Mb / 66P
   CAN I/O Expander Family
12/08/06
MCP25020-E MICROCHIP-MCP25020-E Datasheet
668Kb / 66P
   CAN I/O Expander Family
12/08/06
MCP25020-ESL MICROCHIP-MCP25020-ESL Datasheet
668Kb / 66P
   CAN I/O Expander Family
12/08/06
MCP25020-I MICROCHIP-MCP25020-I Datasheet
668Kb / 66P
   CAN I/O Expander Family
12/08/06
MCP25050 MICROCHIP-MCP25050 Datasheet
602Kb / 56P
   CAN I/O EXPANDER FAMILY
2001
MCP2502X MICROCHIP-MCP2502X Datasheet
1Mb / 66P
   CAN I/O Expander Family
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com