Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE552R679A-T1 Datasheet(PDF) 6 Page - NEC

Part # NE552R679A-T1
Description  3.0 V OPERATION SILICON RF POWER LD-MOS FET FOR 460 MHz 0.6 W TRANSMISSION AMPLIFIERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE552R679A-T1 Datasheet(HTML) 6 Page - NEC

  NE552R679A-T1 Datasheet HTML 1Page - NEC NE552R679A-T1 Datasheet HTML 2Page - NEC NE552R679A-T1 Datasheet HTML 3Page - NEC NE552R679A-T1 Datasheet HTML 4Page - NEC NE552R679A-T1 Datasheet HTML 5Page - NEC NE552R679A-T1 Datasheet HTML 6Page - NEC NE552R679A-T1 Datasheet HTML 7Page - NEC NE552R679A-T1 Datasheet HTML 8Page - NEC NE552R679A-T1 Datasheet HTML 9Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Data Sheet PU10125EJ01V1DS
6
NE552R679A
PACKAGE DIMENSIONS
79A (UNIT: mm)
(Bottom View)
3.6±0.2
1.5±0.2
0.8 MAX.
Source
Gate
Drain
0.4±0.15
5.7 MAX.
4.2 MAX.
Source
Gate
Drain
79A PACKAGE RECOMMENDED P.C.B. LAYOUT (UNIT: mm)
1.7
4.0
Gate
Source
Drain
0.5
6.1
0.5
Through Hole: 0.2 × 33
φ
Stop up the hole with a rosin or
something to avoid solder flow.


Similar Part No. - NE552R679A-T1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE552R679A-T1 RENESAS-NE552R679A-T1 Datasheet
290Kb / 11P
   SILICON POWER MOS FET
2003
NE552R679A-T1A RENESAS-NE552R679A-T1A Datasheet
290Kb / 11P
   SILICON POWER MOS FET
2003
More results

Similar Description - NE552R679A-T1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE552R479A-T1-A CEL-NE552R479A-T1-A Datasheet
605Kb / 7P
   3.0 V OPERATION SILICON RF POWER LDMOS FET FOR 2.45 GHz 0.4 W TRANSMISSION AMPLIFIERS
NE5531079A CEL-NE5531079A Datasheet
382Kb / 8P
   7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
logo
Renesas Technology Corp
NE5531079A RENESAS-NE5531079A Datasheet
240Kb / 11P
   7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
logo
NEC
5510279A NEC-5510279A Datasheet
390Kb / 4P
   3.5 V OPERATION SILICON RF POWER MOSFET FOR GSM1800 TRANSMISSION AMPLIFIERS
logo
California Eastern Labs
NE5510279A CEL-NE5510279A Datasheet
42Kb / 5P
   3.5 V OPERATION SILICON RF POWER MOSFET FOR GSM1800 TRANSMISSION AMPLIFIERS
NE5510179A CEL-NE5510179A Datasheet
42Kb / 4P
   3.5 V OPERATION SILICON RF POWER MOSFET FOR 1.9 GHZ TRANSMISSION AMPLIFIERS
logo
NEC
NE5510279A NEC-NE5510279A Datasheet
39Kb / 5P
   3.5V OPERATION SILICON RF POWER MOSFET FOR GSM1800 TRANSMISSION AMPLIFIERS
logo
California Eastern Labs
NE5500179A CEL-NE5500179A Datasheet
43Kb / 5P
   4.8 V OPERATION SILICON RF POWER MOSFET FOR GSM1800 AND GSM1900 TRANSMISSION AMPLIFIERS
NE5511279A CEL-NE5511279A Datasheet
296Kb / 4P
   7.5 V UHF BAND RF POWER SILICON LD-MOS FET
logo
NEC
NE5510179A NEC-NE5510179A Datasheet
39Kb / 4P
   3.5V OPERATION SILICON RF POWER MOSFET FOR 1.9 GHZ TRANSMISSION AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com