Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR15XXCT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MBR15XXCT
Description  Dual Schottky Barrier Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR15XXCT Datasheet(HTML) 3 Page - Vishay Siliconix

  MBR15XXCT Datasheet HTML 1Page - Vishay Siliconix MBR15XXCT Datasheet HTML 2Page - Vishay Siliconix MBR15XXCT Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MBR15xxCT, MBRF15xxCT & MBRB15xxCT
Vishay Semiconductors
formerly General Semiconductor
Document Number 88670
www.vishay.com
01-Jul-02
3
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
Case Temperature (
°C)
Fig. 1 – Forward Current
Derating Curve
Fig. 3 – Typical Instantaneous
Forward Characteristics Per Leg
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig. 4 – Typical Reverse
Characteristics Per Leg
Fig. 6 – Typical Transient Thermal
Impedance Per Leg
0
50
100
150
0
5
10
15
20
25
Resistive or Inductive Load
1
10
100
50
25
75
100
125
150
175
Number of Cycles at 60 HZ
t, Pulse Duration (sec.)
Fig. 2 – Maximum Non-Repetitive
Peak Forward Surge Current Per Leg
TJ = TJ max.
8.3ms Single Half Sine-Wave
(JEDEC Method)
0.01
0.1
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
0
1
10
50
MBR1535 - MBR1545
MBR1550 & MBR1560
TJ = 125
°C
TJ = 25
°C
Pulse Width = 300
µs
1% Duty Cycle
0
20
40
60
80
100
0.001
0.01
0.1
1
10
50
MBR1535 - MBR1545
MBR1550 & MBR1560
TJ = 25
°C
TJ = 75
°C
TJ = 125
°C
0.1
1
10
100
10
100
1,000
4,000
Reverse Voltage (V)
Fig. 5 – Typical Junction
Capacitance Per Leg
TJ = 25°C
f = 1.0MHZ
Vsig = 50MVp-p
MBR1535 - MBR1545
MBR1550 & MBR1560
0.01
0.1
1
10
100
0.1
1
10
100


Similar Part No. - MBR15XXCT

ManufacturerPart #DatasheetDescription
logo
Nantong Hornby Electron...
MBR15XXCT HORNBY-MBR15XXCT Datasheet
275Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
First Silicon Co., Ltd
MBR15XXCT FS-MBR15XXCT Datasheet
322Kb / 3P
   Reverse Voltage 35 to 60 Volts Forward Current 15.0 Amperes
logo
Vishay Siliconix
MBR15XXCT VISHAY-MBR15XXCT_15 Datasheet
143Kb / 5P
   Dual Common Cathode Schottky Rectifier
Revision: 20-Jan-14
More results

Similar Description - MBR15XXCT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SBLF1640CT VISHAY-SBLF1640CT Datasheet
44Kb / 3P
   Dual Schottky Barrier Rectifier
11-Feb-02
MBR20HXX VISHAY-MBR20HXX Datasheet
85Kb / 3P
   Dual Schottky Barrier Rectifier
4-Feb-03
MBR40H60PT VISHAY-MBR40H60PT Datasheet
34Kb / 3P
   Dual Schottky Barrier Rectifier
4-Feb-03
logo
Won-Top Electronics
S16D30C WTE-S16D30C Datasheet
81Kb / 4P
   16A DUAL SCHOTTKY BARRIER RECTIFIER
SB1620FCT WTE-SB1620FCT_06 Datasheet
49Kb / 4P
   16A DUAL SCHOTTKY BARRIER RECTIFIER
SB1020CT WTE-SB1020CT_06 Datasheet
50Kb / 4P
   10A DUAL SCHOTTKY BARRIER RECTIFIER
SB2520CT WTE-SB2520CT_06 Datasheet
51Kb / 4P
   25A DUAL SCHOTTKY BARRIER RECTIFIER
S20D30C WTE-S20D30C Datasheet
48Kb / 4P
   20A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Luguang Electr...
SB2020CT LUGUANG-SB2020CT Datasheet
163Kb / 2P
   20A Dual Schottky Barrier Rectifier
logo
NTE Electronics
NTE6093 NTE-NTE6093 Datasheet
18Kb / 2P
   Silicon Rectifier Dual, Schottky Barrier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com