2 / 6 page
I/Q Modulator/Demodulator
850-960 MHz
MA4IQP900L-1291T
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
2
Electrical Specifications (Modulator) @ +25 °C
Parameter
Frequency Range
Test Conditions
Units
Min.
Avg.
Max.
Output Power
900 MHz
850-960 MHz
LO Drive = +8 dBm
I/Q = -7 dBm, I/Q = 200 kHz
dB
-7.1
-7.6
-6.5
-6.5
-
-
LO Carrier
Suppression
900 MHz
850-960 MHz
LO Drive = +8 dBm
I/Q = -7 dBm, I/Q = 200 kHz
dBc
-
-
31
34
-
-
SSB Rejection
900 MHz
850-960 MHz
LO Drive = +8 dBm
I/Q = -7 dBm, I/Q = 200 kHz
dBc
-
-
37
35
-
-
3 x 1 Harmonic
Suppression
900 MHz
850-960 MHz
LO Drive = +8 dBm
I/Q = -7 dBm, I/Q = 200 kHz
dBc
-
-
46
45
-
-
LO Return Loss
900 MHz
850-960 MHz
LO Drive = +8 dBm
dB
-
-
12
12
-
-
RF Return Loss
850-960 MHz
LO Drive = +8 dBm
dB
-
-
8.1
-
-
5 x 1 Harmonic
Suppression
900 MHz
850-960 MHz
LO Drive = +8 dBm
I/Q = -7 dBm, I/Q = 200 kHz
dBc
-
-
89
89
-
-
ACPR CDMA IS-95
880 MHz Carrier
Freq
LO Drive = +10 dBm
I/Q Power level = -7 dBm
dBc
60
63
-
-
Output Noise Floor
850-960 MHz
LO Drive = +10 dBm
I/Q Power level = -7 dBm
dBm/Hz
-
-
-163
-
-
Modulator Band Performance 850-960 MHz
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
850
860
870
880
890
900
910
920
930
940
950
960
FREQUENCY (MHz)
OUTPUT POWER
CARRIER SUPPRESSION
3rd HARMONIC
SSB REJECTION
5th HARMONIC