Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSC-3B2 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # OSC-3B2
Description  Ultra Miniature TCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

OSC-3B2 Datasheet(HTML) 1 Page - Vectron International, Inc

  OSC-3B2 Datasheet HTML 1Page - Vectron International, Inc OSC-3B2 Datasheet HTML 2Page - Vectron International, Inc OSC-3B2 Datasheet HTML 3Page - Vectron International, Inc OSC-3B2 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Data Sheet
OSC Series
Ultra Miniature TCXO s
Features
Low Cost
3.0 or 5.0 Vdc Option
Reflow Solderable
<2.2 mm Height
Voltage Tune Option
Applications
Wireless handsets, PCS, GSM, Cellular
PCMCIA Applications
GPS
Description
Vectron International has introduced a series of low-pro-
file, low cost,
surface mount, Temperature Compensated
Crystal Oscillators (TCXOs) available in frequencies
from 10 MHz to 50 MHz.
The OSC series low-profile (0.09 inch maximum height),
surface mount TCXOs can be mounted using the stan-
dard convection reflow process. The units feature a
PPM frequency vs. temperature characteristic over a
to
operating range and operate from a
3.0V or 5V supply. Current drain <2.0 mA. Aging
<1ppm/year and phase noise is -125 dBc/Hz at 100 Hz
and -150 dbc/Hz at 100 kHz.
The OSC series of TCXOs and TCVCXOs has been
designed for pick-and-place mounting and reflow sol-
dering. Units are available on tape-and-reel at no addi-
tional charge. The reel size is 2000 pcs. and is compati-
ble with EIAJ-1009B standards. The low-cost, miniature
units are ideal for wireless handsets, PCMCIA applica-
tions, and GPS receivers.


Similar Part No. - OSC-3B2

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
OSC-0.3C ASI-OSC-0.3C Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
OSC-0.7L ASI-OSC-0.7L Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
OSC-03C ASI-OSC-03C Datasheet
15Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
OSC-07L ASI-OSC-07L Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
OSC-1.3SH ASI-OSC-1.3SH Datasheet
19Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - OSC-3B2

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX351 FOX-FOX351 Datasheet
519Kb / 1P
   Ultra Miniature SMD HCMOS TCXO
logo
Connor-Winfield Corpora...
C31020.0M CONNOR-WINFIELD-C31020.0M Datasheet
90Kb / 2P
   Ultra-Miniature Precision TCXO / VCTCXO
logo
Fox Electronics
FOX251 FOX-FOX251 Datasheet
352Kb / 1P
   Ultra Miniature SMD HCMOS TCXO
FOX914 FOX-FOX914_09 Datasheet
170Kb / 1P
   3.0V Ultra Miniature SMD TCXO/VCTCXO
logo
Epson ToYoCom
TG-5010CG EPSONTOYOCOM-TG-5010CG Datasheet
312Kb / 2P
   TCXO ULTRA MINIATURE SIZE LOW PROFILE
TG-5021BA EPSONTOYOCOM-TG-5021BA Datasheet
414Kb / 2P
   TCXO ULTRA MINIATURE SIZE LOW PROFILE
logo
Fox Electronics
FOX914 FOX-FOX914 Datasheet
70Kb / 1P
   3.0V ULTRA MINIATURE SMD TCXO/VCTCXO
FOX914B FOX-FOX914B_13 Datasheet
495Kb / 1P
   3.0V Ultra Miniature SMD TCXO/VCTCXO
FOX914B-19.200 FOX-FOX914B-19.200 Datasheet
376Kb / 1P
   3.0V Ultra Miniature SMD TCXO/VCTCXO
FOX924B-19.440 FOX-FOX924B-19.440 Datasheet
118Kb / 2P
   3.3V Ultra Miniature SMD HCMOS TCXO/VCTCXO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com