Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6721C2 Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # PT6721C2
Description  high speed silicon NPN epitaxial planar phototransistor in a compact surface-mountable package.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PT6721C2 Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

  PT6721C2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd PT6721C2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PT6721C2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PT6721C2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PT6721C2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PT6721C2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PT6721C2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd PT6721C2 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image

EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER :
DTT-067-028
REV :
1.0
ECN :
PAGE :
6/7
Top Phototransistor
MODEL NO :
PT67-21B/C2/L41/TR8
 Test Method For Reverse Light Current
Condition: Ee=1mW/c
,V
CE=5V
Test Item: Collector Current
I
C(on)

(Unit:mA)
 Package Dimensions:


Similar Part No. - PT6721C2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT6721C EVERLIGHT-PT6721C Datasheet
163Kb / 10P
   Top Phototransistor
More results

Similar Description - PT6721C2

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N3724 NJSEMI-2N3724 Datasheet
1Mb / 2P
   HIGH SPEED NPN SILICON PLANAR EPITAXIAL
logo
OSRAM GmbH
SFH-3201 OSRAM-SFH-3201 Datasheet
435Kb / 13P
   Silicon NPN Phototransistor in SMT Package
SFH3500 OSRAM-SFH3500 Datasheet
257Kb / 8P
   Silicon NPN Phototransistor in SMR짰 Package
SFH-3600 OSRAM-SFH-3600 Datasheet
436Kb / 13P
   Silicon NPN Phototransistor in MIDLED package
SFH-3605 OSRAM-SFH-3605 Datasheet
429Kb / 13P
   Silicon NPN Phototransistor in MIDLED package
logo
ams AG
SFH3605 AMSCO-SFH3605 Datasheet
1Mb / 20P
   Silicon NPN Phototransistor in MIDLED package
Version 1.5 2023-06-16
logo
OSRAM GmbH
SFH-3500 OSRAM-SFH-3500 Datasheet
277Kb / 12P
   Silicon NPN Phototransistor in SMR짰 Package
logo
List of Unclassifed Man...
BPW42 ETC1-BPW42 Datasheet
148Kb / 3P
   Slicon NPN Epitaxial Planar Phototransistor
logo
GE Solid State
2N3878 GESS-2N3878 Datasheet
413Kb / 7P
   HIGH SPEED EPITAXIAL COLLECTOR SILICON NPN PLANAR TRANSISTORS
logo
List of Unclassifed Man...
BPW40 ETC1-BPW40 Datasheet
377Kb / 5P
   SILICON NPN EPITAXIAL PHOTOTRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com