Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT9121B Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # PT9121B
Description  1.9mm Round Subminiature Axial Phototransistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PT9121B Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  PT9121B Datasheet HTML 1Page - Everlight Electronics Co., Ltd PT9121B Datasheet HTML 2Page - Everlight Electronics Co., Ltd PT9121B Datasheet HTML 3Page - Everlight Electronics Co., Ltd PT9121B Datasheet HTML 4Page - Everlight Electronics Co., Ltd PT9121B Datasheet HTML 5Page - Everlight Electronics Co., Ltd PT9121B Datasheet HTML 6Page - Everlight Electronics Co., Ltd PT9121B Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2.5
0.1
1.8
0.1
Cathode
1.4
0.1
1.1
0.1
R0.8
0.1
0.75
0.1
7.0 min.
7.0 min.
EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER :
DPT-091-006
REV :
2.1
ECN :
PAGE :
2/7
1.9mm Round Subminiature Axial Phototransistor
MODEL NO :
PT91-21B



 Package Dimensions :



 Notes :
1.All dimensions are in millimeter.
2.Lens color
Black transparent.
3.Above specification may be changed without notice. EVERLIGHT will reserve authority
on material change for above specification.
4.These specification sheets include materials protected under copyright of EVERLIGHT
corporation . Please don’t reproduce or cause anyone to reproduce them without
EVERLIGHT’s consent.
5.When using this product , please observe the absolute maximum ratings and the
instructions for use outlined in these specification sheets. EVERLIGHT assumes no
responsibility for any damage resulting from use of the product which does not comply
with the absolute maximum ratings and the instructions included in these specification
sheets.


Similar Part No. - PT9121B

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT9121C EVERLIGHT-PT9121C Datasheet
249Kb / 7P
   1.9mm Round Subminiature
PT9121TR7 EVERLIGHT-PT9121TR7 Datasheet
249Kb / 7P
   1.9mm Round Subminiature
More results

Similar Description - PT9121B

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT91-21B EVERLIGHT-PT91-21B_07 Datasheet
188Kb / 9P
   1.9mm Round Subminiature Axial Phototransistor
PT91-21C EVERLIGHT-PT91-21C_05 Datasheet
245Kb / 9P
   1.9mm Round Subminiature Axial Phototransistor
PT91-21B-TR9 EVERLIGHT-PT91-21B-TR9 Datasheet
254Kb / 10P
   1.9mm Round Subminiature Yoke Lead Phototransistor
IR91-21C EVERLIGHT-IR91-21C_15 Datasheet
179Kb / 8P
   1.9mm Round Subminiature Axial Infrared LED
PT91-21C-TR10 EVERLIGHT-PT91-21C-TR10 Datasheet
258Kb / 10P
   1.9mm Round Subminiature??Z-Bend??Lead Phototransistor
PT91-21B-TR10 EVERLIGHT-PT91-21B-TR10 Datasheet
260Kb / 10P
   1.9mm Round Subminiature Z-Bend Lead Phototransistor
IR91-21C EVERLIGHT-IR91-21C Datasheet
200Kb / 9P
   1.9mm Round Subminiature Axial Infrared LED
EAISA2522A0 EVERLIGHT-EAISA2522A0 Datasheet
452Kb / 8P
   1.9mm Round Subminiature Axial Infrared LED
PT91-21B-TR7 EVERLIGHT-PT91-21B-TR7 Datasheet
265Kb / 10P
   1.9mm Round Subminiature Gull Wing Lead Phototransistor
PT91-21C EVERLIGHT-PT91-21C Datasheet
249Kb / 7P
   1.9mm Round Subminiature
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com