Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT91-21C Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # PT91-21C
Description  1.9mm Round Subminiature
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PT91-21C Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  PT91-21C Datasheet HTML 1Page - Everlight Electronics Co., Ltd PT91-21C Datasheet HTML 2Page - Everlight Electronics Co., Ltd PT91-21C Datasheet HTML 3Page - Everlight Electronics Co., Ltd PT91-21C Datasheet HTML 4Page - Everlight Electronics Co., Ltd PT91-21C Datasheet HTML 5Page - Everlight Electronics Co., Ltd PT91-21C Datasheet HTML 6Page - Everlight Electronics Co., Ltd PT91-21C Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
       
       
              
  

 

  









V
30
V

V
5V
 
I
20
mA
!! 
Topr
-25 ~ +85

! 
Tstg
-40 ~ +85

""! 
Tsol
260

#$%%!&#'
()


*! 
Pc
75


    !"   



!
+

"

,-"#
BV
30
----
----
V
I=100A
Ee=0mW/c


,-"#
BV
5
----
----
V
I=100A
Ee=0mW/c


 
V
----
----
0.4
V
I=2mA
Ee=1mW/c

%
t
----
15
----
*
t
----
15
----
S
V=5V
I=1mA
R =1000
$- 
I
----
----
100
nA
E =0mW/c
V=20V
 
I
1.0
1.5
----
mA
E =1mW/c
V=5V
./01
-%/

----
860
----
nm
----
1!,"#"0

----
400-1200
----
nm
----


Similar Part No. - PT91-21C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT91-21C EVERLIGHT-PT91-21C Datasheet
245Kb / 9P
   1.9mm Round Subminiature Axial Phototransistor
PT91-21C-TR10 EVERLIGHT-PT91-21C-TR10 Datasheet
258Kb / 10P
   1.9mm Round Subminiature??Z-Bend??Lead Phototransistor
PT91-21C-TR7 EVERLIGHT-PT91-21C-TR7 Datasheet
249Kb / 10P
   1.9mm Round Subminiature ?쏥ull Wing?쒵ead
PT91-21C EVERLIGHT-PT91-21C_05 Datasheet
245Kb / 9P
   1.9mm Round Subminiature Axial Phototransistor
More results

Similar Description - PT91-21C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
95-21SUBC EVERLIGHT-95-21SUBC Datasheet
227Kb / 10P
   1.9mm Round Subminiature Lead LEDs
95-21SUGC EVERLIGHT-95-21SUGC Datasheet
221Kb / 10P
   1.9mm Round Subminiature Lead LEDs
95-21UBC EVERLIGHT-95-21UBC Datasheet
219Kb / 10P
   1.9mm Round Subminiature Lead LEDs
91-21SURC-S530-XX-XXX EVERLIGHT-91-21SURC-S530-XX-XXX Datasheet
253Kb / 11P
   1.9mm Round Subminiature Lead LEDs
logo
HK TO-GRACE TECHNOLOGY ...
95-21SUBC-S400-XX-XXX TO-GRACE-95-21SUBC-S400-XX-XXX Datasheet
834Kb / 10P
   1.9mm Round Subminiature Lead LEDs
logo
Everlight Electronics C...
95-21SUBC-S400-XX-XXX EVERLIGHT-95-21SUBC-S400-XX-XXX Datasheet
231Kb / 10P
   1.9mm Round Subminiature Lead LEDs
95-21UYC-S530-XX-XX EVERLIGHT-95-21UYC-S530-XX-XX Datasheet
297Kb / 10P
   1.9mm Round Subminiature Lead LEDs
logo
HK TO-GRACE TECHNOLOGY ...
95-21SYGC-S530-XX-XXX TO-GRACE-95-21SYGC-S530-XX-XXX Datasheet
741Kb / 11P
   1.9mm Round Subminiature Lead LED
91-21SUBC-S400-XX-XXX TO-GRACE-91-21SUBC-S400-XX-XXX Datasheet
1,005Kb / 10P
   1.9mm Round Subminiature Lead LEDs
91-21SURC-S530-XX-XXX TO-GRACE-91-21SURC-S530-XX-XXX Datasheet
1Mb / 11P
   1.9mm Round Subminiature Lead LEDs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com